Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5121SDI-50-T Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT5121SDI-50-T
Description  16-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5121SDI-50-T Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT5121SDI-50-T Datasheet HTML 1Page - Catalyst Semiconductor CAT5121SDI-50-T Datasheet HTML 2Page - Catalyst Semiconductor CAT5121SDI-50-T Datasheet HTML 3Page - Catalyst Semiconductor CAT5121SDI-50-T Datasheet HTML 4Page - Catalyst Semiconductor CAT5121SDI-50-T Datasheet HTML 5Page - Catalyst Semiconductor CAT5121SDI-50-T Datasheet HTML 6Page - Catalyst Semiconductor CAT5121SDI-50-T Datasheet HTML 7Page - Catalyst Semiconductor CAT5121SDI-50-T Datasheet HTML 8Page - Catalyst Semiconductor CAT5121SDI-50-T Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CAT5120, CAT5121, CAT5122
16-Tap MiniPot™ Digitally Programmable Potentiometers
with 2-Wire Interface
FEATURES
s 0.3
µA Ultra-low supply current
s Single-supply operation: 2.7 V to 5.5 V
s Glitchless switching between resistor taps
s Power-on reset to midscale
APPLICATIONS
s LCD screen adjustment
s Volume control
s Mechanical potentiometer replacement
PIN CONFIGURE
DESCRIPTION
CAT5120/5121/5122 linear-taper digitally programmable
potentiometers perform the same function as a
mechanical potentiometer or a variable resistor. These
devices consist of a fixed resistor and a wiper contact
with 32-tap points that are digitally controlled through a
2-wire up/down serial interface.
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Doc. No. 2121, Rev. A
1
ALO
GEN FR
TM
LEAD FREE
The CAT5120 is configured as a potentiometer. The
CAT5121 and CAT5122 are configured as variable
resistors. See Pin Configurations for part functionality.
Three resistance values are available: 10k
Ω , 50kΩ and
100k
Ω. These are available in space-saving 5-pin and
6-pin SC70 and SOT-23 packages.
s 2-Wire up/down serial interface
s Resistance values: 10k
Ω,
Ω,
Ω,
Ω,
Ω, 50kΩ
Ω and 100kΩ
s Available in SC70 and SOT-23 packages
s Gain adjustment
s Line impedance matching
FUNCTIONAL DIAGRAM
GND
CS
U/D
15 H
VDD
2
CAT5122
34
GND
CS
U/D
16 H
VDD
2
34
W
5
CAT5120
GND
CS
U/D
16 H
VDD
2
L
5
CAT5121
34
Top View
VDD
GND
CS
H
L
W
U/D
UP/DN
Counter
16-Position
Decoder


Similar Part No. - CAT5121SDI-50-T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5121SDI-50-GT10 CATALYST-CAT5121SDI-50-GT10 Datasheet
689Kb / 13P
   16-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
CAT5121SDI-50-GT3 CATALYST-CAT5121SDI-50-GT3 Datasheet
689Kb / 13P
   16-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
More results

Similar Description - CAT5121SDI-50-T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5120 CATALYST-CAT5120_08 Datasheet
298Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5120 ONSEMI-CAT5120 Datasheet
740Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2121 Rev. G
logo
Catalyst Semiconductor
CAT5120 CATALYST-CAT5120_07 Datasheet
689Kb / 13P
   16-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5110SDI-10-GT3 ONSEMI-CAT5110SDI-10-GT3 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
CAT5110 ONSEMI-CAT5110 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
logo
Catalyst Semiconductor
CAT5110 CATALYST-CAT5110_08 Datasheet
295Kb / 15P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110 Datasheet
163Kb / 11P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110_07 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5123 CATALYST-CAT5123 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5419WI-25 ONSEMI-CAT5419WI-25 Datasheet
219Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com