Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK1171110-F15-C0-V103 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RK1171110-F15-C0-V103
Description  11mm Size Metal Shaft Low-profile Potentiometer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RK1171110-F15-C0-V103 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RK1171110-F15-C0-V103 Datasheet HTML 1Page - List of Unclassifed Manufacturers RK1171110-F15-C0-V103 Datasheet HTML 2Page - List of Unclassifed Manufacturers RK1171110-F15-C0-V103 Datasheet HTML 3Page - List of Unclassifed Manufacturers RK1171110-F15-C0-V103 Datasheet HTML 4Page - List of Unclassifed Manufacturers RK1171110-F15-C0-V103 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Metal
Shaft
Rotary
Potentiometers
29
Slide
Potentiometers
Trimmer
Potentiometers
Multi Control
Devices
Position Sensors
Insulated
Shaft
Knob
Operating
Number of
resistor elements
Mounting
direction
Shaft
type
Length
of the shaft
(mm)
Center
detent
Total
resistance
(kΩ)
Resistance
taper
Products No.
Minimum
packing unit
(pcs.)
Drawing
No.
Single-unit
Vertical
type
Flat
20
Without
With
10
1B
RK117111400C
RK1171114D01
100
3
Number of
resistor elements
Mounting
direction
Shaft
type
Length
of the shaft
(mm)
Number
of detent
Total
resistance
(kΩ)
Resistance
taper
Products No.
Minimum
packing unit
(pcs.)
Drawing
No.
Single-unit
Vertical type
Flat
15
41
50
1B
RK1171114V02
100
4
11mm Size Metal Shaft Low-profile Potentiometer
RK117 Series
Recommended Products List
Single-shaft push-on
(0.5mm stroke)switch type
Single-shaft push-on
(1.5mm stroke)switch type
For resistance taper, see P.226
For other detailed specifications, see P.48, 49
Additional products other than the above recommended products are available. For inquiries, contact our sales
department.
Note
Product Specifications
Dimensions of Shaft
Flat type
L1
LB
C1
Shaft shown in full CCW
position.
60˚
ø7
R
Total Resistance Variety
In addition to the recommended products, the following specifications can also be accommodated.
Total resistance
(kΩ)
10
20
50
Resistance Taper
Resistance taper
15A
1B
3B
Detent and Attached switch
Detent
Without
Center
41
0.5, 1.5mm
Single-shaft, Single-unit
Attached switches travel
Variety
Items
Detail dimensions
(mm)
L1
(15)
7
5
(20)
7
10
(25)
7
12
※LB
R
Unit : mm
※LB is only available in 7mm, and does not support M7(with screws)
.
Note


Similar Part No. - RK1171110-F15-C0-V103

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK117111000A ALPS-RK117111000A Datasheet
277Kb / 5P
   11mm Size Metal Shaft Low-profile Type
RK117111000N ALPS-RK117111000N Datasheet
277Kb / 5P
   11mm Size Metal Shaft Low-profile Type
RK1171110W03 ALPS-RK1171110W03 Datasheet
277Kb / 5P
   11mm Size Metal Shaft Low-profile Type
RK1171110W04 ALPS-RK1171110W04 Datasheet
277Kb / 5P
   11mm Size Metal Shaft Low-profile Type
RK1171110W0D ALPS-RK1171110W0D Datasheet
277Kb / 5P
   11mm Size Metal Shaft Low-profile Type
More results

Similar Description - RK1171110-F15-C0-V103

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK117 ALPS-RK117 Datasheet
277Kb / 5P
   11mm Size Metal Shaft Low-profile Type
EC11 ALPS-EC11 Datasheet
596Kb / 9P
   11mm Size Metal Shaft Type
EC11 ALPS-EC11_15 Datasheet
1Mb / 14P
   11mm Size Metal Shaft Type
EM11B ALPS-EM11B Datasheet
842Kb / 4P
   11mm Size Metal Shaft Magnetic Type
RK119 ALPS-RK119 Datasheet
313Kb / 6P
   11mm Size Metal Shaft Reflow Type
logo
HOKURIKU ELECTRIC INDUS...
ES11MH227S2 HOKURIKU-ES11MH227S2 Datasheet
128Kb / 1P
   Metal Shaft Encoder 11mm Size Type
logo
ALPS ELECTRIC CO.,LTD.
EC11J ALPS-EC11J Datasheet
432Kb / 4P
   11mm Size Metal Shaft Long Life Type
RK11K ALPS-RK11K Datasheet
203Kb / 5P
   11mm Size Insulated Shaft Snap-in Type
logo
Bourns Electronic Solut...
PTV111 BOURNS-PTV111 Datasheet
112Kb / 2P
   11mm Potentiometer
logo
ALPS ELECTRIC CO.,LTD.
EC20A ALPS-EC20A_15 Datasheet
924Kb / 5P
   20mm Size Metal Shaft Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com