Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT4237TD Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT4237TD
Description  High Voltage CMOS Boost White LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT4237TD Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT4237TD Datasheet HTML 5Page - Catalyst Semiconductor CAT4237TD Datasheet HTML 6Page - Catalyst Semiconductor CAT4237TD Datasheet HTML 7Page - Catalyst Semiconductor CAT4237TD Datasheet HTML 8Page - Catalyst Semiconductor CAT4237TD Datasheet HTML 9Page - Catalyst Semiconductor CAT4237TD Datasheet HTML 10Page - Catalyst Semiconductor CAT4237TD Datasheet HTML 11Page - Catalyst Semiconductor CAT4237TD Datasheet HTML 12Page - Catalyst Semiconductor CAT4237TD Datasheet HTML 13Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
CAT4237
© 2005 Catalyst Semiconductor, Inc.
10 of 13
Doc. No. 5013, Rev. A
Characteristics subject to change without notice
DIMMING CONTROL
There are several methods available to
control the LED brightness.
§
PWM signal on the SHDN* pin
LED brightness dimming can be done by
applying a PWM signal to the SHDN* input.
The LED current is repetitively turned on and
off,
so
that
the
average
current
is
proportional to the duty cycle. A 100% duty
cycle, with SHDN* always high, corresponds
to the LEDs at nominal current. Figure 1
shows a 1kHz signal with a 50% duty cycle
applied
to
the
SHDN*
pin.
The
recommended PWM frequency range is from
100Hz to 2kHz.
Figure 1. Switching waveform
with 1kHz PWM on SHDN*
§
Filtered PWM signal
A filtered PWM signal used as a variable DC
voltage can control the LED current. Figure 2
shows the PWM control circuitry connected to
the CAT4237 FB pin. The PWM signal has a
voltage swing of 0V to 2.5V. The LED current
can be dimmed within a range from 0 to
20mA. The PWM signal frequency can vary
from very low frequency up to 100kHz.
Figure 2. Circuit for filtered PWM signal
A PWM signal at 0V DC, or a 0% duty cycle,
results in a max LED current of about 22mA.
A PWM signal with a 93% duty cycle or
more, results in an LED current of 0mA.


Similar Part No. - CAT4237TD

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4237TD CATALYST-CAT4237TD Datasheet
302Kb / 14P
   High Voltage CMOS Boost White LED Driver
CAT4237TD-GT3 CATALYST-CAT4237TD-GT3 Datasheet
301Kb / 14P
   High Voltage CMOS Boost White LED Driver
logo
ON Semiconductor
CAT4237TD-GT3 ONSEMI-CAT4237TD-GT3 Datasheet
294Kb / 14P
   High Voltage CMOS Boost White LED Driver
Doc. No. MD-5013, Rev. C
CAT4237TD-GT3 ONSEMI-CAT4237TD-GT3 Datasheet
279Kb / 13P
   High Voltage CMOS Boost White LED Driver
February, 2010 ??Rev. 2
CAT4237TD-GT3 ONSEMI-CAT4237TD-GT3 Datasheet
270Kb / 12P
   High Voltage CMOS Boost White LED Driver
November, 2011 ??Rev. 3
More results

Similar Description - CAT4237TD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4237 ONSEMI-CAT4237 Datasheet
279Kb / 13P
   High Voltage CMOS Boost White LED Driver
February, 2010 ??Rev. 2
CAT4237 ONSEMI-CAT4237_11 Datasheet
270Kb / 12P
   High Voltage CMOS Boost White LED Driver
November, 2011 ??Rev. 3
CAT4237TD-T3 ONSEMI-CAT4237TD-T3 Datasheet
294Kb / 14P
   High Voltage CMOS Boost White LED Driver
Doc. No. MD-5013, Rev. C
logo
Catalyst Semiconductor
CAT4237 CATALYST-CAT4237_07 Datasheet
302Kb / 14P
   High Voltage CMOS Boost White LED Driver
CAT4237 CATALYST-CAT4237_08 Datasheet
301Kb / 14P
   High Voltage CMOS Boost White LED Driver
CAT37 CATALYST-CAT37_05 Datasheet
557Kb / 12P
   CMOS White LED Driver Boost Converter
logo
ON Semiconductor
CAT37 ONSEMI-CAT37 Datasheet
149Kb / 11P
   CMOS White LED Driver Boost Converter
February, 2010 ??Rev. 21
logo
Catalyst Semiconductor
CAT4137 CATALYST-CAT4137 Datasheet
302Kb / 14P
   CMOS Boost Converter - White LED Driver
logo
ON Semiconductor
CAT37TDI-T3 ONSEMI-CAT37TDI-T3 Datasheet
187Kb / 13P
   CMOS White LED Driver Boost Converter
Doc. No. MD-5005 Rev. V
CAT4137TD-T3 ONSEMI-CAT4137TD-T3 Datasheet
251Kb / 16P
   CMOS Boost Converter - White LED Driver
Doc. No. MD-5012 Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com