Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58620L Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY58620L
Description  Precision 4.25Gbps CML Backplane Transceiver with Integrated Loopback
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58620L Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY58620L Datasheet HTML 5Page - Micrel Semiconductor SY58620L Datasheet HTML 6Page - Micrel Semiconductor SY58620L Datasheet HTML 7Page - Micrel Semiconductor SY58620L Datasheet HTML 8Page - Micrel Semiconductor SY58620L Datasheet HTML 9Page - Micrel Semiconductor SY58620L Datasheet HTML 10Page - Micrel Semiconductor SY58620L Datasheet HTML 11Page - Micrel Semiconductor SY58620L Datasheet HTML 12Page - Micrel Semiconductor SY58620L Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Micrel, Inc.
SY58620L
September 2005
9
M9999-093005-B
hbwhelp@micrel.com or (408) 955-1690
LOS DC Electrical Characteristics
VCC = 3.3V ±10%; TA = –40°C to +85°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VLOSLVL
LOSLVL Voltage Range
VREF
VCC
V
VOH
Output HIGH Voltage
ISOURCE = -100µA; VCC ≥ 3.3V
2.4
V
VOL
Output LOW Voltage
IOL = 2mA
0.5
V
VSR
LOS Sensitivity Range
7
35
mVPP
RLOSLVL = 10kΩ
2
7-1 Data Pattern, Note 7
622Mbps
15
mV
LOSAL
Low LOS Assert Level
4.25Gbps
10
mV
RLOSLVL = 10kΩ
2
7-1 Data Pattern, Note 7
622Mbps
20
mV
LOSDL
Low LOS De-assert Level
4.25Gbps
15
mV
RLOSLVL = 10kΩ, limiting mode
2
7-1 Data Pattern, Note 6 and 7
622Mbps
3
dB
HYSL
Low LOS Hysteresis
4.25Gbps
5.5
dB
RLOSLVL = 5kΩ
2
7-1 Data Pattern, Note 7
622Mbps
20
mV
LOSAM
Medium LOS Assert Level
4.25Gbps
15
mV
RLOSLVL = 5kΩ
2
7-1 Data Pattern, Note 7
622Mbps
30
mV
LOSDM
Medium LOS De-assert Level
4.25Gbps
25
mV
RLOSLVL = 5kΩ, limiting mode
2
7-1 Data Pattern, Note 6 and 7
622Mbps
4
dB
HYSM
Medium LOS Hysteresis
4.25Gbps
5.5
dB
RLOSLVL = 1kΩ
2
7-1 Data Pattern, Note 7
622Mbps
35
mV
LOSAH
High LOS Assert Level
4.25Gbps
30
mV
RLOSLVL = 1kΩ
2
7-1 Data Pattern, Note 7
622Mbps
60
mV
LOSDH
High LOS De-assert Level
4.25Gbps
55
mV
RLOSLVL = 1kΩ, limiting mode
2
7-1 Data Pattern, Note 6 and 7
622Mbps
5
dB
HYSH
High LOS Hysteresis
4.25Gbps
5.5
dB
Notes:
6. Hysteresis is defined as: 20Log10
dB.
age
assertVolt
SD_De
oltage
SD_AssertV
⎟⎟
⎜⎜
7. See the “Typical Operating Characteristics” section for more details on RLOSLVL and its associated LOS assert and de-assert amplitudes for a
2
7-1 PRBS data pattern. See the “PRBS Discussion” section for more details on the 27-1 PRBS data pattern.


Similar Part No. - SY58620L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58620L MICREL-SY58620L Datasheet
303Kb / 19P
   Precision 3.2Gbps CML/LVPECL Backplane Transceiver with Integrated Loopback
SY58620L MICREL-SY58620L Datasheet
311Kb / 18P
   Precision 4.25Gbps CML Backplane Transceiver with Integrated Loopback
SY58620L MICREL-SY58620L Datasheet
608Kb / 18P
   Precision 4.25Gbps CML Backplane
SY58620LMG MICREL-SY58620LMG Datasheet
608Kb / 18P
   Precision 4.25Gbps CML Backplane
SY58620LMG MICREL-SY58620LMG Datasheet
311Kb / 18P
   Precision 4.25Gbps CML Backplane Transceiver with Integrated Loopback
More results

Similar Description - SY58620L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58620L MICREL-SY58620L_06 Datasheet
311Kb / 18P
   Precision 4.25Gbps CML Backplane Transceiver with Integrated Loopback
SY58621L MICREL-SY58621L Datasheet
303Kb / 19P
   Precision 3.2Gbps CML/LVPECL Backplane Transceiver with Integrated Loopback
SY58620L MICREL-SY58620L_10 Datasheet
608Kb / 18P
   Precision 4.25Gbps CML Backplane
SY58609U MICREL-SY58609U_10 Datasheet
759Kb / 14P
   4.25Gbps Precision, CML 2:1 MUX with
SY58606U MICREL-SY58606U_11 Datasheet
698Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer
SY58603U MICREL-SY58603U Datasheet
677Kb / 13P
   4.25Gbps Precision CML Buffer with Internal Termination and Fail Safe Input
SY58621L MICREL-SY58621L_10 Datasheet
1Mb / 20P
   Precision 3.2Gbps CML/LVPECL Backplane
SY58609U MICREL-SY58609U Datasheet
823Kb / 14P
   4.25Gbps Precision, CML 2:1 MUX with Internal Termination and Fail Safe Input
SY88403BL MICREL-SY88403BL_10 Datasheet
501Kb / 12P
   3.3V 4.25Gbps CML Low-Power Limiting
SY58606U MICREL-SY58606U_09 Datasheet
581Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com