Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-7833 Datasheet(PDF) 1 Page - California Eastern Labs

Part # MC-7833
Description  NECs 870 MHz GaAs CATV PUSH-PULL AMPLIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

MC-7833 Datasheet(HTML) 1 Page - California Eastern Labs

  MC-7833 Datasheet HTML 1Page - California Eastern Labs MC-7833 Datasheet HTML 2Page - California Eastern Labs MC-7833 Datasheet HTML 3Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NEC's 870 MHz GaAs CATV
PUSH-PULL AMPLIFIER
MC-7831
MC-7832
MC-7833
OUTLINE DIMENSIONS (Units in mm)
PACKAGE OUTLINE H02
FEATURES
• GaAs ACTIVE DEVICES
• LOW DISTORTION
• HIGH LINEAR GAIN:
MC-7831 - GL = 18 dB MIN at f = 870 MHz
MC-7832 - GL = 22 dB MIN at f = 870 MHz
MC-7833 - GL = 25 dB MIN at f = 870 MHz
• LOW RETURN LOSS
• LOW GAIN CHANGE OVER TEMPERATURE
• SPECIFIED FOR 79, 110, and 132 CHANNELS
PERFORMANCE
• HIGH RELIABILITY AND RUGGEDNESS:
Withstands environmental extremes as well as Silicon
devices (Surge, ESD, Etc.)
DESCRIPTION
NEC's MC-7831, MC-7832, and MC-7833 are GaAs Multi-
Chip Modules designed for use as input stages in CATV ap-
plications up to 870 MHz. The only difference between these
devices is gain, which is 18 dB, 22 dB, and 25 dB respec-
tively. Because these units are GaAs devices they have low
distortion, low noise figure, and low return loss across the entire
frequency band.
Like the previous generation of products, these devices sur-
vive such hazards as surge and ESD as well as their silicon
competitors, but deliver superior performance with low DC
current required. All devices are assembled and tested using
fully automated equipment to maximize consistency in part to
part performance, and reliability is assured by NEC's strin-
gent quality and process control procedures. These parts come
in industry compatible hybrid packages.
VDD
9
1
In
Out
Gnd
23 7 8
2.54±0.38
21.5 MAX
6-32 unc 2B
2.54±0.25
1 2 3 5
789
4.19±0.13
14.85 MAX
4.25
+ 0.25
- 0.35
4.0±0.25
5
10.75±0.25
27.5 MAX
38.1±0.25
45.08 MAX
0.51±0.050
3.2 MAX
A
0.38.. A
25.4±0.25
19.05±0.38
8.1 MAX
2.5
6.3
±0.05
California Eastern Laboratories
APPLICATIONS
• CATV HEADEND SYSTEMS
• CATV OPTICAL NODES
• CATV DISTRIBUTION AMPS
ELECTRICAL CHARACTERISTICS (TA = 30±5 °C, VDD = 24 V, ZS = ZL = 75 Ω)
PART NUMBER
MC-7831
MC-7832
MC-7833
SYMBOLS
CHARACTERISTICS
UNITS
MIN
TYP MAX MIN
TYP MAX
MIN
TYP MAX
TEST CONDITIONS
BW
Frequency Range
MHz
50
870
50
870
50
870
GL
Linear Gain
dB
18.0
19.0 22.0
23.0
25.0
26.0
f = 870 MHz
S
Gain Slope
dB
0.2
1.0
0.6
1.4
1.0
1.8
f = 40 to 870 MHz
Gf
Gain Flatness
dB
0.7
0.7
0.7
40 to 870 MHz;
Peak to Valley
NF
Noise Figure 1
dB
6.5
6.0
5.5
f = 50 MHz
Noise Figure 2
7.0
6.5
6.0
f = 870 MHz
RL
Input/Output Return Loss
dB
20.0
20.0
20.0
40 to 160MHz
19.0
19.0
19.0
160 to 320 MHz
17.5
17.5
17.5
320 to 640 MHz
16.0
16.0
16.0
640 to 870 MHz
IDD
Operating Current
mA
180
240
180
240
180
240
RF OFF
CTB
Composite Triple Beat
dBc
-59
-57
-59
-57
-59
-57
f = 40 to 870 MHz
XMod
Cross Modulation1dBc
dBc
-51
-50
-53
-50
-53
-50
110 Channels,
CSO
Composite Second Order
dBc
-63
-57
-60
-57
-61
-57
VOUT = 44 dBmV, Flat
1. Measured per US standard methods and procedures (using selective level meter).


Similar Part No. - MC-7833

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
MC-7833 CEL-MC-7833 Datasheet
281Kb / 7P
   870 MHz CATV 25 dB PUSH-PULL AMPLIFIER
logo
NEC
MC-7833 NEC-MC-7833 Datasheet
61Kb / 6P
   GaAs MULTI-CHIP MODULE
logo
Renesas Technology Corp
MC-7833 RENESAS-MC-7833 Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2006
logo
California Eastern Labs
MC-7833-AZ CEL-MC-7833-AZ Datasheet
281Kb / 7P
   870 MHz CATV 25 dB PUSH-PULL AMPLIFIER
logo
NEC
MC-7833-AZ NEC-MC-7833-AZ Datasheet
61Kb / 6P
   GaAs MULTI-CHIP MODULE
More results

Similar Description - MC-7833

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
MC-7834-KC CEL-MC-7834-KC_07 Datasheet
234Kb / 3P
   NECs 870 MHz GaAs CATV 20 dB PUSH-PULL AMPLIFIER
logo
NEC
MC-7834-KC NEC-MC-7834-KC Datasheet
86Kb / 2P
   870 MHz GaAs CATV 20 dB PUSH-PULL AMPLIFIER
logo
California Eastern Labs
MC7884 CEL-MC7884 Datasheet
82Kb / 2P
   NECs 870 MHz GaAs CATV POWER DOUBLER AMPLIFIER
logo
NEC
MC-7845 NEC-MC-7845 Datasheet
108Kb / 2P
   NECs 870 MHz GaAs CATV POWER DOUBLER AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7832_2015 JMNIC-MC-7832_2015 Datasheet
60Kb / 6P
   870 MHz CATV 22 dB PUSH-PULL AMPLIFIER
logo
ANADIGICS, Inc
ACA2402 ANADIGICS-ACA2402 Datasheet
215Kb / 16P
   750/870 MHz CATV Push-Pull Line Amplifier
logo
California Eastern Labs
MC-7832 CEL-MC-7832_1 Datasheet
280Kb / 7P
   870 MHz CATV 22 dB PUSH-PULL AMPLIFIER
MC-7833 CEL-MC-7833_06 Datasheet
281Kb / 7P
   870 MHz CATV 25 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7833_2015 JMNIC-MC-7833_2015 Datasheet
61Kb / 6P
   870 MHz CATV 25 dB PUSH-PULL AMPLIFIER
logo
ANADIGICS, Inc
ACA2402E ANADIGICS-ACA2402E_12 Datasheet
357Kb / 10P
   750/870 MHz CATV Push-Pull Line Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com