Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT661ESA-TE13 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT661ESA-TE13
Description  High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT661ESA-TE13 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT661ESA-TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT661ESA-TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT661ESA-TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT661ESA-TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT661ESA-TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT661ESA-TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT661ESA-TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT661ESA-TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT661ESA-TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CAT661
3
Doc. No. 5003, Rev. J
ABSOLUTE MAXIMUM RATINGS
V+ to GND ............................................................. 6V
Input Voltage (Pins 1, 6 and 7) .. -0.3V to (V+ + 0.3V)
BOOST/FC and OSC Input Voltage ........... The least
negative of (Out - 0.3V) or (V+ - 6V) to (V+ + 0.3V)
Output Short-circuit Duration to GND .............. 1 sec.
(OUT may be shorted to GND for 1 sec without damage but
shorting OUT to V+ should be avoided.)
Continuous Power Dissipation (TA = 70
°C)
Plastic DIP ................................................ 730mW
SO ............................................................ 500mW
TDFN ............................................................... 1W
Operating Ambient Temperature Ranges
CAT661E .............. -40
°C to 85°C
Storage Temperature ......................... -65
°C to 160°C
Lead Soldering Temperature (10 sec) ............. 300
°C
ESD Rating-Human Body Model ..................... 2000V
Note: TA = Ambient Temperature
These are stress ratings only and functional operation is not
implied. Exposure to absolute maximum ratings for prolongued
time periods may affect device reliability. All voltages are with
respect to ground.
Parameter
Symbol
Conditions
Min.
Typ
Max.
Units
Inverter: LV = Open. RL = 1k
3.0
5.5
V
Supply Voltage
VS
Inverter: LV = GND. RL = 1k
1.5
5.5
Doubler: LV = OUT. RL = 1k
2.5
5.5
Supply Current
IS
BOOST/FC = open, LV = Open
0.2
0.5
mA
BOOST/FC = V+ , LV = Open
1
3
Output Current
IOUT
OUT is more negative than -4V
100
mA
Output Resistance
RO
C1 = C2 = 10
µF,
3.5
10
BOOST/FC = V+ (C1, C2 ESR
≤ 0.5Ω)
C1 = C2 = 100
µF (Note 2)
3.5
10
Oscillator Frequency FOSC
BOOST/FC = Open
10
25
kHz
(Note 3)
BOOST/FC = V+
80
135
OSC Input Current
IOSC
BOOST/FC = Open
±2
µA
BOOST/FC = V+
±10
Power Efficiency
PE
RL = 1k
Ω connected between V+ and
96
98
%
OUT, TA = 25
°C (Doubler)
RL = 500
Ω connected between GND and
92
96
OUT, TA = 25
°C (Inverter)
IL = 100mA to GND, TA = 25
°C (Inverter)
88
Voltage Conversion
VEFF
No load, TA = 25
°C
99
99.9
%
Efficiency
1. In Figure 1, test circuit electrolytic capacitors C1 and C2 are 100
µF and have 0.2Ω maximum ESR. Higher ESR levels may reduce
efficiency and output voltage.
2. The output resistance is a combination of the internal switch resistance and the external capacitor ESR. For maximum voltage and
efficiency keep external capacitor ESR under 0.2
Ω.
3. FOSC is tested with COSC = 100pF to minimize test fixture loading. The test is correlated back to COSC=0pF to simulate the capacitance at
OSC when the device is inserted into a test socket without an external COSC.
ELECTRICAL CHARACTERISTICS
V+ = 5V, C1 = C2 = 100
µF, Boost/FC = Open, COSC = 0pF, and Test Circuit is Figure 1 unless otherwise noted.
Temperature is TA = TAMIN to TAMAX unless otherwise noted.


Similar Part No. - CAT661ESA-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT661ELA CATALYST-CAT661ELA Datasheet
173Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
logo
ON Semiconductor
CAT661ELA ONSEMI-CAT661ELA Datasheet
183Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
Doc. No. MD-5003, Rev. L
CAT661ELA ONSEMI-CAT661ELA Datasheet
164Kb / 16P
   High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
May, 2010 ??Rev. 11
logo
Catalyst Semiconductor
CAT661EVA CATALYST-CAT661EVA Datasheet
173Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
logo
ON Semiconductor
CAT661EVA ONSEMI-CAT661EVA Datasheet
183Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
Doc. No. MD-5003, Rev. L
More results

Similar Description - CAT661ESA-TE13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT661ELA ONSEMI-CAT661ELA Datasheet
183Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
Doc. No. MD-5003, Rev. L
logo
Catalyst Semiconductor
CAT661 CATALYST-CAT661_07 Datasheet
173Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
logo
ON Semiconductor
CAT660ELA ONSEMI-CAT660ELA Datasheet
177Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
Doc. No. MD-5000, Rev. X
logo
Catalyst Semiconductor
CAT660 CATALYST-CAT660_07 Datasheet
174Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
CAT660 CATALYST-CAT660 Datasheet
497Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
logo
ON Semiconductor
CAT661 ONSEMI-CAT661 Datasheet
164Kb / 16P
   High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
May, 2010 ??Rev. 11
CAT661 ONSEMI-CAT661_12 Datasheet
142Kb / 14P
   High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
July, 2012 ??Rev. 12
logo
Sipex Corporation
SP6661 SIPEX-SP6661 Datasheet
293Kb / 7P
   High Frequency 200mA Charge Pump Inverter or Doubler
SP6661EN-L SIPEX-SP6661EN-L Datasheet
513Kb / 8P
   High Frequency 200mA Charge Pump Inverter or Doubler
logo
ON Semiconductor
CAT660 ONSEMI-CAT660 Datasheet
157Kb / 15P
   100 mA CMOS Charge Pump Inverter/Doubler
May, 2010 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com