Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT24WC164XE-TE13 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT24WC164XE-TE13
Description  16K-Bit Serial EEPROM, Cascadable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC164XE-TE13 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT24WC164XE-TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC164XE-TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC164XE-TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC164XE-TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC164XE-TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC164XE-TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC164XE-TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC164XE-TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT24WC164XE-TE13 Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CAT24WC164
9
Doc. No. 1026, Rev. I
Notes:
(1) The device used in the above example is a CAT24WC164JI-1.8TE13 (SOIC, Industrial Temperature, 1.8 Volt to 6 Volt Operating Voltage,
Tape & Reel).
(2) Product die revision letter is marked on top of the package as a suffix to the production date code (e.g. AYWWF). For additional informa-
tion, please contact your Catalyst sales office.
ORDERING INFORMATION
Prefix
Device #
Suffix
24WC164
J
I
TE13
Product Number
24WC164: 16K
Tape & Reel
Package
P: PDIP
J: SOIC (JEDEC)
U: TSSOP
Operating Voltage
Blank: 2.5V - 6.0V
1.8: 1.8V - 6.0V
-1.8
CAT
Temperature Range
I = Industrial (-40 to 85 C)
A = Automotive (-40 to 105 C)*
Optional
Company ID
R: MSOP
L: PDIP (Lead free, Halogen free)
W: SOIC (Lead free, Halogen free)
Y: TSSOP (Lead free, Halogen free)
Z: MSOP (Lead free, Halogen free)
E = Extended (-40 to 125 C)
Rev F(2)
Die Revision


Similar Part No. - CAT24WC164XE-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC164 CATALYST-CAT24WC164 Datasheet
642Kb / 13P
   16K-Bit Serial EEPROM, Cascadable
CAT24WC164JA-1.8TE13 CATALYST-CAT24WC164JA-1.8TE13 Datasheet
642Kb / 13P
   16K-Bit Serial EEPROM, Cascadable
CAT24WC164JATE13 CATALYST-CAT24WC164JATE13 Datasheet
642Kb / 13P
   16K-Bit Serial EEPROM, Cascadable
CAT24WC164JE-1.8TE13 CATALYST-CAT24WC164JE-1.8TE13 Datasheet
642Kb / 13P
   16K-Bit Serial EEPROM, Cascadable
CAT24WC164JETE13 CATALYST-CAT24WC164JETE13 Datasheet
642Kb / 13P
   16K-Bit Serial EEPROM, Cascadable
More results

Similar Description - CAT24WC164XE-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC164 CATALYST-CAT24WC164_1 Datasheet
642Kb / 13P
   16K-Bit Serial EEPROM, Cascadable
logo
Microchip Technology
24AA164 MICROCHIP-24AA164 Datasheet
124Kb / 12P
   16K 1.8V Cascadable I2CTM Serial EEPROM
1999
24LC164 MICROCHIP-24LC164 Datasheet
161Kb / 16P
   16K 2.5V Cascadable I2C??Serial EEPROM
2004
logo
Samsung semiconductor
S524L50X51 SAMSUNG-S524L50X51 Datasheet
140Kb / 20P
   16K-bit Serial EEPROM
logo
Ceramate Technical
24LLC16 CERAMATE-24LLC16 Datasheet
670Kb / 22P
   16K-Bit-Serial EEPROM
logo
Samsung semiconductor
S524L50D51 SAMSUNG-S524L50D51 Datasheet
142Kb / 20P
   16K-bit Serial EEPROM
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86 Datasheet
409Kb / 9P
   16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86 ONSEMI-CAT93C86 Datasheet
121Kb / 13P
   16K-Bit Microwire Serial EEPROM
Doc. No. MD-1091 Rev. R
CAT93C86-C ONSEMI-CAT93C86-C Datasheet
620Kb / 13P
   16K-Bit Microwire Serial EEPROM
Rev. S
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86_06 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com