Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT661 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT661
Description  High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT661 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT661 Datasheet HTML 5Page - Catalyst Semiconductor CAT661 Datasheet HTML 6Page - Catalyst Semiconductor CAT661 Datasheet HTML 7Page - Catalyst Semiconductor CAT661 Datasheet HTML 8Page - Catalyst Semiconductor CAT661 Datasheet HTML 9Page - Catalyst Semiconductor CAT661 Datasheet HTML 10Page - Catalyst Semiconductor CAT661 Datasheet HTML 11Page - Catalyst Semiconductor CAT661 Datasheet HTML 12Page - Catalyst Semiconductor CAT661 Datasheet HTML 13Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CAT661
9
Doc. No. 5003, Rev. J
VRIPPLE (mV)
IOUT (mA)
FOSC (kHz)
C2 (
µF)
C2 ESR (
Ω)
45
100
25
150
0.2
25
100
135
150
0.2
CAPACITOR SELECTION
Low ESR capacitors are necessary to minimize voltage
losses, especially at high load currents. The exact
values of C1 and C2 are not critical but low ESR
capacitors are necessary.
The ESR of capacitor C1, the pump capacitor, can have
a pronounced effect on the output. C1 currents are
approximately twice the output current and losses occur
on both the charge and discharge cycle. The ESR
effects are thus multiplied by four. A 0.5
Ω ESR for C1 will
have the same effect as a 2
Ω increase in CAT661 output
impedance.
Output voltage ripple is determined by the value of C2
and the load current. C2 is charged and discharged at a
current roughly equal to the load current. The internal
switching frequency is one-half the oscillator frequency.
VRIPPLE = IOUT/(FOSC x C2) + IOUT x ESRC2
For example, with a 25kHz oscillator frequency (12.5kHz
switching frequency), a 150
µF C2 capacitor with an ESR
of 0.2
Ω and a 100mA load peak-to-peak the ripple
voltage is 45mV.
VRIPPLE vs. FOSC
Figure 6. Oscillator
Figure 7. External Clocking
BOOST/FC
(1)
LV
(6)
OSC
(7)
~18pF
I
7.0 I
7.0 I
I
V+
+
-V+
C2
1
2
3
4
8
7
6
5
REQUIRED FOR TTL LOGIC
CAT661
V+
100k
OSC INPUT
NC
+
C1
BOOST/FC
CAP+
GND
CAP-
V+
OSC
LV
OUT


Similar Part No. - CAT661

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT661 CATALYST-CAT661 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT661 CATALYST-CAT661 Datasheet
173Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
logo
ON Semiconductor
CAT661 ONSEMI-CAT661 Datasheet
164Kb / 16P
   High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
May, 2010 ??Rev. 11
logo
Catalyst Semiconductor
CAT661ELA CATALYST-CAT661ELA Datasheet
173Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
logo
ON Semiconductor
CAT661ELA ONSEMI-CAT661ELA Datasheet
183Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
Doc. No. MD-5003, Rev. L
More results

Similar Description - CAT661

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT661ELA ONSEMI-CAT661ELA Datasheet
183Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
Doc. No. MD-5003, Rev. L
logo
Catalyst Semiconductor
CAT661 CATALYST-CAT661_07 Datasheet
173Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
logo
ON Semiconductor
CAT660ELA ONSEMI-CAT660ELA Datasheet
177Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
Doc. No. MD-5000, Rev. X
logo
Catalyst Semiconductor
CAT660 CATALYST-CAT660_07 Datasheet
174Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
CAT660 CATALYST-CAT660 Datasheet
497Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
logo
ON Semiconductor
CAT661 ONSEMI-CAT661 Datasheet
164Kb / 16P
   High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
May, 2010 ??Rev. 11
CAT661 ONSEMI-CAT661_12 Datasheet
142Kb / 14P
   High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
July, 2012 ??Rev. 12
logo
Sipex Corporation
SP6661 SIPEX-SP6661 Datasheet
293Kb / 7P
   High Frequency 200mA Charge Pump Inverter or Doubler
SP6661EN-L SIPEX-SP6661EN-L Datasheet
513Kb / 8P
   High Frequency 200mA Charge Pump Inverter or Doubler
logo
ON Semiconductor
CAT660 ONSEMI-CAT660 Datasheet
157Kb / 15P
   100 mA CMOS Charge Pump Inverter/Doubler
May, 2010 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com