Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENF511D14A Datasheet(PDF) 5 Page - Fuji Electric

Part # ENF511D14A
Description  220 TO 680V (VARISTOR VOLTAGE)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

ENF511D14A Datasheet(HTML) 5 Page - Fuji Electric

  ENF511D14A Datasheet HTML 1Page - Fuji Electric ENF511D14A Datasheet HTML 2Page - Fuji Electric ENF511D14A Datasheet HTML 3Page - Fuji Electric ENF511D14A Datasheet HTML 4Page - Fuji Electric ENF511D14A Datasheet HTML 5Page - Fuji Electric ENF511D14A Datasheet HTML 6Page - Fuji Electric ENF511D14A Datasheet HTML 7Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
100
1000
10000
1
10
100
1000
10000
20
10 6
10 5
10 4
10 3
10 2
10
1-p
uls
e
14A series (ENF511D14A to ENF681D14A)
Impulse duration [us]
Z-TRAP
FUJI Ceramic Surge Absorbers
ENF series 220 to 680V (Varistor voltage)
100
1000
10000
1
10
100
1000
10000
20
10 6
10 5
10 4
10 3
10 2
10
10A series (ENF511D10A to ENF681D10A)
Impulse duration [us]
5


Similar Part No. - ENF511D14A

ManufacturerPart #DatasheetDescription
logo
Energizer
ENFAT41E ENERGIZER-ENFAT41E Datasheet
248Kb / 1P
   Tripod Multifunction Light
ENFFL81E ENERGIZER-ENFFL81E Datasheet
242Kb / 1P
   Folding Lantern
ENFHHL41E ENERGIZER-ENFHHL41E Datasheet
239Kb / 1P
   2-in-1 Handheld Flashlight
ENFPU41E ENERGIZER-ENFPU41E Datasheet
231Kb / 1P
   Mini Pop-Up Lantern
More results

Similar Description - ENF511D14A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CJ7905 ETC1-CJ7905 Datasheet
44Kb / 1P
   TO-220 Encapsulate Voltage Regulator
logo
ZP Semiconductor
CJ7912-TO220-3L ZPSEMI-CJ7912-TO220-3L Datasheet
595Kb / 1P
   TO-220-3L Encapsulate Voltage Regulators
logo
Seme LAB
LM7800-220M SEME-LAB-LM7800-220M Datasheet
21Kb / 2P
   POSITIVE VOLTAGE REGULATOR TO 220 M
logo
List of Unclassifed Man...
L7809 ETC-L7809 Datasheet
284Kb / 3P
   TO-220 Plastic-Encapsulate Voltage Regulator
E,Oct,2014
logo
Littelfuse
V8ZA05P LITTELFUSE-V8ZA05P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
logo
Stackpole Electronics, ...
ZVL SEI-ZVL Datasheet
1Mb / 6P
   Low Voltage Leaded Varistor
02/15/2021
CVH SEI-CVH Datasheet
258Kb / 4P
   Medium Voltage Leaded Varistor
08/09/2019
logo
New Jersey Semi-Conduct...
2N5191 NJSEMI-2N5191 Datasheet
92Kb / 1P
   TO-220
logo
Fuji Electric
ENE201D-05A FUJI-ENE201D-05A Datasheet
228Kb / 7P
   Z-TRAP ENE(Nominal varistor voltage 200 to 470V
logo
ZP Semiconductor
CJ7815-TO220-3L ZPSEMI-CJ7815-TO220-3L Datasheet
574Kb / 1P
   TO-220-3L Plastic-Encapsulate Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com