Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT24FC32A Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT24FC32A
Description  32K-Bit Fast Mode I2C Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24FC32A Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT24FC32A Datasheet HTML 1Page - Catalyst Semiconductor CAT24FC32A Datasheet HTML 2Page - Catalyst Semiconductor CAT24FC32A Datasheet HTML 3Page - Catalyst Semiconductor CAT24FC32A Datasheet HTML 4Page - Catalyst Semiconductor CAT24FC32A Datasheet HTML 5Page - Catalyst Semiconductor CAT24FC32A Datasheet HTML 6Page - Catalyst Semiconductor CAT24FC32A Datasheet HTML 7Page - Catalyst Semiconductor CAT24FC32A Datasheet HTML 8Page - Catalyst Semiconductor CAT24FC32A Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CAT24FC32A
5
Doc. No. 1048, Rev. F
AC TEST CONDITIONS
Input pulse voltages
0.2VCC to 0.8VCC
Input rise and fall times
≤ 50 ns
Input reference voltages
0.3VCC, 0.7VCC
Output reference voltages
0.5VCC
Output load
Current source: IOL = 3mA;
CL: 400pF for fSCl max = 400kHz / 100pF for fSCL max = 1 MHz
Figure 3. Write Cycle Timing
Figure 2. WP Timing
Figure 1. Bus Timing
tWR
STOP
CONDITION
START
CONDITION
ADDRESS
ACK
8TH BIT
BYTE n
SCL
SDA
18
9
1
8
A7
A0
D7
D0
tSU:WP
tHD:WP
2nd Byte Address
Data
SCL
SDA
WP
tHIGH
SCL
SDA IN
SDA OUT
tLOW
tF
tLOW
tR
tBUF
tSU:STO
tSU:DAT
tHD:DAT
tHD:STA
tSU:STA
tAA
tDH


Similar Part No. - CAT24FC32A

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC32 CATALYST-CAT24FC32 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT24FC32GLETE13 CATALYST-CAT24FC32GLETE13 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT24FC32GLITE13 CATALYST-CAT24FC32GLITE13 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT24FC32GWETE13 CATALYST-CAT24FC32GWETE13 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT24FC32GWITE13 CATALYST-CAT24FC32GWITE13 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
More results

Similar Description - CAT24FC32A

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC32 CATALYST-CAT24FC32 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32_05 Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
24AA32A MICROCHIP-24AA32A_09 Datasheet
652Kb / 34P
   32K I2C??Serial EEPROM
2009
24LC32A MICROCHIP-24LC32A Datasheet
1,019Kb / 42P
   32K I2C Serial EEPROM
01/05/10
24AA32A MICROCHIP-24AA32A Datasheet
1,019Kb / 42P
   32K I2C Serial EEPROM
01/05/10
logo
Asahi Kasei Microsystem...
AK6010A AKM-AK6010A Datasheet
165Kb / 15P
   I2C bus 32K / 64Kbit Serial CMOS EEPROM
logo
Microchip Technology
24AA32A MICROCHIP-24AA32A_1 Datasheet
639Kb / 36P
   32K I2C??Serial EEPROM
2009
24AA32A MICROCHIP-24AA32A_13 Datasheet
1Mb / 44P
   32K I2C Serial EEPROM
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com