Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SESI1870K Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SESI1870K
Description  SMD Power Indutors -SESI 18 W
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SESI1870K Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SESI1870K Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 33 3 82 59 13 33 - Fax: 33 3 82 51 00 49
Specifications may change without notice - Revised
02/04/2003
www.microspire.com
Electrical Data
Part
L1,2
I3.6
L2.4
I5
Rdc Max
Number no load
rated
at rated I peak max at 25°C
SESI 18
µH
A
µH
A
m
5K6 1W
6.2
9.8
4.2
13.6
7.5
8K2 1W
8.6
8.3
5.7
11.5
9.0
11K 1W
11.5
7.2
7.7
10
12
15K 1W
14.7
6.35
10.5
8.9
15
18K 1W
18.4
5.7
12.6
7.9
17
22K 1W
22.5
5.1
15.4
7.2
20
22K 2W
22.4
5.6
21.0
7.3
24
27K 1W
27.0
4.7
18.9
6.5
25
37K 1W
37.0
4.0
25.9
5.6
29
49K 1W
49.0
3.5
34.3
4.8
45
SMD Power Inductors - SESI 18 W
• Energy storage, smoothing, filtering
• Low profile and light
• Highly efficient and reliable
• Materials meet UL 94-V0 rating
• Suited for IR and vapor reflow soldering
• Frequency range up to 1 MHz
• Operating temperature range : -
40 to +100°C
• Weight : 10 grams
Part
L1,2
I3.6
L2.4
I5
Rdc Max
Number no load
rated
at rated I peak max at 25°C
SESI 18
µH
A
µH
A
m
56K 1W
56
3.3
39
4.6
48
70K 1W
70
2.9
49
4.1
65
86K 1W
86
2.6
60
3.7
72
M10 1W
103
2.4
70
3.3
75
M12 1W
122
2.2
84
3.1
115
M15 1W
154
1.95
105
2.7
125
M18 1W
177
1.8
126
2.6
175
M22 1W
228
1.6
154
2.3
210
M33 1W
334
1.34
231
1.9
250
Packaging (mm)
Tape and Reel : 300 pieces per reel of diameter 330 mm
Notes
Connections
1. Tolerance ± 10% for L > 10 µH, ± 20% for L
≤ 10µH
2. Inductance at 0.5V, 100kHz
3. Irated (permanent DC) without heatsink ;
With heatsink I = Irated x 1.4
4. Typical inductance value at recommended full load
5. Ipeak max= maximum peak value of current at
+1
00°C; L value not guaranteed
6. 40% admissible Iripple over Irated at f=200 kHz
Ao : 19.4
F : 20.2
W : 44.0
Bo : 26.4
P1 : 24.0
So : 40.4
Ko : 8.4
Po : 4.0
F
Bo
Ko
Ao
P1
Po
WSo
Dimensions(mm)Typical values
Pad Layout
22.0
±0.3
26.
5 max
±0.4
20.0 max
9 max
3.0
3.81
21
28
2 x 0.3
41
58
To order, please specify : SESI 18 xxx xW
SE18 49K
1 YY/ WW P
1/ f
t
I
I ripple
I rated
I peak


Similar Part No. - SESI1870K

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
SES MSYSTEM-SES Datasheet
121Kb / 4P
   Plug-in Signal Conditioners M-UNIT HIGH/LOW SELECTOR
SES-160-B MSYSTEM-SES-160-B Datasheet
121Kb / 4P
   Plug-in Signal Conditioners M-UNIT HIGH/LOW SELECTOR
SES-160-B/E MSYSTEM-SES-160-B/E Datasheet
121Kb / 4P
   Plug-in Signal Conditioners M-UNIT HIGH/LOW SELECTOR
SES-160-B/E2 MSYSTEM-SES-160-B/E2 Datasheet
121Kb / 4P
   Plug-in Signal Conditioners M-UNIT HIGH/LOW SELECTOR
SES-160-B/Q MSYSTEM-SES-160-B/Q Datasheet
121Kb / 4P
   Plug-in Signal Conditioners M-UNIT HIGH/LOW SELECTOR
More results

Similar Description - SESI1870K

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFHCLTH-XXXX XFMRS-XFHCLTH-XXXX Datasheet
66Kb / 1P
   INDUTORS
XFWICS1008 XFMRS-XFWICS1008_11 Datasheet
157Kb / 2P
   XFWICS1008 SERIES INDUTORS
logo
Vishay Siliconix
AN7188K VISHAY-AN7188K Datasheet
20Kb / 1P
   2 Power Amplifier 18 W
logo
Hitachi Semiconductor
HA13118 HITACHI-HA13118 Datasheet
50Kb / 8P
   18 W BTL Audio Power Amplifier
logo
Tyco Electronics
MAAPGM0080-DIE MACOM-MAAPGM0080-DIE Datasheet
331Kb / 7P
   Amplifier, Power, 1 W 2-18 GHz
MAAP-000080-DIE000 MACOM-MAAP-000080-DIE000 Datasheet
330Kb / 7P
   Amplifier, Power, 1 W 2-18 GHz
logo
CnC Tech, LLC
750-10010-00200 CNC-750-10010-00200 Datasheet
235Kb / 1P
   DVI(181)P/W TO DVI (181)P/W
2018.07.31 REV A0
logo
Qorvo, Inc
TGA2963-CP QORVO-TGA2963-CP Datasheet
518Kb / 17P
   6 ??18 GHz 20 W GaN Power Amplifier
logo
HK TO-GRACE TECHNOLOGY ...
VLMW712U2U3XV TO-GRACE-VLMW712U2U3XV Datasheet
1,018Kb / 12P
   1 W Power SMD LED White
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6408 AVAGO-AMMP-6408_15 Datasheet
376Kb / 10P
   6 to 18 GHz 1 W Power Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com