Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD70HHF1 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # RD70HHF1
Description  Silicon MOSFET Power Transistor 30MHz, 70W
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RD70HHF1 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  RD70HHF1 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RD70HHF1 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RD70HHF1 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RD70HHF1 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RD70HHF1 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RD70HHF1 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RD70HHF1 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MITSUBISHI RF POWER MOS FET
RD70HHF1
Silicon MOSFET Power Transistor 30MHz,70W
RD70HHF1
MITSUBISHI ELECTRIC
REV.5 2 APRIL. 2004
4/7
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
TEST CIRCUIT(f=30MHz)
100
66
C1
33uF,50V
C1
C1
68pF*3
220pF
16
43
23
20
micro strip line width=4.2mm / 50 OHM,er:2.7,t=1.6mm
Note:Board material-teflon substrate
C1:100pF, 0.022uF, 0.1uF in parallel
Pout
C1
330uF,50V
L1:8Turns,I.D8mm,D1.6mm silver plateted copper wire
Vgg
Vdd
Pin
Dimensions:mm
180pF
4.5
16
89
93
10K OHM
L1
L2
L2:10Turns,I.D8mm,D1.6mm silver plateted copper wire
L3:5Turns,I.D6mm,D0.7mm copper wire P=0.5mm
330 OHM
220pF
L3
1 OHM
180pF
200pF
200pF
L4
330pF
330pF
33pF
33pF
1000pF
C2
100
58
61
C2:470uF*2 in parallel
L4:1Turns,I.D10mm,D1.6mm silver plateted copper wire
12
8
14
25
78
26
68pF*3
47pF
47pF
92


Similar Part No. - RD70HHF1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD70HVF1 MITSUBISHI-RD70HVF1 Datasheet
414Kb / 8P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz70W 520MHz,50W
More results

Similar Description - RD70HHF1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD16HHF1 MITSUBISHI-RD16HHF1_10 Datasheet
268Kb / 9P
   Silicon MOSFET Power Transistor 30MHz,16W
RD100HHF1 MITSUBISHI-RD100HHF1_10 Datasheet
267Kb / 8P
   Silicon MOSFET Power Transistor 30MHz,100W
RD06HHF1 MITSUBISHI-RD06HHF1 Datasheet
204Kb / 7P
   Silicon MOSFET Power Transistor 30MHz,6W
RD16HHF1 MITSUBISHI-RD16HHF1 Datasheet
282Kb / 8P
   Silicon MOSFET Power Transistor 30MHz,16W
RD00HHS1 MITSUBISHI-RD00HHS1 Datasheet
157Kb / 6P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,0.3W
RD00HHS1 MITSUBISHI-RD00HHS1_10 Datasheet
126Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,0.3W
RD16HHF1 MITSUBISHI-RD16HHF1_11 Datasheet
590Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,16W
RD06HHF1 MITSUBISHI-RD06HHF1_11 Datasheet
583Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,6W
RD00HHS1 MITSUBISHI-RD00HHS1_11 Datasheet
298Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,0.3W
RD100HHF1 MITSUBISHI-RD100HHF1_11 Datasheet
590Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,100W
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com