Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5B39-04 Datasheet(PDF) 5 Page - Analog Devices

Part # 5B39-04
Description  Isolated Current Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5B39-04 Datasheet(HTML) 5 Page - Analog Devices

  5B39-04 Datasheet HTML 1Page - Analog Devices 5B39-04 Datasheet HTML 2Page - Analog Devices 5B39-04 Datasheet HTML 3Page - Analog Devices 5B39-04 Datasheet HTML 4Page - Analog Devices 5B39-04 Datasheet HTML 5Page - Analog Devices 5B39-04 Datasheet HTML 6Page - Analog Devices 5B39-04 Datasheet HTML 7Page - Analog Devices 5B39-04 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5B39
Rev. 0 | Page 5 of 8
PIN CONFIGURATIONS AND FUNCTIONAL DESCRIPTIONS
Figure 3 5B39 Input Field Connections
Table 1. Pin Function Descriptions—
Pin No.
Description
1
LO OUT
2
HI OUT
Figure 4 . Model 5B Series Module, with pin-out assignments.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human
body and test equipment and can discharge without detection. Although this product features proprietary ESD
protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges.
Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.


Similar Part No. - 5B39-04

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B39 AD-5B39_15 Datasheet
695Kb / 8P
   Isolated Current Output
REV. 0
More results

Similar Description - 5B39-04

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B39 AD-5B39_15 Datasheet
695Kb / 8P
   Isolated Current Output
REV. 0
7B39 AD-7B39_15 Datasheet
532Kb / 8P
   Isolated, Process Current Output
REV. 0
7B39 AD-7B39 Datasheet
531Kb / 8P
   Isolated, Process Current Output
REV. 0
3B39 AD-3B39 Datasheet
385Kb / 8P
   Isolated Process Current Output
REV. 0
3B39 AD-3B39_15 Datasheet
386Kb / 8P
   Isolated Process Current Output
REV. 0
2B23 AD-2B23_15 Datasheet
2Mb / 4P
   PROGRAMMABLE OUTPUT ISOLATED VOLTATGE TO CURRENT CONVERTER
logo
Good Will Instrument Co...
PCS-1000I GWINSTEK-PCS-1000I Datasheet
537Kb / 2P
   ISOLATED OUTPUT HIGH PRECISION CURRENT SHUNT METER
logo
List of Unclassifed Man...
2B23 ETC1-2B23 Datasheet
29Kb / 1P
   Programmable Output, Isolated Voltage-to-Current Converter
logo
Intronics Power, Inc.
2B23 INTRONICS-2B23 Datasheet
841Kb / 4P
   Programmable Output, Isolated Voltage-to-Current Converter
logo
Vicor Corporation
24V VICOR-24V Datasheet
606Kb / 15P
   Isolated output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com