Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT88L70ASR1 Datasheet(PDF) 9 Page - Zarlink Semiconductor Inc

Part # MT88L70ASR1
Description  3 Volt Integrated DTMF Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT88L70ASR1 Datasheet(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button MT88L70ASR1 Datasheet HTML 5Page - Zarlink Semiconductor Inc MT88L70ASR1 Datasheet HTML 6Page - Zarlink Semiconductor Inc MT88L70ASR1 Datasheet HTML 7Page - Zarlink Semiconductor Inc MT88L70ASR1 Datasheet HTML 8Page - Zarlink Semiconductor Inc MT88L70ASR1 Datasheet HTML 9Page - Zarlink Semiconductor Inc MT88L70ASR1 Datasheet HTML 10Page - Zarlink Semiconductor Inc MT88L70ASR1 Datasheet HTML 11Page - Zarlink Semiconductor Inc MT88L70ASR1 Datasheet HTML 12Page - Zarlink Semiconductor Inc MT88L70ASR1 Datasheet HTML 13Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MT88L70
Data Sheet
9
Zarlink Semiconductor Inc.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
11
O
U
T
P
U
T
S
Low level output voltage
VOL
VSS+0.03
V
No load
12
High level output voltage
VOH
VDD-0.03
V
No load
13
Output low (sink) current
IOL
1.5
8
mA
VOUT = 0.4 V
14
Output high (source)
current
IOH
1.0
3.0
mA
VOUT = 3.6 V,
VDD = 3.6 V
15
VRef output voltage
VRef
0.512V
DD
V
No load
16
VRef output resistance
ROR
1k
Operating Characteristics - VDD = 3.0 V+20%/-10%, VSS = 0 V, -40°C ≤ TO ≤ +85°C, unless otherwise stated.
Gain Setting Amplifier
Characteristics
Sym.
Min.
Typ.
Max.
Units
Test Conditions
1
Input leakage current
IIN
100
nA
VSS ≤ VIN ≤ VDD
2
Input resistance
RIN
10
M
3
Input offset voltage
VOS
25
mV
4
Power supply rejection
PSRR
50
dB
1 kHz
5
Common mode rejection
CMRR
40
dB
VSS + 0.75 V ≤ VIN
VDD-0.75
biased at VRef =1.5 V
6
DC open loop voltage gain
AVOL
32
dB
7
Unity gain bandwidth
fC
0.30
MHz
8
Output voltage swing
VO
2.2
Vpp
Load
≥ 100 kΩ to VSS @ GS
9
Maximum capacitive load (GS)
CL
100
pF
10
Resistive load (GS)
RL
50
k
11
Common mode range
VCM
1.5
Vpp
No Load
DC Electrical Characteristics - VDD = 3.0 V+ 20%/-10%, VSS = 0 V, -40°C ≤ TO ≤ +85°C, unless otherwise stated.
Characteristics
Sym.
Min.
Typ.
Max.
Units
Test Conditions


Similar Part No. - MT88L70ASR1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT88L70AS MITEL-MT88L70AS Datasheet
115Kb / 10P
   3 Volt Integrated DTMF Receiver
More results

Similar Description - MT88L70ASR1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT88L70 MITEL-MT88L70 Datasheet
115Kb / 10P
   3 Volt Integrated DTMF Receiver
logo
California Micro Device...
CM88L70 CALMIRCO-CM88L70 Datasheet
472Kb / 8P
   CMOS INTEGRATED DTMF RECEIVER, 3 VOLT VERSION
logo
List of Unclassifed Man...
SSI75T201 ETC1-SSI75T201 Datasheet
108Kb / 8P
   INTEGRATED DTMF RECEIVER
logo
UMC Corporation
UM92870 UMC-UM92870 Datasheet
486Kb / 1P
   INTEGRATED DTMF RECEIVER
logo
California Micro Device...
CM8870 CALMIRCO-CM8870 Datasheet
231Kb / 8P
   CMOS Integrated DTMF Receiver
logo
Mitel Networks Corporat...
MT8870D MITEL-MT8870D Datasheet
215Kb / 12P
   ISO2-CMOS Integrated DTMF Receiver
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
   DTMF Receiver?
logo
List of Unclassifed Man...
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
   DTMF RECEIVER
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_02 Datasheet
187Kb / 13P
   DTMF Receiver
logo
List of Unclassifed Man...
M-8870 ETC2-M-8870 Datasheet
255Kb / 8P
   DTMF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com