Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX2-L-H-6V Datasheet(PDF) 6 Page - Nais(Matsushita Electric Works)

Part # TX2-L-H-6V
Description  2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

TX2-L-H-6V Datasheet(HTML) 6 Page - Nais(Matsushita Electric Works)

  TX2-L-H-6V Datasheet HTML 1Page - Nais(Matsushita Electric Works) TX2-L-H-6V Datasheet HTML 2Page - Nais(Matsushita Electric Works) TX2-L-H-6V Datasheet HTML 3Page - Nais(Matsushita Electric Works) TX2-L-H-6V Datasheet HTML 4Page - Nais(Matsushita Electric Works) TX2-L-H-6V Datasheet HTML 5Page - Nais(Matsushita Electric Works) TX2-L-H-6V Datasheet HTML 6Page - Nais(Matsushita Electric Works) TX2-L-H-6V Datasheet HTML 7Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TX
10. Distribution of contact resistance
Tested sample: TX2-5V, 30 pcs. (30
× 4 contacts)
11-(1). High frequency characteristics
Tested sample: TX2-12V, 2 pcs.
Isolation characteristics
11-(2). High frequency characteristics
Tested sample: TX2-12V, 2 pcs.
Insertion loss characteristics
0
10
15
0
20
30
40
50
5
20
30
35
25
13 4 5
12
10 9 8
(BOTTOM VIEW)
Contact resistance, m
Terminal
Nos. 4-5, 8-9
Terminal
Nos. 3-4, 9-10
50
10
100
1,000
100
Frequency, MHz
0.6
10
100
1,000
0.2
0.4
1.0
0.8
Frequency, MHz
12-(1). Malfunctional shock (single side stable)
Tested sample: TX2-5V, 6 pcs
Y'
Y
XZ
Z'
X'
Y
Y'
Z'
Z XX'
1000m/s
2
1000m/s2
1000m/s2
1000m/s
2
1000m/s
2
1000m/s2
Deenergized condition
Energized condition
12-(2). Malfunctional shock (latching)
Tested sample: TX2-L2-12V, 6 pcs.
Y'
Y
XZ
Z'
X'
Y
Y'
Z'
Z XX'
1000m/s
2
1000m/s2
1000m/s2
1000m/s
2
1000m/s
2
1000m/s2
Reset state
Set state
13-(1). Influence of adjacent mounting
13-(2). Influence of adjacent mounting
13-(3). Influence of adjacent mounting
–5
0
5
–5
0
5
ON
ON
OFF OFF
10
.394
6
.236
2
.079
4
.157
8
.315
0
OFF
ON
Pick-up voltage
Drop-out voltage
Inter-relay distance
, mm inch
–5
0
5
–5
0
5
ON
ON
ON
OFF
OFF
OFF
10
.394
6
.236
2
.079
4
.157
8
.315
0
Pick-up voltage
Drop-out voltage
Inter-relay distance
, mm inch
–5
10
.394
6
.236
0
5
–5
0
5
ON
OFF
2
.079
04
.157
8
.315
Pick-up voltage
Drop-out voltage
Inter-relay distance
, mm inch
ON
ON
OFF
OFF
ON
OFF
14. Pulse dialing test
Tested sample: TX2-5V, 6 pcs.
(35 mA 48 V DC wire spring relay load)
Circuit
Change of pick-up and drop-out voltage
Change of contact resistance
48V DC
458
0.08
µF
0.08
µF
458
4
3
+
Wire spring relay
0
10
20
50
30
10
Max.
Max.
Min.
Min.
20
30
40
50
60
70
80
90
100
40
No. of operation,
×104
Pick-up voltage
Drop-out voltage
50
Max.
Min.
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
No. of operations,
×104
Note: Data of surface-mount type are the same as those of PC board terminal type.
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - TX2-L-H-6V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TX2-L-1.5V PANASONIC-TX2-L-1.5V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2-L-12V PANASONIC-TX2-L-12V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2-L-24V PANASONIC-TX2-L-24V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2-L-3V PANASONIC-TX2-L-3V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2-L-4.5V PANASONIC-TX2-L-4.5V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
More results

Similar Description - TX2-L-H-6V

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
TX-D PANASONICBATTERY-TX-D Datasheet
124Kb / 7P
   High Breakdown Voltage Relay
logo
Panasonic Semiconductor
TXD2-3V PANASONIC-TXD2-3V Datasheet
124Kb / 7P
   High Breakdown Voltage Relay Communications (xDSL)
logo
ON Semiconductor
2SA1709 ONSEMI-2SA1709 Datasheet
623Kb / 7P
   Bipolar Transistor High breakdown voltage, large current capacity
September, 2013
2SA1768 ONSEMI-2SA1768 Datasheet
583Kb / 7P
   Bipolar Transistor High breakdown voltage, large current capacity
August, 2013
logo
Omron Electronics LLC
G7L-V1 OMRON-G7L-V1 Datasheet
3Mb / 13P
   A High-capacity, High-dielectric-strength Relay Compatible with Momentary Voltage Drops
G7L OMRON-G7L_V01 Datasheet
3Mb / 13P
   A High-capacity, High-dielectric-strength Relay Compatible with Momentary Voltage Drops
logo
ON Semiconductor
2SA1419 ONSEMI-2SA1419 Datasheet
354Kb / 7P
   Bipolar Transistor High breakdown voltage and large current capacity
August, 2013
2SA1416 ONSEMI-2SA1416 Datasheet
358Kb / 7P
   Bipolar Transistor High breakdown voltage and large current capacity
September, 2013
logo
SemiHow Co.,Ltd.
HDA60U60GW SEMIHOW-HDA60U60GW Datasheet
412Kb / 3P
   High Breakdown Voltage
HDPE10U60G SEMIHOW-HDPE10U60G Datasheet
492Kb / 3P
   High breakdown voltage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com