Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT88L70AE1 Datasheet(PDF) 10 Page - Zarlink Semiconductor Inc

Part # MT88L70AE1
Description  3 Volt Integrated DTMF Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT88L70AE1 Datasheet(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button MT88L70AE1 Datasheet HTML 6Page - Zarlink Semiconductor Inc MT88L70AE1 Datasheet HTML 7Page - Zarlink Semiconductor Inc MT88L70AE1 Datasheet HTML 8Page - Zarlink Semiconductor Inc MT88L70AE1 Datasheet HTML 9Page - Zarlink Semiconductor Inc MT88L70AE1 Datasheet HTML 10Page - Zarlink Semiconductor Inc MT88L70AE1 Datasheet HTML 11Page - Zarlink Semiconductor Inc MT88L70AE1 Datasheet HTML 12Page - Zarlink Semiconductor Inc MT88L70AE1 Datasheet HTML 13Page - Zarlink Semiconductor Inc MT88L70AE1 Datasheet HTML 14Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MT88L70
Data Sheet
10
Zarlink Semiconductor Inc.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
*NOTES
1. dBm= decibels above or below a reference power of 1 mW into a 600 ohm load.
2. Digit sequence consists of all DTMF tones.
3. Tone duration= 40 ms, tone pause= 40 ms.
4. Signal condition consists of nominal DTMF frequencies.
5. Both tones in composite signal have an equal amplitude.
6. Tone pair is deviated by
±1.5%± 2Hz.
7. Bandwidth limited (3 kHz) Gaussian noise.
8. The precise dial tone frequencies are (350 Hz and 440 Hz)
± 2%.
9. For an error rate of better than 1 in 10,000.
10. Referenced to lowest level frequency component in DTMF signal.
11. Referenced to the minimum valid accept level.
12. Guaranteed by design and characterization.
AC Electrical Characteristics - VDD = 3.0 V +20%/-10%, VSS = 0 V, -40°C ≤ TO ≤ +85°C, using Test Circuit shown in Fig. 6.
Characteristics
Sym
Min.
Typ
Max
Units
Notes*
1
Valid input signal levels
(each tone of composite
signal)
-34
15.4
-4.0
489
dBm
mVRMS
1,2,3,5,6,9
Min @ VDD=3.6 V
Max @ VDD=2.7 V
2
Negative twist accept
8
dB
2,3,6,9,12
3
Positive twist accept
8
dB
2,3,6,9,12
4
Frequency deviation accept
±1.5% ± 2 Hz
2,3,5,9
5
Frequency deviation reject
±3.5%
2,3,5,9
6
Third zone tolerance
-16
dB
2,3,4,5,9,10
7
Noise tolerance
-12
dB
2,3,4,5,7,9,10
8
Dial zone tolerance
+22
dB
2,3,4,5,8,9,11


Similar Part No. - MT88L70AE1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT88L70AE MITEL-MT88L70AE Datasheet
115Kb / 10P
   3 Volt Integrated DTMF Receiver
More results

Similar Description - MT88L70AE1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT88L70 MITEL-MT88L70 Datasheet
115Kb / 10P
   3 Volt Integrated DTMF Receiver
logo
California Micro Device...
CM88L70 CALMIRCO-CM88L70 Datasheet
472Kb / 8P
   CMOS INTEGRATED DTMF RECEIVER, 3 VOLT VERSION
logo
List of Unclassifed Man...
SSI75T201 ETC1-SSI75T201 Datasheet
108Kb / 8P
   INTEGRATED DTMF RECEIVER
logo
UMC Corporation
UM92870 UMC-UM92870 Datasheet
486Kb / 1P
   INTEGRATED DTMF RECEIVER
logo
California Micro Device...
CM8870 CALMIRCO-CM8870 Datasheet
231Kb / 8P
   CMOS Integrated DTMF Receiver
logo
Mitel Networks Corporat...
MT8870D MITEL-MT8870D Datasheet
215Kb / 12P
   ISO2-CMOS Integrated DTMF Receiver
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
   DTMF Receiver?
logo
List of Unclassifed Man...
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
   DTMF RECEIVER
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_02 Datasheet
187Kb / 13P
   DTMF Receiver
logo
List of Unclassifed Man...
M-8870 ETC2-M-8870 Datasheet
255Kb / 8P
   DTMF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com