Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC41LV8513-60K Datasheet(PDF) 4 Page - Integrated Circuit Solution Inc

Part # IC41LV8513-60K
Description  512K x 8 bit Dynamic RAM with Fast Page Mode
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41LV8513-60K Datasheet(HTML) 4 Page - Integrated Circuit Solution Inc

  IC41LV8513-60K Datasheet HTML 1Page - Integrated Circuit Solution Inc IC41LV8513-60K Datasheet HTML 2Page - Integrated Circuit Solution Inc IC41LV8513-60K Datasheet HTML 3Page - Integrated Circuit Solution Inc IC41LV8513-60K Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41LV8513-60K Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41LV8513-60K Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41LV8513-60K Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41LV8513-60K Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41LV8513-60K Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
IC41C8513 and IC41LV8513
4
Integrated Circuit Solution Inc.
DR028-0A 09/25/2001
Functional Description
The IC41C8513 and IC41LV8513 are CMOS DRAMs
optimized for high-speed bandwidth, low power
applications. During READ or WRITE cycles, each bit is
uniquely addressed through the 10 address bits. These
are entered 10 bits (A0-A9) at a time. The row address is
latched by the Row Address Strobe (
RAS). The column
address is latched by the Column Address Strobe (
CAS).
RAS is used to latch the first ten bits and CAS is used the
latter nine bits.
Memory Cycle
A memory cycle is initiated by bring
RAS LOW and it is
terminated by returning both
RAS and CAS HIGH. To
ensures proper device operation and data integrity any
memory cycle, once initiated, must not be ended or
aborted before the minimum tRAS time has expired. A new
cycle must not be initiated until the minimum precharge
time tRP, tCP has elapsed.
Read Cycle
A read cycle is initiated by the falling edge of
CAS or OE,
whichever occurs last, while holding
WE HIGH. The
column address must be held for a minimum time specified
by tAR. Data Out becomes valid only when tRAC, tAA, tCAC
and tOE are all satisfied. As a result, the access time is
dependent on the timing relationships between these
parameters.
Write Cycle
A write cycle is initiated by the falling edge of
CAS and WE,
whichever occurs last. The input data must be valid at or
before the falling edge of
CAS or WE, whichever occurs
last.
Refresh Cycle
To retain data, 1,024 refresh cycles are required in each
16 ms period . There are two ways to refresh the memory:
1. By clocking each of the 1,024 row addresses (A0
through A9) with
RAS at least once every 16 ms . Any
read, write, read-modify-write or
RAS-only cycle re-
freshes the addressed row.
2. Using a
CAS-before-RAS refresh cycle. CAS-before-
RAS refresh is activated by the falling edge of RAS,
while holding
CAS LOW. In CAS-before-RAS refresh
cycle, an internal 10-bit counter provides the row ad-
dresses and the external address inputs are ignored.
CAS-before-RAS is a refresh-only mode and no data
access or device selection is allowed. Thus, the output
remains in the High-Z state during the cycle.
Power-On
After application of the VCC supply, an initial pause of
200 µs is required followed by a minimum of eight initial-
ization cycles (any combination of cycles containing a
RAS signal).
During power-on, it is recommended that
RAS track with
VCC or be held at a valid VIH to avoid current surges.


Similar Part No. - IC41LV8513-60K

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41LV8512 ICSI-IC41LV8512 Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
IC41LV8512-35K ICSI-IC41LV8512-35K Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
IC41LV8512-35KI ICSI-IC41LV8512-35KI Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
IC41LV8512-35T ICSI-IC41LV8512-35T Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
IC41LV8512-35TI ICSI-IC41LV8512-35TI Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
More results

Similar Description - IC41LV8513-60K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT44108 ETC1-GLT44108 Datasheet
399Kb / 16P
   512K X 8 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IC41C8512 ICSI-IC41C8512 Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
logo
Integrated Silicon Solu...
IS41C85125 ISSI-IS41C85125 Datasheet
143Kb / 16P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV85125B ISSI-IS41LV85125B Datasheet
113Kb / 18P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Mosel Vitelic, Corp
V53C816H MOSEL-V53C816H Datasheet
213Kb / 18P
   512K X 16 FAST PAGE MODE CMOS DYNAMIC RAM
logo
Integrated Circuit Solu...
IS41C8512 ICSI-IS41C8512 Datasheet
201Kb / 18P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C85120 ISSI-IS41C85120 Datasheet
145Kb / 19P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV85120B ISSI-IS41LV85120B Datasheet
126Kb / 21P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
List of Unclassifed Man...
MB8117800A-60 ETC1-MB8117800A-60 Datasheet
580Kb / 27P
   2 M X 8 BIT FAST PAGE MODE DYNAMIC RAM
logo
OKI electronic componet...
MSM51V16800D OKI-MSM51V16800D Datasheet
458Kb / 17P
   2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com