Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT88L70AN Datasheet(PDF) 6 Page - Zarlink Semiconductor Inc

Part # MT88L70AN
Description  3 Volt Integrated DTMF Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT88L70AN Datasheet(HTML) 6 Page - Zarlink Semiconductor Inc

Back Button MT88L70AN Datasheet HTML 2Page - Zarlink Semiconductor Inc MT88L70AN Datasheet HTML 3Page - Zarlink Semiconductor Inc MT88L70AN Datasheet HTML 4Page - Zarlink Semiconductor Inc MT88L70AN Datasheet HTML 5Page - Zarlink Semiconductor Inc MT88L70AN Datasheet HTML 6Page - Zarlink Semiconductor Inc MT88L70AN Datasheet HTML 7Page - Zarlink Semiconductor Inc MT88L70AN Datasheet HTML 8Page - Zarlink Semiconductor Inc MT88L70AN Datasheet HTML 9Page - Zarlink Semiconductor Inc MT88L70AN Datasheet HTML 10Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MT88L70
Data Sheet
6
Zarlink Semiconductor Inc.
Differential Input Configuration
The input arrangement of the MT88L70 provides a differential-input operational amplifier as well as a bias source
(VRef) which is used to bias the inputs at mid-rail. Provision is made for connection of a feedback resistor to the op-
amp output (GS) for adjustment of gain. In a single-ended configuration, the input pins are connected as shown in
Figure 6 with the op-amp connected for unity gain and VRef biasing the input at 1/2VDD. Figure 5 shows the
differential configuration, which permits the adjustment of gain with the feedback resistor R5.
Figure 5 - Differential Input Configuration
Crystal Oscillator
The internal clock circuit is completed with the addition of an external 3.579545 MHz crystal and is connected as
shown in Figure 6 (Single-ended Input Configuration).
C1
R1
C2
R4
IN+
IN-
R5
R2
R3
GS
VRef
+
-
MT88L70
DIFFERNTIAL INPUT AMPLIFIER
C1 = C2 = 10 nF
R1 = R4 = R5 = 100 kΩ
R2 = 60 kΩ, R3, = 37.5 kΩ
R3 =
R2R5
R2 + R5
VOLTAGE GAIN (AV diff) =
R5
R1
INPUT IMPEDANCE
(ZINDIFF) = 2
R12 +
1
ωC
2
All resistors are
± 1% tolerance.
All capacitors are
± 5% tolerance.


Similar Part No. - MT88L70AN

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT88L70AN MITEL-MT88L70AN Datasheet
115Kb / 10P
   3 Volt Integrated DTMF Receiver
More results

Similar Description - MT88L70AN

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT88L70 MITEL-MT88L70 Datasheet
115Kb / 10P
   3 Volt Integrated DTMF Receiver
logo
California Micro Device...
CM88L70 CALMIRCO-CM88L70 Datasheet
472Kb / 8P
   CMOS INTEGRATED DTMF RECEIVER, 3 VOLT VERSION
logo
List of Unclassifed Man...
SSI75T201 ETC1-SSI75T201 Datasheet
108Kb / 8P
   INTEGRATED DTMF RECEIVER
logo
UMC Corporation
UM92870 UMC-UM92870 Datasheet
486Kb / 1P
   INTEGRATED DTMF RECEIVER
logo
California Micro Device...
CM8870 CALMIRCO-CM8870 Datasheet
231Kb / 8P
   CMOS Integrated DTMF Receiver
logo
Mitel Networks Corporat...
MT8870D MITEL-MT8870D Datasheet
215Kb / 12P
   ISO2-CMOS Integrated DTMF Receiver
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
   DTMF Receiver?
logo
List of Unclassifed Man...
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
   DTMF RECEIVER
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_02 Datasheet
187Kb / 13P
   DTMF Receiver
logo
List of Unclassifed Man...
M-8870 ETC2-M-8870 Datasheet
255Kb / 8P
   DTMF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com