FEATURES
• Ultra-Fast
• Isolated and Hermetically Sealed
• Low Forward Voltage
• Common Cathode & Common Anode
• Center-Tap Configuration
• Qualified to MIL-PRF-19500/643
DESCRIPTION
This hermetically packaged QPL product features the latest advanced silicon and
packaging technology. It is ideally suited for Military requirements where small size,
high performance and high reliability are required, and in applications such as
switching power supplies, motor controls, inverters, choppers, audio amplifiers and
high energy pulse circuits.
9 03 R0
400V Thru 600V,
12A, Center-Tap Ultra-Fast
Power Rectifier in TO-254 Hermetic Package
1N6766, 1N6766R, JANTX1N6766, JANTX1N6766R, JANTXV1N6766, JANTXV1N6766R
1N6767, 1N6767R, JANTX1N6767, JANTX1N6767R, JANTXV1N6767, JANTXV1N6767R
COMMON CATHODE
1
2
3
MECHANICAL OUTLINE
SCHEMATIC
COMMON ANODE
1
2
3
205 Crawford Street, Leominster, MA 01453 USA (978) 534-5776 FAX (978) 537-4246
Visit Our Web Site at www.omnirel.com
Note: “R” at end of Part Number Designates Common Anode
JANTX, JANTXV POWER DUAL RECTIFIERS IN A
TO-254AA PACKAGE QUALIFIED TO MIL-PRF-19500/643
1N6766, 1N6767
1N6766R, 1N6767R
.144 DIA.
.050
.040
.260
.249
.685
.665
.800
.790
.545
.535
.550
.510
.045
.035
.550
.530
.150 TYP.
.150 TYP.
.005
12
3
TO-254AA