Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10E154 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10E154
Description  5-BIT 2:1 MUX-LATCH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E154 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10E154 Datasheet HTML 1Page - ON Semiconductor MC10E154 Datasheet HTML 2Page - ON Semiconductor MC10E154 Datasheet HTML 3Page - ON Semiconductor MC10E154 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC10E154 MC100E154
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 4
2–2
DC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = VCCO = GND)
0
°C
25
°C
85
°C
Symbol
Characteristic
min
typ
max
min
typ
max
min
typ
max
Unit
Condition
IIH
Input HIGH Current
150
150
150
µA
IEE
Power Supply Current
mA
10E
76
91
76
91
76
91
100E
76
91
76
91
87
105
AC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = VCCO = GND)
0
°C
25
°C
85
°C
Symbol
Characteristic
min
typ
max
min
typ
max
min
typ
max
Unit
Condition
tPLH
Propagation Delay to Output
ps
tPHL
D
325
500
700
325
500
700
325
500
700
SEL
475
650
925
475
650
925
475
650
925
LEN
350
500
750
350
500
750
350
500
750
MR
450
600
800
450
600
800
450
600
800
ts
Setup Time
ps
D
300
100
300
100
300
100
SEL
500
250
500
250
500
250
th
Hold Time
ps
D
300
–100
300
–100
300
–100
SEL
200
– 250
200
– 250
200
– 250
tRR
Reset Recovery Time
800
600
800
600
800
600
ps
tPW
Minimum Pulse Width
ps
MR
400
400
400
tSKEW
Within-Device Skew
50
50
50
ps
1
tr
Rise/Fall Times
ps
tf
20 - 80%
300
475
800
300
475
800
300
475
800
1. Within-device skew is defined as identical transitions on similar paths through a device.


Similar Part No. - MC10E154

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E154 ONSEMI-MC10E154 Datasheet
127Kb / 8P
   5V ECL 5-Bit 2:1 Mux-Latch
November, 2006 ??Rev. 8
MC10E154FN ONSEMI-MC10E154FN Datasheet
127Kb / 8P
   5V ECL 5-Bit 2:1 Mux-Latch
November, 2006 ??Rev. 8
MC10E154FNG ONSEMI-MC10E154FNG Datasheet
127Kb / 8P
   5V ECL 5-Bit 2:1 Mux-Latch
November, 2006 ??Rev. 8
MC10E154FNR2 ONSEMI-MC10E154FNR2 Datasheet
127Kb / 8P
   5V ECL 5-Bit 2:1 Mux-Latch
November, 2006 ??Rev. 8
MC10E154FNR2G ONSEMI-MC10E154FNR2G Datasheet
127Kb / 8P
   5V ECL 5-Bit 2:1 Mux-Latch
November, 2006 ??Rev. 8
More results

Similar Description - MC10E154

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E154 MICREL-SY10E154 Datasheet
61Kb / 4P
   5-BIT 2:1 MUX-LATCH
SY10E154 MICREL-SY10E154_06 Datasheet
63Kb / 4P
   5-BIT 2:1 MUX-LATCH
logo
ON Semiconductor
MC10E154 ONSEMI-MC10E154_06 Datasheet
127Kb / 8P
   5V ECL 5-Bit 2:1 Mux-Latch
November, 2006 ??Rev. 8
MC10E155 ONSEMI-MC10E155 Datasheet
105Kb / 4P
   6-BIT 2:1 MUX-LATCH
1996 REV 3
logo
Micrel Semiconductor
SY10E155 MICREL-SY10E155 Datasheet
60Kb / 4P
   6-BIT 2:1 MUX-LATCH
SY10E155 MICREL-SY10E155_06 Datasheet
66Kb / 4P
   6-BIT 2:1 MUX-LATCH
SY10E256 MICREL-SY10E256 Datasheet
60Kb / 4P
   3-BIT 4:1 MUX-LATCH
SY10E156 MICREL-SY10E156 Datasheet
60Kb / 4P
   3-BIT 4:1 MUX-LATCH
logo
ON Semiconductor
MC10E156 ONSEMI-MC10E156 Datasheet
106Kb / 4P
   3-BIT 4:1 MUX-LATCH
1996 REV 3
logo
Micrel Semiconductor
SY10E256 MICREL-SY10E256_06 Datasheet
63Kb / 4P
   3-BIT 4:1 MUX-LATCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com