Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD4482322GF-C60Y Datasheet(PDF) 6 Page - NEC

Part # UPD4482322GF-C60Y
Description  8M-BIT CMOS SYNCHRONOUS FAST SRAM PIPELINED OPERATION SINGLE CYCLE DESELECT
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4482322GF-C60Y Datasheet(HTML) 6 Page - NEC

Back Button UPD4482322GF-C60Y Datasheet HTML 2Page - NEC UPD4482322GF-C60Y Datasheet HTML 3Page - NEC UPD4482322GF-C60Y Datasheet HTML 4Page - NEC UPD4482322GF-C60Y Datasheet HTML 5Page - NEC UPD4482322GF-C60Y Datasheet HTML 6Page - NEC UPD4482322GF-C60Y Datasheet HTML 7Page - NEC UPD4482322GF-C60Y Datasheet HTML 8Page - NEC UPD4482322GF-C60Y Datasheet HTML 9Page - NEC UPD4482322GF-C60Y Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
Data Sheet M14522EJ3V0DS
µPD4482162, 4482182, 4482322, 4482362
Pin Identification (
µµµµPD4482322GF, µµµµPD4482362GF)
Symbol
Pin No.
Description
A0 to A17
37, 36, 35, 34, 33, 32, 100, 99, 82, 81, 44, 45,
46, 47, 48, 49, 50, 43
Synchronous Address Input
I/O1 to I/O32
52, 53, 56, 57, 58, 59, 62, 63, 68, 69, 72, 73, 74,
75, 78, 79, 2, 3, 6, 7, 8, 9, 12, 13, 18, 19, 22, 23,
24, 25, 28, 29
Synchronous Data In,
Synchronous / Asynchronous Data Out
I/OP1, NC
Note
51
Synchronous Data In (Parity),
I/OP2, NC
Note
80
Synchronous / Asynchronous Data Out (Parity)
I/OP3, NC
Note
1
I/OP4, NC
Note
30
/ADV
83
Synchronous Burst Address Advance Input
/AP
84
Synchronous Address Status Processor Input
/AC
85
Synchronous Address Status Controller Input
/CE, CE2, /CE2
98, 97, 92
Synchronous Chip Enable Input
/BWE1 to /BWE4, /BWE 93, 94, 95, 96, 87
Synchronous Byte Write Enable Input
/GW
88
Synchronous Global Write Input
/G
86
Asynchronous Output Enable Input
CLK
89
Clock Input
MODE
31
Asynchronous Burst Sequence Select Input
Do not change state during normal operation
ZZ
64
Asynchronous Power Down State Input
VDD
15, 41, 65, 91
Power Supply
VSS
17, 40, 67, 90
Ground
VDDQ
4, 11, 20, 27, 54, 61, 70, 77
Output Buffer Power Supply
VSSQ
5, 10, 21, 26, 55, 60, 71, 76
Output Buffer Ground
NC
14, 16, 38, 39, 42, 66
No Connection
Note NC (No Connection) is used in the
µPD4482322GF.
I/OP1 to I/OP4 are used in the
µPD4482362GF.


Similar Part No. - UPD4482322GF-C60Y

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4482321 NEC-UPD4482321 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
UPD4482321GF-A65 NEC-UPD4482321GF-A65 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
UPD4482321GF-A75 NEC-UPD4482321GF-A75 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
UPD4482321GF-A85 NEC-UPD4482321GF-A85 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
UPD4482321GF-C75 NEC-UPD4482321GF-C75 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
More results

Similar Description - UPD4482322GF-C60Y

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4482163 NEC-UPD4482163 Datasheet
300Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM PIPELINED OPERATION DOUBLE CYCLE DESELECT
logo
Integrated Device Techn...
IDT71V632 IDT-IDT71V632_17 Datasheet
861Kb / 18P
   3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
logo
NEC
UPD4482161 NEC-UPD4482161 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
UPD4481162 NEC-UPD4481162 Datasheet
404Kb / 28P
   8M-BIT ZEROSB SRAM PIPELINED OPERATION
logo
Integrated Silicon Solu...
IS61VPS25672A ISSI-IS61VPS25672A_13 Datasheet
375Kb / 35P
   256Kx72,512Kx36,1024Kx18 18Mb SYNCHRONOUS PIPELINED,SINGLE CYCLE DESELECT STATIC RAM
IS61LPS25636A-200B3LI ISSI-IS61LPS25636A-200B3LI Datasheet
630Kb / 35P
   9 Mb SYNCHRONOUS PIPELINED, Single CYCLE DESELECT STATIC RAM
logo
Renesas Technology Corp
71V632 RENESAS-71V632 Datasheet
268Kb / 19P
   64K x 32 3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
Mar.09.20
logo
Integrated Device Techn...
IDT71V632 IDT-IDT71V632 Datasheet
273Kb / 19P
   64K x 32 3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
logo
Integrated Silicon Solu...
IS61LPS12836EC-250TQ ISSI-IS61LPS12836EC-250TQ Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT SRAM
logo
Integrated Device Techn...
IDT71V432 IDT-IDT71V432 Datasheet
267Kb / 18P
   32K x 32 CacheRAM 3.3V Synchronous SRAM Burst Counter Single Cycle Deselect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com