Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS-CCD1201MM Datasheet(PDF) 8 Page - C&D Technologies

Part # ADS-CCD1201MM
Description  12-Bit, 1.2MHz, Sampling A/D Optimized for CCD Appl
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

ADS-CCD1201MM Datasheet(HTML) 8 Page - C&D Technologies

  ADS-CCD1201MM Datasheet HTML 1Page - C&D Technologies ADS-CCD1201MM Datasheet HTML 2Page - C&D Technologies ADS-CCD1201MM Datasheet HTML 3Page - C&D Technologies ADS-CCD1201MM Datasheet HTML 4Page - C&D Technologies ADS-CCD1201MM Datasheet HTML 5Page - C&D Technologies ADS-CCD1201MM Datasheet HTML 6Page - C&D Technologies ADS-CCD1201MM Datasheet HTML 7Page - C&D Technologies ADS-CCD1201MM Datasheet HTML 8Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
0.80 MAX.
(20.32)
0.015
(0.381)
MAX. radius
for any pin
1.31 MAX.
(33.02)
0.100 TYP.
(2.540)
0.100
(2.540)
0.190 MAX.
(4.826)
0.040
(1.016)
0.020 TYP.
(0.508)
0.020
(0.508)
24
13
12
1
PIN 1
INDEX
0.130 TYP.
(3.302)
Dimension Tolerances (unless otherwise indicated):
2 place decimal (.XX) ±0.010 (±0.254)
3 place decimal (.XXX) ±0.005 (±0.127)
Lead Material: Kovar alloy
Lead Finish: 50 microinches (minimum) gold plating
over 100 microinches (nominal) nickel plating
0.060 TYP.
(1.524)
0.010 TYP.
(0.254)
MECHANICAL DIMENSIONS INCHES (mm)
24-PIN DDIP
DATEL (UK) LTD. Tadley, England Tel: (01256)-880444
DATEL S.A.R.L. Montigny Le Bretonneux, France Tel: 1-34-60-01-01
DATEL GmbH Munchen, Germany Tel: 89-544334-0
DATEL KK Tokyo, Japan Tel: 3-3779-1031, Osaka Tel: 6-354-2025
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151
Tel: (508) 339-3000 / Fax: (508) 339-6356
For immediate assistance: (800) 233-2765
DATEL makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained
herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. The DATEL logo is a registered DATEL, Inc. trademark.
ADS-CCD1201
®
®
0.200 MAX.
(5.080)
0.235 MAX.
(5.969)
0.600 ±0.010
(15.240)
0.80 MAX.
(20.32)
0.100 TYP.
(2.540)
0.100
(2.540)
0.018 ±0.002
(0.457)
0.100
(2.540)
0.040
(1.016)
1.31 MAX.
(33.27)
1
12
13
24
1.100
(27.940)
0.190 MAX.
(4.826)
0.010
(0.254)
+0.002
–0.001
SEATING
PLANE
0.025
(0.635)
Dimension Tolerances
(unless otherwise indicated):
2 place decimal (.XX) ±0.010 (±0.254)
3 place decimal (.XXX) ±0.005 (±0.127)
Lead Material: Kovar alloy
Lead Finish: 50 microinches (minimum)
gold plating over 100 microinches
(nominal) nickel plating
OPERATING
MODEL NUMBER
TEMP. RANGE
ANALOG INPUT
ADS-CCD1201MC
0 to +70°C
Unipolar (0 to +10V)
ADS-CCD1201MM
–55 to +125°C
Unipolar (0 to +10V)
Contact DATEL for availability of surface-mount packaging or
high-reliability screening.
Accessories
ADS-BCCD1201
Evaluation Board (without ADS-CCD1201)
HS-24
Heat Sink for ADS-CCD1201 models
Receptacles for pc board mounting can be ordered through
Amp Inc., part number 3-331272-8 (component lead socket),
24 required.
ORDERING INFORMATION
24-PIN SURFACE MOUNT
®
®
INNOV A TION and EX CELLENCE
ISO 9001
ISO 9001
REG
ISTERED
DS-0274C
10/96


Similar Part No. - ADS-CCD1201MM

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADS-CCD1201MM MURATA-PS-ADS-CCD1201MM Datasheet
138Kb / 8P
   12-Bit, 1.2MHz, Sampling A/D?셲 Optimized for CCD Applications
logo
DATEL, Inc.
ADS-CCD1201MM DATEL-ADS-CCD1201MM Datasheet
279Kb / 9P
   12-Bit, 1.2MHz, Sampling A/D?셲 Optimized for CCD Applications
ADS-CCD1201MM DATEL-ADS-CCD1201MM Datasheet
101Kb / 1P
   Electronic Imaging
ADS-CCD1201MM-C DATEL-ADS-CCD1201MM-C Datasheet
279Kb / 9P
   12-Bit, 1.2MHz, Sampling A/D?셲 Optimized for CCD Applications
ADS-CCD1201MM-C DATEL-ADS-CCD1201MM-C Datasheet
101Kb / 1P
   Electronic Imaging
More results

Similar Description - ADS-CCD1201MM

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADS-CCD1201 MURATA-PS-ADS-CCD1201 Datasheet
138Kb / 8P
   12-Bit, 1.2MHz, Sampling A/D?셲 Optimized for CCD Applications
logo
DATEL, Inc.
ADS-CCD1201 DATEL-ADS-CCD1201 Datasheet
279Kb / 9P
   12-Bit, 1.2MHz, Sampling A/D?셲 Optimized for CCD Applications
logo
Murata Power Solutions ...
ADS-CCD1202 MURATA-PS-ADS-CCD1202 Datasheet
309Kb / 8P
   12-Bit, 2MHz, Sampling A/D?셲 for CCD Imaging Applications
logo
DATEL, Inc.
ADS-CCD1202 DATEL-ADS-CCD1202 Datasheet
316Kb / 9P
   12-Bit, 2MHz, Sampling A/D?셲 for CCD Imaging Applications
logo
Sipex Corporation
HS574A SIPEX-HS574A Datasheet
160Kb / 14P
   12-bit Sampling A/D Converters
SP8603 SIPEX-SP8603 Datasheet
205Kb / 11P
   12-Bit Sampling A/D Converters
SP8503 SIPEX-SP8503 Datasheet
167Kb / 12P
   12-Bit Sampling A/D Converters
SP574B SIPEX-SP574B Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800_00 Datasheet
957Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com