Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD46128953-X Datasheet(PDF) 3 Page - NEC

Part # UPD46128953-X
Description  128M-BIT CMOS MOBILE SPECIFIED RAM 4M-WORD BY 32-BIT ADDRESS / DATA MULTIPLEXED EXTENDED TEMPERATURE OPERATION
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD46128953-X Datasheet(HTML) 3 Page - NEC

  UPD46128953-X Datasheet HTML 1Page - NEC UPD46128953-X Datasheet HTML 2Page - NEC UPD46128953-X Datasheet HTML 3Page - NEC UPD46128953-X Datasheet HTML 4Page - NEC UPD46128953-X Datasheet HTML 5Page - NEC UPD46128953-X Datasheet HTML 6Page - NEC UPD46128953-X Datasheet HTML 7Page - NEC UPD46128953-X Datasheet HTML 8Page - NEC UPD46128953-X Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
Preliminary Data Sheet M17506EJ1V1DS
3
μPD46128953-X
Pin Configuration
The following is pin configuration of package sample.
/xxx indicates active low signal.
127-pin PLASTIC FBGA (13.0 x 11.5)
Top View
Top View
Bottom View
CB A
D
E
F
G
H
J
K
L
M
N
P
MN P
L
K
J
H
G
F
E
D
C
B
A
14
13
12
11
10
9
8
7
6
5
4
3
2
1
NC
NC
NC
NC
NC
NC
NC
NC
/CE1
/OE
A/DQ20
A/DQ14
NC
NC
NC
NC
NC
NC
DM3
NC
DM1
A/DQ5
NC
VDD
DM0
A/DQ9
A/DQ10
VSS
NC
NC
A/DQ15
DQ22
A/DQ7
DQ27
DM2
NC
NC
A/DQ6
NC
VSS
NC
NC
NC
VDD
NC
A/DQ12
A/DQ13
NC
NC
NC
VSSQ
NC
A/DQ8
DQ24
A/DQ2
A/DQ0
NC
DQ23
VSSQ
DQ25
BC
DE
FG
H
J
NC
NC
DQ26
NC
NC
N
LM
K
14
13
12
11
10
9
8
7
6
5
4
3
2
1
NC
NC
NC
NC
P
NC
NC
DQ28
A/DQ19
A
NC
NC
NC
NC
DQ30
VSSQ
A/DQ17
NC
NC
A/DQ18
DQ29
VSS
NC
NC
A/DQ21
/ADV
CLK
A/DQ3
VDDQ
NC
A/DQ1
A/DQ11
/WAIT
NC
VDDQ
CE2
/WE
A/DQ4
VDDQ
NC
VDD
NC
NC
DQ31
A/DQ16
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
A/DQ0 to A/DQ021 : Address inputs , Data inputs/ outputs
/WAIT
: Wait output
DQ22 to DQ31
: Data inputs / outputs
DM0 to DM3 : Write data mask input
/CE1
: Chip select input
VDD
: Power supply
CE2
: Standby mode input
VSS
: Ground
/WE
: Write enable input
VDDQ
: Power supply for DQ
/OE
: Output enable input
VSSQ
: Ground for DQ
CLK
: Clock input
NC
Note
: No Connection
/ADV
: Address valid
Note Some signals can be applied because this pin is not internally connected.
Remark Refer to 10. Package Drawing for the index mark.


Similar Part No. - UPD46128953-X

ManufacturerPart #DatasheetDescription
logo
NEC
UPD46128512-E10X NEC-UPD46128512-E10X Datasheet
817Kb / 82P
   128M-BIT CMOS MOBILE SPECIFIED RAM 8M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD46128512-E11X NEC-UPD46128512-E11X Datasheet
817Kb / 82P
   128M-BIT CMOS MOBILE SPECIFIED RAM 8M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD46128512-E12X NEC-UPD46128512-E12X Datasheet
817Kb / 82P
   128M-BIT CMOS MOBILE SPECIFIED RAM 8M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD46128512-E9X NEC-UPD46128512-E9X Datasheet
817Kb / 82P
   128M-BIT CMOS MOBILE SPECIFIED RAM 8M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD46128512-X NEC-UPD46128512-X Datasheet
817Kb / 82P
   128M-BIT CMOS MOBILE SPECIFIED RAM 8M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
More results

Similar Description - UPD46128953-X

ManufacturerPart #DatasheetDescription
logo
NEC
UPD46128512-X NEC-UPD46128512-X Datasheet
817Kb / 82P
   128M-BIT CMOS MOBILE SPECIFIED RAM 8M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD4664312-X NEC-UPD4664312-X Datasheet
299Kb / 36P
   64M-BIT CMOS MOBILE SPECIFIED RAM 4M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD4632312A-X NEC-UPD4632312A-X Datasheet
320Kb / 36P
   32M-BIT CMOS MOBILE SPECIFIED RAM 2M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD4616112-X NEC-UPD4616112-X Datasheet
212Kb / 32P
   16M-BIT CMOS MOBILE SPECIFIED RAM 1M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD444012A-X NEC-UPD444012A-X Datasheet
143Kb / 24P
   4M-BIT CMOS STATIC RAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD444016-Y NEC-UPD444016-Y Datasheet
86Kb / 16P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD444016L-Y NEC-UPD444016L-Y Datasheet
87Kb / 16P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD431000A-X NEC-UPD431000A-X Datasheet
211Kb / 28P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD442012A-X NEC-UPD442012A-X Datasheet
148Kb / 24P
   2M-BIT CMOS STATIC RAM 128K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X_06 Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com