Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD4481362GF-C60 Datasheet(PDF) 1 Page - NEC

Part # UPD4481362GF-C60
Description  8M-BIT ZEROSB SRAM PIPELINED OPERATION
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4481362GF-C60 Datasheet(HTML) 1 Page - NEC

  UPD4481362GF-C60 Datasheet HTML 1Page - NEC UPD4481362GF-C60 Datasheet HTML 2Page - NEC UPD4481362GF-C60 Datasheet HTML 3Page - NEC UPD4481362GF-C60 Datasheet HTML 4Page - NEC UPD4481362GF-C60 Datasheet HTML 5Page - NEC UPD4481362GF-C60 Datasheet HTML 6Page - NEC UPD4481362GF-C60 Datasheet HTML 7Page - NEC UPD4481362GF-C60 Datasheet HTML 8Page - NEC UPD4481362GF-C60 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
MOS INTEGRATED CIRCUIT
µPD4481162, 4481182, 4481322, 4481362
8M-BIT ZEROSBTM SRAM
PIPELINED OPERATION
Document No. M15562EJ3V0DS00 (3rd edition)
Date Published December 2002 NS CP(K)
Printed in Japan
DATA SHEET
The mark
shows major revised points.
2001
Description
The
µPD4481162 is a 524,288-word by 16-bit, the µPD4481182 is a 524,288-word by 18-bit, the µPD4481322 is a
262,144-word by 32-bit and the
µPD4481362 is a 262,144-word by 36-bit ZEROSB static RAM fabricated with
advanced CMOS technology using full CMOS six-transistor memory cell.
The
µPD4481162, µPD4481182, µPD4481322 and µPD4481362 are optimized to eliminate dead cycles for read to
write, or write to read transitions. These ZEROSB static RAMs integrate unique synchronous peripheral circuitry, 2-bit
burst counter and output buffer as well as SRAM core. All input registers are controlled by a positive edge of the
single clock input (CLK).
The
µPD4481162, µPD4481182, µPD4481322 and µPD4481362 are suitable for applications which require
synchronous operation, high speed, low voltage, high density and wide bit configuration, such as buffer memory.
ZZ has to be set LOW at the normal operation. When ZZ is set HIGH, the SRAM enters Power Down State (“Sleep”).
In the “Sleep” state, the SRAM internal state is preserved. When ZZ is set LOW again, the SRAM resumes normal
operation.
The
µPD4481162, µPD4481182, µPD4481322 and µPD4481362 are packaged in 100-pin PLASTIC LQFP with a 1.4
mm package thickness for high density and low capacitive loading.
Features
• Low voltage core supply : VDD = 3.3 ± 0.165 V (-A44, -A50, -A60, -A75, -A44Y, -A50Y, -A60Y, -A75Y)
VDD = 2.5 ± 0.125 V (-C60, -C75, -C60Y, -C75Y)
• Synchronous operation
• Operating temperature : TA = 0 to 70 °C (-A44, -A50, -A60, -A75, -C60, -C75)
TA =
−40 to +85 °C (-A44Y, -A50Y, -A60Y, -A75Y, -C60Y, -C75Y)
• 100 percent bus utilization
• Internally self-timed write control
• Burst read / write : Interleaved burst and linear burst sequence
• Fully registered inputs and outputs for pipelined operation
• All registers triggered off positive clock edge
• 3.3V or 2.5V LVTTL Compatible : All inputs and outputs
• Fast clock access time : 2.8 ns (225 MHz), 3.2 ns (200 MHz), 3.5 ns (167 MHz) , 4.2 ns (133 MHz)
• Asynchronous output enable : /G
• Burst sequence selectable : MODE
• Sleep mode : ZZ (ZZ = Open or Low : Normal operation)
• Separate byte write enable : /BW1 to /BW4 (
µPD4481322 and µPD4481362)
/BW1 and /BW2 (
µPD4481162 and µPD4481182)
• Three chip enables for easy depth expansion
• Common I/O using three state outputs


Similar Part No. - UPD4481362GF-C60

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4481361 NEC-UPD4481361 Datasheet
326Kb / 28P
   8M-BIT ZEROSB SRAM FLOW THROUGH OPERATION
UPD4481361GF-A65 NEC-UPD4481361GF-A65 Datasheet
326Kb / 28P
   8M-BIT ZEROSB SRAM FLOW THROUGH OPERATION
UPD4481361GF-A75 NEC-UPD4481361GF-A75 Datasheet
326Kb / 28P
   8M-BIT ZEROSB SRAM FLOW THROUGH OPERATION
UPD4481361GF-A85 NEC-UPD4481361GF-A85 Datasheet
326Kb / 28P
   8M-BIT ZEROSB SRAM FLOW THROUGH OPERATION
UPD4481361GF-C75 NEC-UPD4481361GF-C75 Datasheet
326Kb / 28P
   8M-BIT ZEROSB SRAM FLOW THROUGH OPERATION
More results

Similar Description - UPD4481362GF-C60

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4481161 NEC-UPD4481161 Datasheet
326Kb / 28P
   8M-BIT ZEROSB SRAM FLOW THROUGH OPERATION
UPD44321182 NEC-UPD44321182 Datasheet
299Kb / 24P
   32M-BIT ZEROSB SRAM PIPELINED OPERATIO
UPD44321181 NEC-UPD44321181 Datasheet
299Kb / 24P
   32M-BIT ZEROSB SRAM FLOW THROUGH OPERATION
UPD4482162 NEC-UPD4482162 Datasheet
445Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM PIPELINED OPERATION SINGLE CYCLE DESELECT
UPD4482163 NEC-UPD4482163 Datasheet
300Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM PIPELINED OPERATION DOUBLE CYCLE DESELECT
UPD4482161 NEC-UPD4482161 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
logo
Samsung semiconductor
K7A203200A SAMSUNG-K7A203200A Datasheet
279Kb / 15P
   64Kx32-Bit Synchronous Pipelined Burst SRAM
K7A403200M SAMSUNG-K7A403200M Datasheet
411Kb / 15P
   128Kx32-Bit Synchronous Pipelined Burst SRAM
K7A203600A SAMSUNG-K7A203600A Datasheet
413Kb / 15P
   64Kx36-Bit Synchronous Pipelined Burst SRAM
K7A803600A SAMSUNG-K7A803600A Datasheet
545Kb / 20P
   256Kx36 & 512Kx18-Bit Synchronous Pipelined Burst SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com