Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD4482182GF-A44Y Datasheet(PDF) 3 Page - NEC

Part # UPD4482182GF-A44Y
Description  8M-BIT CMOS SYNCHRONOUS FAST SRAM PIPELINED OPERATION SINGLE CYCLE DESELECT
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4482182GF-A44Y Datasheet(HTML) 3 Page - NEC

  UPD4482182GF-A44Y Datasheet HTML 1Page - NEC UPD4482182GF-A44Y Datasheet HTML 2Page - NEC UPD4482182GF-A44Y Datasheet HTML 3Page - NEC UPD4482182GF-A44Y Datasheet HTML 4Page - NEC UPD4482182GF-A44Y Datasheet HTML 5Page - NEC UPD4482182GF-A44Y Datasheet HTML 6Page - NEC UPD4482182GF-A44Y Datasheet HTML 7Page - NEC UPD4482182GF-A44Y Datasheet HTML 8Page - NEC UPD4482182GF-A44Y Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
Data Sheet M14522EJ3V0DS
µPD4482162, 4482182, 4482322, 4482362
Pin Configurations
/
××× indicates active low signal.
100-pin PLASTIC LQFP (14 x 20)
[
µµµµPD4482162GF, µµµµPD4482182GF]
Marking Side
NC
NC
NC
VDDQ
VSSQ
NC
NC
I/O9
I/O10
VSSQ
VDDQ
I/O11
I/O12
NC
VDD
NC
VSS
I/O13
I/O14
VDDQ
VSSQ
I/O15
I/O16
I/OP2, NC
NC
VSSQ
VDDQ
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
A18
NC
NC
VDDQ
VSSQ
NC
I/OP1, NC
I/O8
I/O7
VSSQ
VDDQ
I/O6
I/O5
VSS
NC
VDD
ZZ
I/O4
I/O3
VDDQ
VSSQ
I/O2
I/O1
NC
NC
VSSQ
VDDQ
NC
NC
NC
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
Remark Refer to Package Drawing for the 1-pin index mark.


Similar Part No. - UPD4482182GF-A44Y

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4482181 NEC-UPD4482181 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
UPD4482181GF-A65 NEC-UPD4482181GF-A65 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
UPD4482181GF-A75 NEC-UPD4482181GF-A75 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
UPD4482181GF-A85 NEC-UPD4482181GF-A85 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
UPD4482181GF-C75 NEC-UPD4482181GF-C75 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
More results

Similar Description - UPD4482182GF-A44Y

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4482163 NEC-UPD4482163 Datasheet
300Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM PIPELINED OPERATION DOUBLE CYCLE DESELECT
logo
Integrated Device Techn...
IDT71V632 IDT-IDT71V632_17 Datasheet
861Kb / 18P
   3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
logo
NEC
UPD4482161 NEC-UPD4482161 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
UPD4481162 NEC-UPD4481162 Datasheet
404Kb / 28P
   8M-BIT ZEROSB SRAM PIPELINED OPERATION
logo
Integrated Silicon Solu...
IS61VPS25672A ISSI-IS61VPS25672A_13 Datasheet
375Kb / 35P
   256Kx72,512Kx36,1024Kx18 18Mb SYNCHRONOUS PIPELINED,SINGLE CYCLE DESELECT STATIC RAM
IS61LPS25636A-200B3LI ISSI-IS61LPS25636A-200B3LI Datasheet
630Kb / 35P
   9 Mb SYNCHRONOUS PIPELINED, Single CYCLE DESELECT STATIC RAM
logo
Renesas Technology Corp
71V632 RENESAS-71V632 Datasheet
268Kb / 19P
   64K x 32 3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
Mar.09.20
logo
Integrated Device Techn...
IDT71V632 IDT-IDT71V632 Datasheet
273Kb / 19P
   64K x 32 3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
logo
Integrated Silicon Solu...
IS61LPS12836EC-250TQ ISSI-IS61LPS12836EC-250TQ Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT SRAM
logo
Integrated Device Techn...
IDT71V432 IDT-IDT71V432 Datasheet
267Kb / 18P
   32K x 32 CacheRAM 3.3V Synchronous SRAM Burst Counter Single Cycle Deselect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com