Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD4482361GF-C75 Datasheet(PDF) 7 Page - NEC

Part # UPD4482361GF-C75
Description  8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4482361GF-C75 Datasheet(HTML) 7 Page - NEC

Back Button UPD4482361GF-C75 Datasheet HTML 3Page - NEC UPD4482361GF-C75 Datasheet HTML 4Page - NEC UPD4482361GF-C75 Datasheet HTML 5Page - NEC UPD4482361GF-C75 Datasheet HTML 6Page - NEC UPD4482361GF-C75 Datasheet HTML 7Page - NEC UPD4482361GF-C75 Datasheet HTML 8Page - NEC UPD4482361GF-C75 Datasheet HTML 9Page - NEC UPD4482361GF-C75 Datasheet HTML 10Page - NEC UPD4482361GF-C75 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
µPD4482161, 4482181, 4482321, 4482361
Data Sheet M14521EJ3V0DS
Pin Identification (
µµµµPD4482321GF, µµµµPD4482361GF)
Symbol
Pin No.
Description
A0 to A17
37, 36, 35, 34, 33, 32, 100, 99, 82, 81, 44, Synchronous Address Input
45, 46, 47, 48, 49, 50, 43
I/O1 to I/O32
52, 53, 56, 57, 58, 59, 62, 63, 68, 69, 72,
Synchronous Data In,
73, 74, 75, 78, 79, 2, 3, 6, 7, 8, 9, 12, 13,
Synchronous / Asynchronous Data Out
18, 19, 22, 23, 24, 25, 28, 29
I/OP1, NC
Note
51
Synchronous Data In (Parity),
I/OP2, NC
Note
80
Synchronous / Asynchronous Data Out (Parity)
I/OP3, NC
Note
1
I/OP4, NC
Note
30
/ADV
83
Synchronous Burst Address Advance Input
/AP
84
Synchronous Address Status Processor Input
/AC
85
Synchronous Address Status Controller Input
/CE, CE2, /CE2
98, 97, 92
Synchronous Chip Enable Input
/BW1 to /BW4, /BWE
93, 94, 95, 96, 87
Synchronous Byte Write Enable Input
/GW
88
Synchronous Global Write Input
/G
86
Asynchronous Output Enable Input
CLK
89
Clock Input
MODE
31
Asynchronous Burst Sequence Select Input
Do not change state during normal operation
ZZ
64
Asynchronous Power Down State Input
VDD
15, 41, 65, 91
Power Supply
VSS
17, 40, 67, 90
Ground
VDDQ
4, 11, 20, 27, 54, 61, 70, 77
Output Buffer Power Supply
VSSQ
5, 10, 21, 26, 55, 60, 71, 76
Output Buffer Ground
NC
14, 16, 38, 39, 42, 66
No Connection
Note NC (No Connection) is used in the
µPD4482321GF.
I/OP1 to I/OP4 are used in the
µPD4482361GF.


Similar Part No. - UPD4482361GF-C75

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4482362 NEC-UPD4482362 Datasheet
445Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM PIPELINED OPERATION SINGLE CYCLE DESELECT
UPD4482362GF-A44 NEC-UPD4482362GF-A44 Datasheet
445Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM PIPELINED OPERATION SINGLE CYCLE DESELECT
UPD4482362GF-A44Y NEC-UPD4482362GF-A44Y Datasheet
445Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM PIPELINED OPERATION SINGLE CYCLE DESELECT
UPD4482362GF-A50 NEC-UPD4482362GF-A50 Datasheet
445Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM PIPELINED OPERATION SINGLE CYCLE DESELECT
UPD4482362GF-A50Y NEC-UPD4482362GF-A50Y Datasheet
445Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM PIPELINED OPERATION SINGLE CYCLE DESELECT
More results

Similar Description - UPD4482361GF-C75

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4481161 NEC-UPD4481161 Datasheet
326Kb / 28P
   8M-BIT ZEROSB SRAM FLOW THROUGH OPERATION
UPD4482162 NEC-UPD4482162 Datasheet
445Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM PIPELINED OPERATION SINGLE CYCLE DESELECT
UPD4482163 NEC-UPD4482163 Datasheet
300Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM PIPELINED OPERATION DOUBLE CYCLE DESELECT
UPD44321181 NEC-UPD44321181 Datasheet
299Kb / 24P
   32M-BIT ZEROSB SRAM FLOW THROUGH OPERATION
UPD4481162 NEC-UPD4481162 Datasheet
404Kb / 28P
   8M-BIT ZEROSB SRAM PIPELINED OPERATION
logo
GSI Technology
GS8161FZ18BD GSI-GS8161FZ18BD Datasheet
1Mb / 28P
   18Mb Flow Through Synchronous NBT SRAM
logo
Alliance Semiconductor ...
AS7C33512FT18A ALSC-AS7C33512FT18A Datasheet
506Kb / 19P
   3.3V 512K x 18 Flow-through synchronous SRAM
logo
GSI Technology
GS8162Z72C GSI-GS8162Z72C Datasheet
1Mb / 31P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z72CC-V GSI-GS8162Z72CC-V Datasheet
1Mb / 27P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS81282Z36GB-250I GSI-GS81282Z36GB-250I Datasheet
446Kb / 35P
   144Mb Pipelined and Flow Through Synchronous NBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com