Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD44321362GF-A50 Datasheet(PDF) 2 Page - NEC

Part # UPD44321362GF-A50
Description  32M-BIT ZEROSB SRAM PIPELINED OPERATIO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD44321362GF-A50 Datasheet(HTML) 2 Page - NEC

  UPD44321362GF-A50 Datasheet HTML 1Page - NEC UPD44321362GF-A50 Datasheet HTML 2Page - NEC UPD44321362GF-A50 Datasheet HTML 3Page - NEC UPD44321362GF-A50 Datasheet HTML 4Page - NEC UPD44321362GF-A50 Datasheet HTML 5Page - NEC UPD44321362GF-A50 Datasheet HTML 6Page - NEC UPD44321362GF-A50 Datasheet HTML 7Page - NEC UPD44321362GF-A50 Datasheet HTML 8Page - NEC UPD44321362GF-A50 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
Data Sheet M16024EJ5V0DS
µPD44321182, 44321362
Ordering Information
Part number
Access
Time
ns
Clock
Frequency
MHz
Core Supply
Voltage
V
I/O Interface
Package
µPD44321182GF-A50
3.2
200
3.3 ± 0.165
3.3 V or 2.5 V LVTTL 100-pin PLASTIC LQFP
2.5 ± 0.125
2.5 V LVTTL
(14 x 20)
µPD44321362GF-A50
3.2
200
3.3 ± 0.165
3.3 V or 2.5 V LVTTL
2.5 ± 0.125
2.5 V LVTTL


Similar Part No. - UPD44321362GF-A50

ManufacturerPart #DatasheetDescription
logo
NEC
UPD44321361GF-A75 NEC-UPD44321361GF-A75 Datasheet
299Kb / 24P
   32M-BIT ZEROSB SRAM FLOW THROUGH OPERATION
More results

Similar Description - UPD44321362GF-A50

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4481162 NEC-UPD4481162 Datasheet
404Kb / 28P
   8M-BIT ZEROSB SRAM PIPELINED OPERATION
UPD44321181 NEC-UPD44321181 Datasheet
299Kb / 24P
   32M-BIT ZEROSB SRAM FLOW THROUGH OPERATION
UPD4481161 NEC-UPD4481161 Datasheet
326Kb / 28P
   8M-BIT ZEROSB SRAM FLOW THROUGH OPERATION
logo
Samsung semiconductor
K7A203200A SAMSUNG-K7A203200A Datasheet
279Kb / 15P
   64Kx32-Bit Synchronous Pipelined Burst SRAM
K7A403200M SAMSUNG-K7A403200M Datasheet
411Kb / 15P
   128Kx32-Bit Synchronous Pipelined Burst SRAM
K7A203600A SAMSUNG-K7A203600A Datasheet
413Kb / 15P
   64Kx36-Bit Synchronous Pipelined Burst SRAM
K7A803600A SAMSUNG-K7A803600A Datasheet
545Kb / 20P
   256Kx36 & 512Kx18-Bit Synchronous Pipelined Burst SRAM
K7A803609B SAMSUNG-K7A803609B Datasheet
400Kb / 18P
   256Kx36 & 512Kx18-Bit Synchronous Pipelined Burst SRAM
K7A403609A SAMSUNG-K7A403609A Datasheet
466Kb / 17P
   128Kx36 & 256Kx18-Bit Synchronous Pipelined Burst SRAM
DS_K6X8016C3B SAMSUNG-DS_K6X8016C3B Datasheet
130Kb / 9P
   64Kx36 & 64Kx32-Bit Synchronous Pipelined Burst SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com