Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD4481361GF-A85 Datasheet(PDF) 11 Page - NEC

Part # UPD4481361GF-A85
Description  8M-BIT ZEROSB SRAM FLOW THROUGH OPERATION
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4481361GF-A85 Datasheet(HTML) 11 Page - NEC

Back Button UPD4481361GF-A85 Datasheet HTML 7Page - NEC UPD4481361GF-A85 Datasheet HTML 8Page - NEC UPD4481361GF-A85 Datasheet HTML 9Page - NEC UPD4481361GF-A85 Datasheet HTML 10Page - NEC UPD4481361GF-A85 Datasheet HTML 11Page - NEC UPD4481361GF-A85 Datasheet HTML 12Page - NEC UPD4481361GF-A85 Datasheet HTML 13Page - NEC UPD4481361GF-A85 Datasheet HTML 14Page - NEC UPD4481361GF-A85 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
Data Sheet M15561EJ3V0DS
µPD4481161, 4481181, 4481321, 4481361
Asynchronous Truth Table
Operation
/G
I/O
Read Cycle
L
Dout
Read Cycle
H
High-Z
Write Cycle
×
High-Z, Din
Deselected
×
High-Z
Remark
× : don’t care
Synchronous Truth Table
Operation
/CE
CE2
/CE2
ADV
/WE
/BWs
/CKE
CLK
I/O
Address
Note
Deselected
H
××
L
××
LL
→ H
High-Z
None
1
Deselected
×
L
×
L
××
LL
→ H
High-Z
None
1
Deselected
××
HL
××
LL
→ H
High-Z
None
1
Continue Deselected
××
×
H
××
LL
→ H
High-Z
None
1
Read Cycle / Begin Burst
L
H
L
L
H
×
LL
→ H
Dout
External
Read Cycle / Continue Burst
××
×
H
××
LL
→ H
Dout
Next
Write Cycle / Begin Burst
L
H
LLLL
L
L
→ H
Din
External
Write Cycle / Continue Burst
××
×
H
×
LL
L
→ HDin
Next
Write Cycle / Write Abort
L
H
L
L
L
H
L
L
→ H
High-Z
External
Write Cycle / Write Abort
××
×
H
×
HL
L
→ H
High-Z
Next
Stall / Ignore Clock Edge
××
××××
HL
→ H
Current
2
Notes
1. Deselect status is held until new “Begin Burst” entry.
2. If an Ignore Clock Edge command occurs during a read operation, the I/O bus will remain active (low
impedance). If it occurs during a write cycle, the bus will remain high impedance. No write operation will
be performed during the Ignore Clock Edge cycle.
Remarks 1.
× : don’t care
2. /BWs = L means any one or more byte write enables (/BW1, /BW2, /BW3 or /BW4) are LOW.
/BWs = H means all byte write enables (/BW1, /BW2, /BW3 or /BW4) are HIGH.


Similar Part No. - UPD4481361GF-A85

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4481362 NEC-UPD4481362 Datasheet
404Kb / 28P
   8M-BIT ZEROSB SRAM PIPELINED OPERATION
UPD4481362GF-A44 NEC-UPD4481362GF-A44 Datasheet
404Kb / 28P
   8M-BIT ZEROSB SRAM PIPELINED OPERATION
UPD4481362GF-A50 NEC-UPD4481362GF-A50 Datasheet
404Kb / 28P
   8M-BIT ZEROSB SRAM PIPELINED OPERATION
UPD4481362GF-A60 NEC-UPD4481362GF-A60 Datasheet
404Kb / 28P
   8M-BIT ZEROSB SRAM PIPELINED OPERATION
UPD4481362GF-A75 NEC-UPD4481362GF-A75 Datasheet
404Kb / 28P
   8M-BIT ZEROSB SRAM PIPELINED OPERATION
More results

Similar Description - UPD4481361GF-A85

ManufacturerPart #DatasheetDescription
logo
NEC
UPD44321181 NEC-UPD44321181 Datasheet
299Kb / 24P
   32M-BIT ZEROSB SRAM FLOW THROUGH OPERATION
UPD4481162 NEC-UPD4481162 Datasheet
404Kb / 28P
   8M-BIT ZEROSB SRAM PIPELINED OPERATION
UPD4482161 NEC-UPD4482161 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
UPD44321182 NEC-UPD44321182 Datasheet
299Kb / 24P
   32M-BIT ZEROSB SRAM PIPELINED OPERATIO
UPD4482163 NEC-UPD4482163 Datasheet
300Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM PIPELINED OPERATION DOUBLE CYCLE DESELECT
UPD4482162 NEC-UPD4482162 Datasheet
445Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM PIPELINED OPERATION SINGLE CYCLE DESELECT
logo
Integrated Circuit Solu...
IC61SF25632T ICSI-IC61SF25632T Datasheet
476Kb / 19P
   8Mb SyncBurst Flow through SRAM
logo
Renesas Technology Corp
M5M5V5A36GP RENESAS-M5M5V5A36GP_1 Datasheet
542Kb / 20P
   18874368-BIT(524288-WORD BY 36-BIT) Flow-Through NETWORK SRAM
M5M5V5A36GP RENESAS-M5M5V5A36GP Datasheet
386Kb / 19P
   18874368-BIT(524288-WORD BY 36-BIT) Flow-Through NETWORK SRAM
logo
GSI Technology
GS8161FZ18BD GSI-GS8161FZ18BD Datasheet
1Mb / 28P
   18Mb Flow Through Synchronous NBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com