Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD4482323GF-A44 Datasheet(PDF) 10 Page - NEC

Part # UPD4482323GF-A44
Description  8M-BIT CMOS SYNCHRONOUS FAST SRAM PIPELINED OPERATION DOUBLE CYCLE DESELECT
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4482323GF-A44 Datasheet(HTML) 10 Page - NEC

Back Button UPD4482323GF-A44 Datasheet HTML 6Page - NEC UPD4482323GF-A44 Datasheet HTML 7Page - NEC UPD4482323GF-A44 Datasheet HTML 8Page - NEC UPD4482323GF-A44 Datasheet HTML 9Page - NEC UPD4482323GF-A44 Datasheet HTML 10Page - NEC UPD4482323GF-A44 Datasheet HTML 11Page - NEC UPD4482323GF-A44 Datasheet HTML 12Page - NEC UPD4482323GF-A44 Datasheet HTML 13Page - NEC UPD4482323GF-A44 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
Data Sheet M14904EJ3V0DS
µPD4482163, 4482183, 4482323, 4482363
Partial Truth Table for Write Enables
[
µµµµPD4482163, µµµµPD4482183]
Operation
/GW
/BWE
/BW1
/BW2
Read Cycle
H
H
××
Read Cycle
H
L
H
H
Write Cycle / Byte 1 (I/O [1:8], I/OP1)
H
L
L
H
Write Cycle / Byte 2 (I/O [9:16], I/OP2)
H
L
H
L
Write Cycle / All Bytes
H
L
L
L
Write Cycle / All Bytes
L
××
×
Remark
× : don’t care
[
µµµµPD4482323, µµµµPD4482363]
Operation
/GW
/BWE
/BW1
/BW2
/BW3
/BW4
Read Cycle
H
H
××
×
×
Read Cycle
H
L
H
H
H
H
Write Cycle / Byte 1 (I/O [1:8], I/OP1)
H
L
L
H
H
H
Write Cycle / Byte 2 (I/O [9:16], I/OP2)
H
L
H
L
H
H
Write Cycle / Byte 3 (I/O [17:24], I/OP3)
H
L
H
H
L
H
Write Cycle / Byte 4 (I/O [25:32], I/OP4)
H
L
H
H
H
L
Write Cycle / All Bytes
H
L
L
L
L
L
Write Cycle / All Bytes
L
××
××
×
Remark
× : don’t care
Pass-Through Truth Table
Previous Cycle
Present Cycle
Next Cycle
Operation
Add
/WRITE
I/O
Operation
Add
/CEs /WRITE
/G
I/O
Operation
Write Cycle
Ak
L
Dn(Ak)
Read Cycle
Am
L
H
L
Q1(Ak)
Read Q1(Am)
(Begin Burst)
Deselected
-
H
××
High-Z
No Carry Over from
Previous Cycle
Remarks 1.
× : don’t care
2. /WRITE = L means any one or more byte write enables (/BW1, /BW2, /BW3 or /BW4) and /BWE are
LOW or /GW is LOW.
/WRITE = H means the following two cases.
(1) /BWE and /GW are HIGH.
(2) /BW1, /BW2 and /GW are HIGH, and /BWE is LOW. [
µPD4482163, µPD4482183]
/BW1 to /BW4 and /GW are HIGH, and /BWE is LOW. [
µPD4482323, µPD4482363]
/CEs = L means /CE is LOW, /CE2 is LOW and CE2 is HIGH.
/CEs = H means /CE is HIGH or /CE2 is HIGH or CE2 is LOW.
ZZ (Sleep) Truth Table
ZZ
Chip Status
0.2 V
Active
Open
Active
VDD − 0.2 V
Sleep


Similar Part No. - UPD4482323GF-A44

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4482321 NEC-UPD4482321 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
UPD4482321GF-A65 NEC-UPD4482321GF-A65 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
UPD4482321GF-A75 NEC-UPD4482321GF-A75 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
UPD4482321GF-A85 NEC-UPD4482321GF-A85 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
UPD4482321GF-C75 NEC-UPD4482321GF-C75 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
More results

Similar Description - UPD4482323GF-A44

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4482162 NEC-UPD4482162 Datasheet
445Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM PIPELINED OPERATION SINGLE CYCLE DESELECT
UPD4482161 NEC-UPD4482161 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
UPD4481162 NEC-UPD4481162 Datasheet
404Kb / 28P
   8M-BIT ZEROSB SRAM PIPELINED OPERATION
logo
Integrated Device Techn...
IDT71V632 IDT-IDT71V632_17 Datasheet
861Kb / 18P
   3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
logo
Integrated Silicon Solu...
IS61VPS25672A ISSI-IS61VPS25672A_13 Datasheet
375Kb / 35P
   256Kx72,512Kx36,1024Kx18 18Mb SYNCHRONOUS PIPELINED,SINGLE CYCLE DESELECT STATIC RAM
logo
Renesas Technology Corp
71V632 RENESAS-71V632 Datasheet
268Kb / 19P
   64K x 32 3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
Mar.09.20
logo
Integrated Silicon Solu...
IS61LPS25636A-200B3LI ISSI-IS61LPS25636A-200B3LI Datasheet
630Kb / 35P
   9 Mb SYNCHRONOUS PIPELINED, Single CYCLE DESELECT STATIC RAM
logo
Integrated Device Techn...
IDT71V632 IDT-IDT71V632 Datasheet
273Kb / 19P
   64K x 32 3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
logo
Integrated Silicon Solu...
IS61LPS12836EC-250TQ ISSI-IS61LPS12836EC-250TQ Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT SRAM
IS61VPD51236A ISSI-IS61VPD51236A Datasheet
207Kb / 29P
   512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com