Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD4616112F9-BC90-BC2 Datasheet(PDF) 10 Page - NEC

Part # UPD4616112F9-BC90-BC2
Description  16M-BIT CMOS MOBILE SPECIFIED RAM 1M-WORD BY 16-BIT
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4616112F9-BC90-BC2 Datasheet(HTML) 10 Page - NEC

Back Button UPD4616112F9-BC90-BC2 Datasheet HTML 6Page - NEC UPD4616112F9-BC90-BC2 Datasheet HTML 7Page - NEC UPD4616112F9-BC90-BC2 Datasheet HTML 8Page - NEC UPD4616112F9-BC90-BC2 Datasheet HTML 9Page - NEC UPD4616112F9-BC90-BC2 Datasheet HTML 10Page - NEC UPD4616112F9-BC90-BC2 Datasheet HTML 11Page - NEC UPD4616112F9-BC90-BC2 Datasheet HTML 12Page - NEC UPD4616112F9-BC90-BC2 Datasheet HTML 13Page - NEC UPD4616112F9-BC90-BC2 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Data Sheet M15085EJ5V0DS
10
µµµµPD4616112
5
5
5
5
Read Cycle (BC version)
Parameter
Symbol
µPD4616112-BC80
µPD4616112-BC90
Unit
Notes
MIN.
MAX.
MIN.
MAX.
Read cycle time
tRC
80
10,000
90
10,000
ns
1
Identical address read cycle time
tRC1
80
10,000
90
10,000
ns
2
Address skew time
tSKEW
10
20
ns
3
/CS pulse width
tCP
10
10
ns
Address access time
tAA
80
90
ns
4
/CS access time
tACS
80
90
ns
/OE to output valid
tOE
35
40
ns
5
/LB, /UB to output valid
tBA
35
40
ns
Output hold from address change
tOH
10
10
ns
/CS to output in low impedance
tCLZ
10
10
ns
/OE to output in low impedance
tOLZ
55
ns
/LB, /UB to output in low impedance
tBLZ
55
ns
/CS to output in high impedance
tCHZ
25
25
ns
/OE to output in high impedance
tOHZ
25
25
ns
/LB, /UB to output in high impedance
tBHZ
25
25
ns
Notes 1. One read cycle (tRC) must satisfy the minimum value (tRC(MIN.)) and maximum value (tRC(MAX.) = 10
µs). tRC
indicates the time from the /CS low level input point or address change start point, whichever is later, to
the /CS high level input point or the next address change start point, whichever is earlier. As a result,
there are the following four conditions for tRC.
1) Time from address change start point to /CS high level input point
(address access)
2) Time from address change start point to next address change start point
(address access)
3) Time from /CS low level input point to next address change start point
(/CS access)
4) Time from /CS low level input point to /CS high level input point
(/CS access)
2. The identical address read cycle time (tRC1) is the cycle time of one read operation when performing
continuous read operations toggling /OE , /LB, and /UB with the address fixed and /CS low level. Perform
settings so that the sum (tRC) of the identical address read cycle times (tRC1) is 10
µs or less.
3. tSKEW indicates the following three types of time depending on the condition.
1) When switching /CS from high level to low level, tSKEW is the time from the /CS low level input point until
the next address is determined.
2) When switching /CS from low level to high level, tSKEW is the time from the address change start point to
the /CS high level input point.
3) When /CS is fixed to low level, tSKEW is the time from the address change start point until the next address
is determined.
Since specs are defined for tSKEW only when /CS is active, tSKEW is not subject to limitations when /CS is
switched from high level to low level following address determination, or when the address is changed after
/CS is switched from low level to high level.
4. Regarding tAA and tACS, only tAA is satisfied during address access (refer to 1) and 2) of Note 1), and only
tACS is satisfied during /CS access (refer to 3) of Note 1).
5. Regarding tBA and tOE, only tBA is satisfied if /OE becomes active later than /UB and /LB, and only tOE is
satisfied if /UB and /LB become active before /OE.


Similar Part No. - UPD4616112F9-BC90-BC2

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4616112F9-B85LX-BC2 NEC-UPD4616112F9-B85LX-BC2 Datasheet
212Kb / 32P
   16M-BIT CMOS MOBILE SPECIFIED RAM 1M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD4616112F9-B95LX-BC2 NEC-UPD4616112F9-B95LX-BC2 Datasheet
212Kb / 32P
   16M-BIT CMOS MOBILE SPECIFIED RAM 1M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
More results

Similar Description - UPD4616112F9-BC90-BC2

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4616112-X NEC-UPD4616112-X Datasheet
212Kb / 32P
   16M-BIT CMOS MOBILE SPECIFIED RAM 1M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD4416016 NEC-UPD4416016 Datasheet
92Kb / 12P
   16M-BIT CMOS FAST SRAM 1M-WORD BY 16-BIT
UPD4632312A-X NEC-UPD4632312A-X Datasheet
320Kb / 36P
   32M-BIT CMOS MOBILE SPECIFIED RAM 2M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD46128512-X NEC-UPD46128512-X Datasheet
817Kb / 82P
   128M-BIT CMOS MOBILE SPECIFIED RAM 8M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD4664312-X NEC-UPD4664312-X Datasheet
299Kb / 36P
   64M-BIT CMOS MOBILE SPECIFIED RAM 4M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
logo
Renesas Technology Corp
M6MGD137W34DWG RENESAS-M6MGD137W34DWG Datasheet
124Kb / 3P
   134,217,728-BIT (8,388,608-WORD BY 16-BIT) CMOS FLASH MEMORY & 33,554,432-BIT (2,097,152-WORD BY 16-BIT) CMOS MOBILE RAM
M6MGD13TW34DWG RENESAS-M6MGD13TW34DWG Datasheet
136Kb / 3P
   134,217,728-BIT (8,388,608-WORD BY 16-BIT) CMOS FLASH MEMORY & 33,554,432-BIT (2,097,152-WORD BY 16-BIT) CMOS MOBILE RAM
M6MGD13TW66CWG-P RENESAS-M6MGD13TW66CWG-P Datasheet
125Kb / 3P
   134,217,728-BIT (8,388,608-WORD BY 16-BIT) CMOS FLASH MEMORY & 67,108,864-BIT (4,194,304-WORD BY 16-BIT) CMOS MOBILE RAM
logo
Integrated Circuit Solu...
IC66LV10016AL ICSI-IC66LV10016AL Datasheet
167Kb / 13P
   16M-BIT (1M-WORD BY 16-BIT) Low Power Pseudo SRAM
logo
NEC
UPD431000A NEC-UPD431000A Datasheet
227Kb / 32P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com