Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD4482163GF-A60 Datasheet(PDF) 11 Page - NEC

Part # UPD4482163GF-A60
Description  8M-BIT CMOS SYNCHRONOUS FAST SRAM PIPELINED OPERATION DOUBLE CYCLE DESELECT
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4482163GF-A60 Datasheet(HTML) 11 Page - NEC

Back Button UPD4482163GF-A60 Datasheet HTML 7Page - NEC UPD4482163GF-A60 Datasheet HTML 8Page - NEC UPD4482163GF-A60 Datasheet HTML 9Page - NEC UPD4482163GF-A60 Datasheet HTML 10Page - NEC UPD4482163GF-A60 Datasheet HTML 11Page - NEC UPD4482163GF-A60 Datasheet HTML 12Page - NEC UPD4482163GF-A60 Datasheet HTML 13Page - NEC UPD4482163GF-A60 Datasheet HTML 14Page - NEC UPD4482163GF-A60 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
Data Sheet M14904EJ3V0DS
µPD4482163, 4482183, 4482323, 4482363
Electrical Specifications
Absolute Maximum Ratings
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Notes
Supply voltage
VDD
–0.5
+4.0
V
Output supply voltage
VDDQ
–0.5
VDD
V
Input voltage
VIN
–0.5
VDD + 0.5
V
1, 2
Input / Output voltage
VI/O
–0.5
VDDQ + 0.5
V
1, 2
Operating ambient temperature
TA
-A44, -A50, -A60
0
70
°C
-A44Y, -A50Y, -A60Y
–40
+85
Storage temperature
Tstg
–55
+125
°C
Notes 1. –2.0 V (MIN.) (Pulse width : 2 ns)
2. VDDQ + 2.3 V (MAX.) (Pulse width : 2 ns)
Caution
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
Recommended DC Operating Conditions
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply voltage
VDD
3.135
3.3
3.465
V
Output supply voltage
VDDQ
3.135
3.3
3.465
V
High level input voltage
VIH
2.0
VDDQ + 0.3
V
Low level input voltage
VIL
–0.3 Note
+0.8
V
Note –0.8 V (MIN.) (Pulse Width : 2 ns)


Similar Part No. - UPD4482163GF-A60

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4482161 NEC-UPD4482161 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
UPD4482161GF-A65 NEC-UPD4482161GF-A65 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
UPD4482161GF-A75 NEC-UPD4482161GF-A75 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
UPD4482161GF-A85 NEC-UPD4482161GF-A85 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
UPD4482161GF-C75 NEC-UPD4482161GF-C75 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
More results

Similar Description - UPD4482163GF-A60

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4482162 NEC-UPD4482162 Datasheet
445Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM PIPELINED OPERATION SINGLE CYCLE DESELECT
UPD4482161 NEC-UPD4482161 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
UPD4481162 NEC-UPD4481162 Datasheet
404Kb / 28P
   8M-BIT ZEROSB SRAM PIPELINED OPERATION
logo
Integrated Device Techn...
IDT71V632 IDT-IDT71V632_17 Datasheet
861Kb / 18P
   3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
logo
Integrated Silicon Solu...
IS61VPS25672A ISSI-IS61VPS25672A_13 Datasheet
375Kb / 35P
   256Kx72,512Kx36,1024Kx18 18Mb SYNCHRONOUS PIPELINED,SINGLE CYCLE DESELECT STATIC RAM
logo
Renesas Technology Corp
71V632 RENESAS-71V632 Datasheet
268Kb / 19P
   64K x 32 3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
Mar.09.20
logo
Integrated Silicon Solu...
IS61LPS25636A-200B3LI ISSI-IS61LPS25636A-200B3LI Datasheet
630Kb / 35P
   9 Mb SYNCHRONOUS PIPELINED, Single CYCLE DESELECT STATIC RAM
logo
Integrated Device Techn...
IDT71V632 IDT-IDT71V632 Datasheet
273Kb / 19P
   64K x 32 3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
logo
Integrated Silicon Solu...
IS61LPS12836EC-250TQ ISSI-IS61LPS12836EC-250TQ Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT SRAM
IS61VPD51236A ISSI-IS61VPD51236A Datasheet
207Kb / 29P
   512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com