Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD4483362 Datasheet(PDF) 9 Page - NEC

Part # UPD4483362
Description  8M-BIT CMOS SYNCHRONOUS FAST STATIC RAM 256K-WORD BY 36-BIT HSTL INTERFACE / REGISTER-REGISTER / LATE WRITE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4483362 Datasheet(HTML) 9 Page - NEC

Back Button UPD4483362 Datasheet HTML 5Page - NEC UPD4483362 Datasheet HTML 6Page - NEC UPD4483362 Datasheet HTML 7Page - NEC UPD4483362 Datasheet HTML 8Page - NEC UPD4483362 Datasheet HTML 9Page - NEC UPD4483362 Datasheet HTML 10Page - NEC UPD4483362 Datasheet HTML 11Page - NEC UPD4483362 Datasheet HTML 12Page - NEC UPD4483362 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
µPD4483362
Preliminary Data Sheet M14440EJ1V0DS
Single Differential Clock, Registered Input / Registered Output Mode
Parameter
Symbol
–A75 (133 MHz)
Unit
Notes
MIN.
MAX.
Clock cycle time
tKHKH
7.5
ns
Clock phase time
tKHKL /
2.0
ns
tKLKH
Setup times
Address
tAVKH
1.5
ns
Write data
tDVKH
Write enable
tWVKH
Chip select
tSVKH
Hold times
Address
tKHAX
0.5
ns
Write data
tKHDX
Write enable
tKHWX
Chip select
tKHSX
Clock access time
tKHQV
3.8
ns
1
K high to Q change
tKHQX
1.5
ns
2
/G low to Q valid
tGLQV
3.8
ns
1
/G low to Q change
tGLQX
0
ns
2
/G high to Q Hi-Z
tGHQZ
03.8
ns
2
K high to Q Hi-Z (/SW)
tKHQZ
1.5
3.8
ns
2
K high to Q Hi-Z (/SS)
tKHQZ2
1.5
3.8
ns
2
K high to Q Lo-Z
tKHQX2
1.5
ns
2
Sleep Mode Recovery
tZZR
7.5
ns
Sleep Mode Enable
tZZE
7.5
ns
Notes 1. See figure. (VTT = 0.75 V)
DQ (Output)
ZO = 50
20 pF
50
VTT
2. See figure. (VTT = 0.75 V)
DQ (Output)
5 pF
50
VTT


Similar Part No. - UPD4483362

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD448012-BXXX RENESAS-UPD448012-BXXX Datasheet
721Kb / 26P
   MOS INTEGRATED CIRCUIT
1999
UPD448012-CXXX RENESAS-UPD448012-CXXX Datasheet
721Kb / 26P
   MOS INTEGRATED CIRCUIT
1999
logo
NEC
UPD448012-X NEC-UPD448012-X Datasheet
147Kb / 24P
   8M-BIT CMOS STATIC RAM 512K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
logo
Renesas Technology Corp
UPD448012-X RENESAS-UPD448012-X Datasheet
721Kb / 26P
   MOS INTEGRATED CIRCUIT
1999
logo
NEC
UPD448012GY-B10X-MJH NEC-UPD448012GY-B10X-MJH Datasheet
147Kb / 24P
   8M-BIT CMOS STATIC RAM 512K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
More results

Similar Description - UPD4483362

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4443362 NEC-UPD4443362 Datasheet
113Kb / 16P
   4M-BIT CMOS SYNCHRONOUS FAST STATIC RAM 128K-WORD BY 36-BIT HSTL INTERFACE / REGISTER-REGISTER / LATE WRITE
UPD44323362 NEC-UPD44323362 Datasheet
252Kb / 28P
   32M-BIT CMOS SYNCHRONOUS FAST STATIC RAM 1M-WORD BY 36-BIT HSTL INTERFACE / REGISTER-REGISTER / LATE WRITE
logo
Hitachi Semiconductor
HM62G36256 HITACHI-HM62G36256 Datasheet
137Kb / 24P
   8M Synchronous Fast Static RAM(256k-word x 36-bit)
logo
Renesas Technology Corp
HM64YLB36514 RENESAS-HM64YLB36514 Datasheet
205Kb / 22P
   16M Synchronous Late Write Fast Static RAM (512-kword 횞 36-bit, Register-Latch Mode)
HM64YLB36514 RENESAS-HM64YLB36514_15 Datasheet
218Kb / 24P
   16M Synchronous Late Write Fast Static RAM (512-kword 횞 36-bit, Register-Latch Mode)
HM64YLB36512 RENESAS-HM64YLB36512 Datasheet
360Kb / 31P
   16M Synchronous Late Write Fast Static RAM (512-kword 횞 36-bit)
HM64YGB36100 RENESAS-HM64YGB36100 Datasheet
209Kb / 21P
   32M Synchronous Late Write Fast Static RAM (1-Mword 횞 36-bit)
HM64YGB36100 RENESAS-HM64YGB36100_15 Datasheet
232Kb / 23P
   32M Synchronous Late Write Fast Static RAM (1-Mword 횞 36-bit)
HM64YLB36512 RENESAS-HM64YLB36512_15 Datasheet
395Kb / 33P
   16M Synchronous Late Write Fast Static RAM (512-kword 횞 36-bit)
HM64YGB36100BP-33 RENESAS-HM64YGB36100BP-33 Datasheet
209Kb / 21P
   32M Synchronous Late Write Fast Static RAM (1-Mword 횞 36-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com