Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD441000LGU-D15X-9KH Datasheet(PDF) 1 Page - NEC

Part # UPD441000LGU-D15X-9KH
Description  1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD441000LGU-D15X-9KH Datasheet(HTML) 1 Page - NEC

  UPD441000LGU-D15X-9KH Datasheet HTML 1Page - NEC UPD441000LGU-D15X-9KH Datasheet HTML 2Page - NEC UPD441000LGU-D15X-9KH Datasheet HTML 3Page - NEC UPD441000LGU-D15X-9KH Datasheet HTML 4Page - NEC UPD441000LGU-D15X-9KH Datasheet HTML 5Page - NEC UPD441000LGU-D15X-9KH Datasheet HTML 6Page - NEC UPD441000LGU-D15X-9KH Datasheet HTML 7Page - NEC UPD441000LGU-D15X-9KH Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
1998
MOS INTEGRATED CIRCUIT
µµµµPD441000L-X
1M-BIT CMOS STATIC RAM
128K-WORD BY 8-BIT
EXTENDED TEMPERATURE OPERATION
DATA SHEET
Document No. M13714EJ5V0DSJ1 (5th edition)
Date Published December 2000 NS CP (K)
Printed in Japan
The mark
• shows major revised points.
Description
The
µPD441000L-X is a high speed, low power, 1,048,576 bits (131,072 words by 8 bits) CMOS static RAM.
The
µPD441000L-X has two chip enable pins (/CE1, CE2) to extend the capacity.
The
µPD441000L-X is packed in 32-pin plastic SOP and 32-pin plastic TSOP (I) (8×13.4 mm) and (8×20 mm).
Features
• 131,072 words by 8 bits organization
• Fast access time : 70, 85, 100, 120, 150 ns (MAX.)
• Low voltage operation
(B version : VCC = 2.7 to 3.6 V, C version : VCC = 2.2 to 3.6 V, D version : VCC = 1.8 to 3.6 V)
• Low VCC data retention
(B version : 2.0 V (MIN.), C version, D version : 1.5 V (MIN.))
• Operating ambient temperature : TA = –25 to +85 °C
• Output Enable input for easy application
• Two Chip Enable inputs : /CE1, CE2
Part number
Access time
Operating supply Operating ambient
Supply current
ns (MAX.)
voltage
temperature
At operating
At standby
At data retention
V
°C
mA (MAX.)
µA (MAX.)
µA (MAX.)
µPD441000L-BxxX
70, 85, 100
2.7 to 3.6
−25 to +85
25
2
2
Note
µPD441000L-CxxX
100, 120
2.2 to 3.6
µPD441000L-DxxX
120, 150
1.8 to 3.6
Note 0.5
µA (TA ≤ 40 °C)
5


Similar Part No. - UPD441000LGU-D15X-9KH

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4416001 NEC-UPD4416001 Datasheet
83Kb / 12P
   16M-BIT CMOS FAST SRAM 16M-WORD BY 1-BIT
UPD4416001G5-A15-9JF NEC-UPD4416001G5-A15-9JF Datasheet
83Kb / 12P
   16M-BIT CMOS FAST SRAM 16M-WORD BY 1-BIT
UPD4416001G5-A17-9JF NEC-UPD4416001G5-A17-9JF Datasheet
83Kb / 12P
   16M-BIT CMOS FAST SRAM 16M-WORD BY 1-BIT
UPD4416004 NEC-UPD4416004 Datasheet
81Kb / 12P
   16M-BIT CMOS FAST SRAM 4M-WORD BY 4-BIT
UPD4416004G5-A15-9JF NEC-UPD4416004G5-A15-9JF Datasheet
81Kb / 12P
   16M-BIT CMOS FAST SRAM 4M-WORD BY 4-BIT
More results

Similar Description - UPD441000LGU-D15X-9KH

ManufacturerPart #DatasheetDescription
logo
NEC
UPD431000A-X NEC-UPD431000A-X Datasheet
211Kb / 28P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD431000A NEC-UPD431000A Datasheet
227Kb / 32P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT
UPD442012A-X NEC-UPD442012A-X Datasheet
148Kb / 24P
   2M-BIT CMOS STATIC RAM 128K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD442002-X NEC-UPD442002-X Datasheet
281Kb / 24P
   2M-BIT CMOS STATIC RAM 128K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD442000A-X NEC-UPD442000A-X Datasheet
157Kb / 28P
   2M-BIT CMOS STATIC RAM 256K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X Datasheet
127Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X_06 Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD444012A-X NEC-UPD444012A-X Datasheet
143Kb / 24P
   4M-BIT CMOS STATIC RAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD448012-X NEC-UPD448012-X Datasheet
147Kb / 24P
   8M-BIT CMOS STATIC RAM 512K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD4616112-X NEC-UPD4616112-X Datasheet
212Kb / 32P
   16M-BIT CMOS MOBILE SPECIFIED RAM 1M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com