Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W98M9640 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # W98M9640
Description  Semiconductor Discrete Device, P-Channel Power MOS Field Effect Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

W98M9640 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  W98M9640 Datasheet HTML 1Page - List of Unclassifed Manufacturers W98M9640 Datasheet HTML 2Page - List of Unclassifed Manufacturers W98M9640 Datasheet HTML 3Page - List of Unclassifed Manufacturers W98M9640 Datasheet HTML 4Page - List of Unclassifed Manufacturers W98M9640 Datasheet HTML 5Page - List of Unclassifed Manufacturers W98M9640 Datasheet HTML 6Page - List of Unclassifed Manufacturers W98M9640 Datasheet HTML 7Page - List of Unclassifed Manufacturers W98M9640 Datasheet HTML 8Page - List of Unclassifed Manufacturers W98M9640 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Microcircuit, Linear, Dual MOSFET Drivers,
Monolithic Silicon
SIZE
A
CAGE CODE
09WF0
W98M9640
DATE:
98-09-23
REVISION LEVEL
A
SHEET
4
TABLE II. Electrical Performance Characteristics.
Test
Symbol
Conditions
TJ = +25°C
Group A
Limits
Units
unless otherwise specified
subgroups
Min
Typ
Max
Drain-to-source
breakdown voltage
V(BR)DSS
VGS = 0 V, ID = 250 µA
Room
-200
V
Breakdown voltage
temperature coefficient
V
(BR)DS
S/TJ
ID = -1 mA
-0.20
V/°C
Static drain-to-source on
resistance
R(DS)ON
VGS = -10 V, ID = 6.6 A
4/
0.50
Gate threshold voltage
VGS(th)
VDS = VGS, ID = 250 µA
-2.0
-4.0
V
Forward
transconductance
gfs
VDS = -50 V, ID = 6.6 A
4/
4.1
S
Drain-to-source leakage
IDSS
VDS = -200 V, VGS = 0 V
-100
µA
current
VDS = -160 V, VGS = 0 V
Max.
-500
Gate-to-source forward
leakage current
IGSS
VGS = -20 V
Room
-100
nA
Gate-to-source reverse
leakage current
VGS = 20 V
100
Total gate charge
Qg
ID = -11 A
44
nC
Gate-to-source charge
Qgs
VDS = -160 V
7.1
Gate-to-drain (Miller)
charge
Qgd
VGS = -10 V (see Figures 3.6 and
3.13)
4/
27
Turn-on delay time
td(ON)
VDD = -100 V
14
ns
Rise time
tr
ID = -11 A
43
Turn-off delay time
td(off)
RG = 9.1
39
Fall time
tf
RG = 8.6 (see Figure 2.10)
4/
38
Internal drain inductance
LD
Between lead, 6 mm (0.25in) from
4.5
nH
Internal source
inductance
LS
package and center of die contact
5A/
7.5
Input capacitance
CISS
VGS = 0 V
1200
pF
Output capacitance
COSS
VDS = -25 V
370
Reverse transfer
capacitance
CrSS
f = 1.0 MHz (see Figure 2.5)
81
See footnotes at end of table.


Similar Part No. - W98M9640

ManufacturerPart #DatasheetDescription
logo
Winbond
W981208AH WINBOND-W981208AH Datasheet
2Mb / 44P
   4M x 8 bit x 4 Banks SDRAM
W981208BH WINBOND-W981208BH Datasheet
1Mb / 41P
   4M x 4 BANKS x 8 BIT SDRAM
W981216 WINBOND-W981216 Datasheet
2Mb / 44P
   2M x 16 bit x 4 Banks SDRAM
W981216 WINBOND-W981216 Datasheet
1Mb / 41P
   2M x 4 BANKS x 16 BIT SDRAM
W981216AH WINBOND-W981216AH Datasheet
2Mb / 44P
   2M x 16 bit x 4 Banks SDRAM
More results

Similar Description - W98M9640

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTJ6131E KEC-KTJ6131E Datasheet
88Kb / 3P
   P CHANNEL MOS FIELD EFFECT TRANSISTOR
KTJ6131V KEC-KTJ6131V Datasheet
750Kb / 3P
   P CHANNEL MOS FIELD EFFECT TRANSISTOR
logo
NEC
NP36P06SLG NEC-NP36P06SLG Datasheet
177Kb / 7P
   MOS FIELD EFFECT TRANSISTOR SWITCHING P-CHANNEL POWER MOSFET
logo
Renesas Technology Corp
2SJ328 RENESAS-2SJ328 Datasheet
572Kb / 8P
   CHANNEL MOS FIELD EFFECT POWER TRANSISTOR
1993
2SJ330 RENESAS-2SJ330 Datasheet
565Kb / 8P
   CHANNEL MOS FIELD EFFECT POWER TRANSISTOR
1993
2SK928 RENESAS-2SK928 Datasheet
3Mb / 6P
   CHANNEL MOS FIELD EFFECT POWER TRANSISTOR
1988
2SK1198 RENESAS-2SK1198 Datasheet
3Mb / 6P
   CHANNEL MOS FIELD EFFECT POWER TRANSISTOR
1988
2SK1150 RENESAS-2SK1150 Datasheet
5Mb / 10P
   CHANNEL MOS FIELD EFFECT POWER TRANSISTOR
1993
2SJ329 RENESAS-2SJ329 Datasheet
570Kb / 8P
   CHANNEL MOS FIELD EFFECT POWER TRANSISTOR |
1993
2SK1290 RENESAS-2SK1290 Datasheet
502Kb / 10P
   CHANNEL MOS FIELD EFFECT POWER TRANSISTOR
1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com