Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD4416001 Datasheet(PDF) 9 Page - NEC

Part # UPD4416001
Description  16M-BIT CMOS FAST SRAM 16M-WORD BY 1-BIT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4416001 Datasheet(HTML) 9 Page - NEC

Back Button UPD4416001 Datasheet HTML 4Page - NEC UPD4416001 Datasheet HTML 5Page - NEC UPD4416001 Datasheet HTML 6Page - NEC UPD4416001 Datasheet HTML 7Page - NEC UPD4416001 Datasheet HTML 8Page - NEC UPD4416001 Datasheet HTML 9Page - NEC UPD4416001 Datasheet HTML 10Page - NEC UPD4416001 Datasheet HTML 11Page - NEC UPD4416001 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet M14077EJ3V0DS
9
µµµµPD4416001
Package Drawing
NOTES
1. Each lead centerline is located within 0.13 mm of
its true position (T.P.) at maximum material condition.
2. Dimension "A" does not include mold fiash, protrusions or gate
burrs. Mold flash, protrusions or gate burrs shall not exceed
0.15 mm per side.
M
P
A
G
C
N
B
M
D
L
K
J
H
I
E
F
detail of lead end
S
54
28
127
S
ITEM
B
C
I
L
M
N
54-PIN PLASTIC TSOP (II) (10.16 mm (400))
A
D
E
F
G
H
J
P
MILLIMETERS
0.80 (T.P.)
0.91 MAX.
0.13
0.50
±0.10
10.16
±0.10
0.10
22.22
±0.05
0.10
±0.05
0.32
1.1
±0.1
11.76
±0.20
1.00
+0.08
−0.07
0.80
±0.20
3
°+7°
−3°
K
0.145+
0.025
−0.015
S54G5-80-9JF-2


Similar Part No. - UPD4416001

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4416004 NEC-UPD4416004 Datasheet
81Kb / 12P
   16M-BIT CMOS FAST SRAM 4M-WORD BY 4-BIT
UPD4416004G5-A15-9JF NEC-UPD4416004G5-A15-9JF Datasheet
81Kb / 12P
   16M-BIT CMOS FAST SRAM 4M-WORD BY 4-BIT
UPD4416004G5-A17-9JF NEC-UPD4416004G5-A17-9JF Datasheet
81Kb / 12P
   16M-BIT CMOS FAST SRAM 4M-WORD BY 4-BIT
UPD4416008 NEC-UPD4416008 Datasheet
82Kb / 12P
   16M-BIT CMOS FAST SRAM 2M-WORD BY 8-BIT
logo
Renesas Technology Corp
UPD4416008 RENESAS-UPD4416008 Datasheet
517Kb / 18P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD4416001

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4416016 NEC-UPD4416016 Datasheet
92Kb / 12P
   16M-BIT CMOS FAST SRAM 1M-WORD BY 16-BIT
UPD4416004 NEC-UPD4416004 Datasheet
81Kb / 12P
   16M-BIT CMOS FAST SRAM 4M-WORD BY 4-BIT
UPD4416008 NEC-UPD4416008 Datasheet
82Kb / 12P
   16M-BIT CMOS FAST SRAM 2M-WORD BY 8-BIT
logo
Integrated Circuit Solu...
IC66LV10016AL ICSI-IC66LV10016AL Datasheet
167Kb / 13P
   16M-BIT (1M-WORD BY 16-BIT) Low Power Pseudo SRAM
logo
NEC
UPD4616112 NEC-UPD4616112 Datasheet
220Kb / 32P
   16M-BIT CMOS MOBILE SPECIFIED RAM 1M-WORD BY 16-BIT
UPD444001 NEC-UPD444001 Datasheet
144Kb / 16P
   4M-BIT CMOS FAST SRAM 4M-WORD BY 1-BIT
logo
Mitsubishi Electric Sem...
M5M4V16169DTP MITSUBISHI-M5M4V16169DTP Datasheet
734Kb / 64P
   16MCDRAM:16M(1M-WORD BY 16-BIT) CACHED DRAM WITH 16K (1024-WORD BY 16-BIT) SRAM
logo
Macronix International
MX25L1602 MCNIX-MX25L1602 Datasheet
406Kb / 24P
   16M-BIT [16M x 1] CMOS SERIAL FLASH EEPROM
MX23L1651 MCNIX-MX23L1651 Datasheet
218Kb / 13P
   16M-BIT [16M x 1] CMOS SERIAL MASK-ROM
logo
NEC
UPD444004L NEC-UPD444004L Datasheet
100Kb / 16P
   4M-BIT CMOS FAST SRAM 1M-WORD BY 4-BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com