Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD441000LGZ-C12X-KJH Datasheet(PDF) 4 Page - NEC

Part # UPD441000LGZ-C12X-KJH
Description  1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD441000LGZ-C12X-KJH Datasheet(HTML) 4 Page - NEC

  UPD441000LGZ-C12X-KJH Datasheet HTML 1Page - NEC UPD441000LGZ-C12X-KJH Datasheet HTML 2Page - NEC UPD441000LGZ-C12X-KJH Datasheet HTML 3Page - NEC UPD441000LGZ-C12X-KJH Datasheet HTML 4Page - NEC UPD441000LGZ-C12X-KJH Datasheet HTML 5Page - NEC UPD441000LGZ-C12X-KJH Datasheet HTML 6Page - NEC UPD441000LGZ-C12X-KJH Datasheet HTML 7Page - NEC UPD441000LGZ-C12X-KJH Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet M13714EJ5V0DS
4
µµµµPD441000L-X
32-pin Plastic TSOP (I) (8
××××13.4) (Normal bent)
[
µµµµPD441000LGU-BxxX-9JH ]
[
µµµµPD441000LGU-CxxX-9JH ]
[
µµµµPD441000LGU-DxxX-9JH ]
32-pin Plastic TSOP (I) (8
××××20) (Normal bent)
[
µµµµPD441000LGZ-BxxX-KJH ]
[
µµµµPD441000LGZ-CxxX-KJH ]
[
µµµµPD441000LGZ-DxxX-KJH ]
A11
A9
A8
A13
/WE
CE2
A15
VCC
NC
A16
A14
A12
A7
A6
A5
A4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
/OE
A10
/CE1
I/O8
I/O7
I/O6
I/O5
I/O4
GND
I/O3
I/O2
I/O1
A0
A1
A2
A3
A0 - A16
: Address inputs
I/O1 - I/O8
: Data inputs / outputs
/CE1, CE2
: Chip Enable 1, 2
/WE
: Write Enable
/OE
: Output Enable
VCC
: Power supply
GND
: Ground
NC
: No connection
Remark Refer to Package Drawings for the 1-pin index mark.
5


Similar Part No. - UPD441000LGZ-C12X-KJH

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4416001 NEC-UPD4416001 Datasheet
83Kb / 12P
   16M-BIT CMOS FAST SRAM 16M-WORD BY 1-BIT
UPD4416001G5-A15-9JF NEC-UPD4416001G5-A15-9JF Datasheet
83Kb / 12P
   16M-BIT CMOS FAST SRAM 16M-WORD BY 1-BIT
UPD4416001G5-A17-9JF NEC-UPD4416001G5-A17-9JF Datasheet
83Kb / 12P
   16M-BIT CMOS FAST SRAM 16M-WORD BY 1-BIT
UPD4416004 NEC-UPD4416004 Datasheet
81Kb / 12P
   16M-BIT CMOS FAST SRAM 4M-WORD BY 4-BIT
UPD4416004G5-A15-9JF NEC-UPD4416004G5-A15-9JF Datasheet
81Kb / 12P
   16M-BIT CMOS FAST SRAM 4M-WORD BY 4-BIT
More results

Similar Description - UPD441000LGZ-C12X-KJH

ManufacturerPart #DatasheetDescription
logo
NEC
UPD431000A-X NEC-UPD431000A-X Datasheet
211Kb / 28P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD431000A NEC-UPD431000A Datasheet
227Kb / 32P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT
UPD442012A-X NEC-UPD442012A-X Datasheet
148Kb / 24P
   2M-BIT CMOS STATIC RAM 128K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD442002-X NEC-UPD442002-X Datasheet
281Kb / 24P
   2M-BIT CMOS STATIC RAM 128K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD442000A-X NEC-UPD442000A-X Datasheet
157Kb / 28P
   2M-BIT CMOS STATIC RAM 256K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X Datasheet
127Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X_06 Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD444012A-X NEC-UPD444012A-X Datasheet
143Kb / 24P
   4M-BIT CMOS STATIC RAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD448012-X NEC-UPD448012-X Datasheet
147Kb / 24P
   8M-BIT CMOS STATIC RAM 512K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD4616112-X NEC-UPD4616112-X Datasheet
212Kb / 32P
   16M-BIT CMOS MOBILE SPECIFIED RAM 1M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com