Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD485505G-25 Datasheet(PDF) 8 Page - NEC

Part # UPD485505G-25
Description  LINE BUFFER 5K-WORD BY 8-BIT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD485505G-25 Datasheet(HTML) 8 Page - NEC

Back Button UPD485505G-25 Datasheet HTML 4Page - NEC UPD485505G-25 Datasheet HTML 5Page - NEC UPD485505G-25 Datasheet HTML 6Page - NEC UPD485505G-25 Datasheet HTML 7Page - NEC UPD485505G-25 Datasheet HTML 8Page - NEC UPD485505G-25 Datasheet HTML 9Page - NEC UPD485505G-25 Datasheet HTML 10Page - NEC UPD485505G-25 Datasheet HTML 11Page - NEC UPD485505G-25 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
µPD485505
8
Data Sheet M10059EJ7V0DS00
AC Characteristics (Recommended Operating Conditions unless otherwise noted)Notes 1, 2, 3
Parameter
Symbol
µPD485505-25
µPD485505-35
Unit
Notes
MIN.
MAX.
MIN.
MAX.
Write clock cycle time
tWCK
25
35
ns
Write clock pulse width
tWCW
11
12
ns
Write clock precharge time
tWCP
11
12
ns
Read clock cycle time
tRCK
25
35
ns
Read clock pulse width
tRCW
11
12
ns
Read clock precharge time
tRCP
11
12
ns
Access time
tAC
18
25
ns
Write data-read delay time
tWAR
470
470
ns
Output hold time
tOH
55
ns
Output low-impedance time
tLZ
5
18
5
25
ns
4
Output high-impedance time
tHZ
5
18
5
25
ns
4
Input data setup time
tDS
710
ns
Input data hold time
tDH
33
ns
RSTW/RSTR Setup time
tRS
710
ns
5
RSTW/RSTR Hold time
tRH
33
ns
5
RSTW/RSTR Deselected time (1)
tRN1
33
ns
6
RSTW/RSTR Deselected time (2)
tRN2
710
ns
6
WE Setup time
tWES
710
ns
7
WE Hold time
tWEH
33
ns
7
WE Deselected time (1)
tWEN1
33
ns
8
WE Deselected time (2)
tWEN2
710
ns
8
RE Setup time
tRES
710
ns
9
RE Hold time
tREH
33
ns
9
RE Deselected time (1)
tREN1
3
3
ns
10
RE Deselected time (2)
tREN2
710
ns
10
WE Disable time
tWEW
00
ms
RE Disable time
tREW
00
ms
Write reset time
tRSTW
00
ms
Read reset time
tRSTR
00
ms
Transition time
tT
3
35
3
35
ns


Similar Part No. - UPD485505G-25

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD485505G-25 RENESAS-UPD485505G-25 Datasheet
662Kb / 26P
   MOS INTEGRATED CIRCUIT
1996
UPD485505G-25-A RENESAS-UPD485505G-25-A Datasheet
662Kb / 26P
   MOS INTEGRATED CIRCUIT
1996
More results

Similar Description - UPD485505G-25

ManufacturerPart #DatasheetDescription
logo
NEC
UPD485506 NEC-UPD485506 Datasheet
233Kb / 24P
   LINE BUFFER 5K-WORD BY 16-BIT/10K-WORD BY 8-BIT
logo
Renesas Technology Corp
M6MGB331S8AKT RENESAS-M6MGB331S8AKT Datasheet
127Kb / 3P
   33,554,432-BIT (2,097,152 - WORD BY 16-BIT /4,194,304-WORD BY 8-BIT) CMOS FLASH MEMORY & 8,388,608-BIT (524,288-WORD BY 16-BIT /1,048,576-WORD BY 8-BI
M6MGB331S8BKT RENESAS-M6MGB331S8BKT Datasheet
128Kb / 3P
   33,554,432-BIT (2,097,152 - WORD BY 16-BIT /4,194,304-WORD BY 8-BIT) CMOS FLASH MEMORY & 8,388,608-BIT (524,288-WORD BY 16-BIT /1,048,576-WORD BY 8-BI
M5M29KE131BTP RENESAS-M5M29KE131BTP Datasheet
336Kb / 33P
   134,217,728-BIT (16,777,216-WORD BY 8-BIT / 8,388,608-WORD BY 16-BIT) CMOS FLASH MEMORY
M5M5W817KT-70HI RENESAS-M5M5W817KT-70HI Datasheet
149Kb / 11P
   8388608-BIT (524288-WORD BY 16-BIT / 10485776-WORD BY 8-BIT) CMOS STATIC RAM
logo
Toshiba Semiconductor
TC55W1600FT TOSHIBA-TC55W1600FT Datasheet
202Kb / 13P
   1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55VBM416AFTN55 TOSHIBA-TC55VBM416AFTN55 Datasheet
204Kb / 14P
   1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55W800FT-55 TOSHIBA-TC55W800FT-55 Datasheet
188Kb / 13P
   524,288-WORD BY 16-BIT/1,048,576-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55V1001FI TOSHIBA-TC55V1001FI Datasheet
557Kb / 13P
   131,072 WORD BY 8 BIT STATIC RAM
TC55V2001FI TOSHIBA-TC55V2001FI Datasheet
562Kb / 13P
   262,144-WORD BY 8-BIT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com