Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD444016LG5-A8-7JF Datasheet(PDF) 7 Page - NEC

Part # UPD444016LG5-A8-7JF
Description  4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD444016LG5-A8-7JF Datasheet(HTML) 7 Page - NEC

Back Button UPD444016LG5-A8-7JF Datasheet HTML 3Page - NEC UPD444016LG5-A8-7JF Datasheet HTML 4Page - NEC UPD444016LG5-A8-7JF Datasheet HTML 5Page - NEC UPD444016LG5-A8-7JF Datasheet HTML 6Page - NEC UPD444016LG5-A8-7JF Datasheet HTML 7Page - NEC UPD444016LG5-A8-7JF Datasheet HTML 8Page - NEC UPD444016LG5-A8-7JF Datasheet HTML 9Page - NEC UPD444016LG5-A8-7JF Datasheet HTML 10Page - NEC UPD444016LG5-A8-7JF Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
µµµµPD444016L
Data Sheet M14431EJ3V0DS
Read Cycle
Parameter
Symbol
µPD444016L-A8 µPD444016L-A10 µPD444016L-A12 Unit Notes
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Read cycle time
tRC
810
12
ns
Address access time
tAA
810
12
ns
1
/CS access time
tACS
810
12
ns
/OE access time
tOE
456
ns
/LB, /UB access time
tABD
456
ns
Output hold from address change
tOH
33
3
ns
/CS to output in low impedance
tCLZ
33
3
ns
2, 3
/OE to output in low impedance
tOLZ
00
0
ns
/LB, /UB to output in low impedance
tBLZ
00
0
ns
/CS to output in high impedance
tCHZ
456
ns
/OE to output hold in high impedance
tOHZ
456
ns
/LB, /UB to output hold in high impedance
tBHZ
456
ns
Notes 1. See the output load shown in Figure 1.
2. Transition is measured at
± 200 mV from steady-state voltage with the output load shown in Figure 2.
3. These parameters are periodically sampled and not 100% tested.
Remark These AC characteristics are in common regardless of package types.
Read Cycle Timing Chart 1 (Address Access)
tOH
tRC
tAA
Address (Input)
I/O (Output)
Previous data out
Data out
Remarks 1. In read cycle, /WE should be fixed to high level.
2. /CS = /OE = /LB (or /UB) = VIL


Similar Part No. - UPD444016LG5-A8-7JF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD444016LG5-A8-7JF RENESAS-UPD444016LG5-A8-7JF Datasheet
609Kb / 22P
   MOS INTEGRATED CIRCUIT
1999
UPD444016LG5-A8-7JF-A RENESAS-UPD444016LG5-A8-7JF-A Datasheet
609Kb / 22P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD444016LG5-A8-7JF

ManufacturerPart #DatasheetDescription
logo
NEC
UPD444016 NEC-UPD444016 Datasheet
101Kb / 6P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT
UPD434016A NEC-UPD434016A Datasheet
448Kb / 14P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT
UPD444016-Y NEC-UPD444016-Y Datasheet
86Kb / 16P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD444016L-Y NEC-UPD444016L-Y Datasheet
87Kb / 16P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD444001 NEC-UPD444001 Datasheet
144Kb / 16P
   4M-BIT CMOS FAST SRAM 4M-WORD BY 1-BIT
UPD444004L NEC-UPD444004L Datasheet
100Kb / 16P
   4M-BIT CMOS FAST SRAM 1M-WORD BY 4-BIT
UPD444004 NEC-UPD444004 Datasheet
116Kb / 16P
   4M-BIT CMOS FAST SRAM 1M-WORD BY 4-BIT
UPD444008L NEC-UPD444008L Datasheet
102Kb / 16P
   4M-BIT CMOS FAST SRAM 512K-WORD BY 8-BIT
UPD444008 NEC-UPD444008 Datasheet
100Kb / 16P
   4M-BIT CMOS FAST SRAM 512K-WORD BY 8-BIT
UPD4416004 NEC-UPD4416004 Datasheet
81Kb / 12P
   16M-BIT CMOS FAST SRAM 4M-WORD BY 4-BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com