Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD444016G5-10Y-7JF Datasheet(PDF) 9 Page - NEC

Part # UPD444016G5-10Y-7JF
Description  4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD444016G5-10Y-7JF Datasheet(HTML) 9 Page - NEC

Back Button UPD444016G5-10Y-7JF Datasheet HTML 5Page - NEC UPD444016G5-10Y-7JF Datasheet HTML 6Page - NEC UPD444016G5-10Y-7JF Datasheet HTML 7Page - NEC UPD444016G5-10Y-7JF Datasheet HTML 8Page - NEC UPD444016G5-10Y-7JF Datasheet HTML 9Page - NEC UPD444016G5-10Y-7JF Datasheet HTML 10Page - NEC UPD444016G5-10Y-7JF Datasheet HTML 11Page - NEC UPD444016G5-10Y-7JF Datasheet HTML 12Page - NEC UPD444016G5-10Y-7JF Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
µµµµPD444016-Y
Preliminary Data Sheet M15391EJ1V0DS
Write Cycle
Parameter
Symbol
µPD444016-8Y
µPD444016-10Y
µPD444016-12Y
Unit
Notes
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Write cycle time
tWC
810
12
ns
/CS to end of write
tCW
678
ns
Address valid to end of write
tAW
678
ns
Write pulse width
tWP
678
ns
/LB, /UB to end of write
tBW
678
ns
Data valid to end of write
tDW
456
ns
Data hold time
tDH
000
ns
Address setup time
tAS
000
ns
Write recovery time
tWR
000
ns
/WE to output in high impedance
tWHZ
4
5
6
ns
1, 2
Output active from end of write
tOW
333
ns
Notes 1. Transition is measured at
± 200 mV from steady-state voltage with the output load shown in Figure 2.
2. These parameters are not 100% tested.
Write Cycle Timing Chart 1 (/WE Controlled)
tWC
tCW
tWP
tWR
Address (Input)
/CS (Input)
/WE (Input)
I/O (Input / Output)
tDH
tWHZ
tAW
High
impe-
dance
High
impe-
dance
tOW
Indefinite data out
Data in
Indefinite data out
tDW
tAS
/LB, /UB (Input)
tBW
Cautions 1. /CS or /WE should be fixed to high level during address transition.
2. Do not input data to the I/O pins while they are in the output state.
Remarks 1. Write operation is done during the overlap time of a low level /CS, /LB and/or /UB, and a low level /WE.
2. When /WE is at low level, the I/O pins are always high impedance. When /WE is at high level, read
operation is executed. Therefore /OE should be at high level to make the I/O pins high impedance.


Similar Part No. - UPD444016G5-10Y-7JF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD444016G5-10Y-7JF RENESAS-UPD444016G5-10Y-7JF Datasheet
528Kb / 18P
   MOS INTEGRATED CIRCUIT
2001
UPD444016G5-10Y-7JF-A RENESAS-UPD444016G5-10Y-7JF-A Datasheet
528Kb / 18P
   MOS INTEGRATED CIRCUIT
2001
More results

Similar Description - UPD444016G5-10Y-7JF

ManufacturerPart #DatasheetDescription
logo
NEC
UPD444016L-Y NEC-UPD444016L-Y Datasheet
87Kb / 16P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD444012A-X NEC-UPD444012A-X Datasheet
143Kb / 24P
   4M-BIT CMOS STATIC RAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD444016 NEC-UPD444016 Datasheet
101Kb / 6P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT
UPD434016A NEC-UPD434016A Datasheet
448Kb / 14P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT
UPD444016L NEC-UPD444016L Datasheet
102Kb / 16P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT
UPD4664312-X NEC-UPD4664312-X Datasheet
299Kb / 36P
   64M-BIT CMOS MOBILE SPECIFIED RAM 4M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD444001 NEC-UPD444001 Datasheet
144Kb / 16P
   4M-BIT CMOS FAST SRAM 4M-WORD BY 1-BIT
UPD43256B-X NEC-UPD43256B-X Datasheet
127Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD442000A-X NEC-UPD442000A-X Datasheet
157Kb / 28P
   2M-BIT CMOS STATIC RAM 256K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X_06 Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com