Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD444012AGY-C70X-MJH Datasheet(PDF) 8 Page - NEC

Part # UPD444012AGY-C70X-MJH
Description  4M-BIT CMOS STATIC RAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD444012AGY-C70X-MJH Datasheet(HTML) 8 Page - NEC

Back Button UPD444012AGY-C70X-MJH Datasheet HTML 4Page - NEC UPD444012AGY-C70X-MJH Datasheet HTML 5Page - NEC UPD444012AGY-C70X-MJH Datasheet HTML 6Page - NEC UPD444012AGY-C70X-MJH Datasheet HTML 7Page - NEC UPD444012AGY-C70X-MJH Datasheet HTML 8Page - NEC UPD444012AGY-C70X-MJH Datasheet HTML 9Page - NEC UPD444012AGY-C70X-MJH Datasheet HTML 10Page - NEC UPD444012AGY-C70X-MJH Datasheet HTML 11Page - NEC UPD444012AGY-C70X-MJH Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Data Sheet M14464EJ5V0DS
8
µµµµPD444012A-X
AC Characteristics (Recommended Operating Conditions Unless Otherwise Noted)
AC Test Conditions
[
µµµµPD444012A-B55X, µµµµPD444012A-B70X, µµµµPD444012A-B85X, µµµµPD444012A-B10X ]
Input Waveform (Rise and Fall Time
≤≤≤≤ 5 ns)
0.1 VCC
0.9 VCC
Test points
VCC/2
VCC/2
Output Waveform
Test points
VCC/2
VCC/2
Output Load
1TTL + 50 pF
[
µµµµPD444012A-C70X, µµµµPD444012A-C85X, µµµµPD444012A-C10X, µµµµPD444012A-C12X ]
Input Waveform (Rise and Fall Time
≤≤≤≤ 5 ns)
0.1 VCC
0.9 VCC
Test points
VCC/2
VCC/2
Output Waveform
Test points
VCC/2
VCC/2
Output Load
1TTL + 30 pF
5


Similar Part No. - UPD444012AGY-C70X-MJH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD444012AGY-C70X-MJH RENESAS-UPD444012AGY-C70X-MJH Datasheet
720Kb / 26P
   MOS INTEGRATED CIRCUIT
1999
UPD444012AGY-C70X-MJH-A RENESAS-UPD444012AGY-C70X-MJH-A Datasheet
720Kb / 26P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD444012AGY-C70X-MJH

ManufacturerPart #DatasheetDescription
logo
NEC
UPD43256B-X NEC-UPD43256B-X Datasheet
127Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD442000A-X NEC-UPD442000A-X Datasheet
157Kb / 28P
   2M-BIT CMOS STATIC RAM 256K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD444016-Y NEC-UPD444016-Y Datasheet
86Kb / 16P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X_06 Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD444016L-Y NEC-UPD444016L-Y Datasheet
87Kb / 16P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD442012A-X NEC-UPD442012A-X Datasheet
148Kb / 24P
   2M-BIT CMOS STATIC RAM 128K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD442002-X NEC-UPD442002-X Datasheet
281Kb / 24P
   2M-BIT CMOS STATIC RAM 128K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD448012-X NEC-UPD448012-X Datasheet
147Kb / 24P
   8M-BIT CMOS STATIC RAM 512K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD4664312-X NEC-UPD4664312-X Datasheet
299Kb / 36P
   64M-BIT CMOS MOBILE SPECIFIED RAM 4M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD431000A-X NEC-UPD431000A-X Datasheet
211Kb / 28P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com