Electronic Components Datasheet Search |
|
UPD442000AGU-BB85X-9JH Datasheet(PDF) 6 Page - NEC |
|
UPD442000AGU-BB85X-9JH Datasheet(HTML) 6 Page - NEC |
6 / 28 page Data Sheet M14669EJ7V0DS 6 µµµµPD442000A-X Electrical Specifications Absolute Maximum Ratings Parameter Symbol Condition Rating Unit -BB55X, -BB70X, -BB85X -DD85X, -DD10X, -DD12X -BC70X, -BC85X, -BC10X Supply voltage VCC –0.5 Note to +4.0 –0.5 Note to +2.7 V Input / Output voltage VT –0.5 Note to VCC+0.4 (4.0 V MAX.) –0.5 Note to VCC+0.4 (2.7 V MAX.) V Operating ambient temperature TA –25 to +85 –25 to +85 °C Storage temperature Tstg –55 to +125 –55 to +125 °C Note –3.0 V (MIN.) (Pulse width : 30 ns) Caution Exposing the device to stress above those listed in Absolute Maximum Rating could cause permanent damage. The device is not meant to be operated under conditions outside the limits described in the operational section of this specification. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. Recommended Operating Conditions Parameter Symbol Condition -BB55X,-BB70X,-BB85X -BC70X,-BC85X,-BC10X -DD85X,-DD10X,-DD12X Unit MIN. MAX. MIN. MAX. MIN. MAX. Supply voltage VCC 2.7 3.6 2.2 3.6 1.8 2.2 V High level input voltage VIH 2.7 V ≤ VCC ≤ 3.6 V 2.4 VCC+0.4 2.4 VCC+0.4 – – V 2.2 V ≤ VCC < 2.7 V – – 2.0 VCC+0.3 – – 1.8 V ≤ VCC < 2.2 V – – – – 1.6 VCC+0.2 Low level input voltage VIL –0.3 Note +0.5 –0.3 Note +0.4 –0.2 Note +0.2 V Operating ambient TA –25 +85 –25 +85 –25 +85 °C temperature Note –1.0 V (MIN.) (Pulse width : 20 ns) Capacitance (TA = 25 °°°°C, f = 1 MHz) Parameter Symbol Test condition MIN. TYP. MAX. Unit Input capacitance CIN VIN = 0 V 8 pF Input / Output capacitance CI/O VI/O = 0 V 10 pF Remarks 1. VIN : Input voltage VI/O : Input / Output voltage 2. These parameters are not 100% tested. |
Similar Part No. - UPD442000AGU-BB85X-9JH |
|
Similar Description - UPD442000AGU-BB85X-9JH |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |