Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD120N15TA-E1-AZ Datasheet(PDF) 1 Page - NEC

Part # UPD120N15TA-E1-AZ
Description  THREE-TERMINAL LOW-DROPOUT POSITIVE-VOLTAGE REGULATOR (OUTPUT CURRENT: 0.3 A)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD120N15TA-E1-AZ Datasheet(HTML) 1 Page - NEC

  UPD120N15TA-E1-AZ Datasheet HTML 1Page - NEC UPD120N15TA-E1-AZ Datasheet HTML 2Page - NEC UPD120N15TA-E1-AZ Datasheet HTML 3Page - NEC UPD120N15TA-E1-AZ Datasheet HTML 4Page - NEC UPD120N15TA-E1-AZ Datasheet HTML 5Page - NEC UPD120N15TA-E1-AZ Datasheet HTML 6Page - NEC UPD120N15TA-E1-AZ Datasheet HTML 7Page - NEC UPD120N15TA-E1-AZ Datasheet HTML 8Page - NEC UPD120N15TA-E1-AZ Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
MOS INTEGRATED CIRCUIT
µPD120Nxx Series
THREE-TERMINAL LOW-DROPOUT POSITIVE-VOLTAGE REGULATOR
(OUTPUT CURRENT: 0.3 A)
DATA SHEET
Document No. S17145EJ2V0DS00 (2nd edition)
Date Published February 2005 NS CP(K)
Printed in Japan
2005
DESCRIPTION
The
µPD120Nxx series provides low-voltage output regulators with the output current capacitance of 0.3 A. The
output voltage varies according to the product (1.5 V, 1.8 V, 2.5 V, or 3.3 V). The circuit current is low due to the
CMOS structure, so the power consumption in the ICs can be reduced. Moreover, since ICs are mounted in the small
package of the
µPD120Nxx series, this contributes to the miniaturization of the application set.
FEATURES
Output current: 0.3 A
On-chip overcurrent protection circuit
On-chip thermal protection circuit
Small circuit operation current: 60
µA TYP.
APPLICATIONS
Digital TV, Audio, HDD, DVD, etc.
PIN CONFIGURATION (Marking Side)
SC-62
GND
GND
OUTPUT
INPUT
3
2
1
SC-74A
GND
N.C.
GND
OUTPUT
INPUT
123
54


Similar Part No. - UPD120N15TA-E1-AZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD120N15TA RENESAS-UPD120N15TA Datasheet
323Kb / 15P
   THREE-TERMINAL LOW-DROPOUT POSITIVE-VOLTAGE REGULATOR (OUTPUT CURRENT: 0.3 A)
Apr 15, 2011
More results

Similar Description - UPD120N15TA-E1-AZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD120NXX RENESAS-UPD120NXX Datasheet
323Kb / 15P
   THREE-TERMINAL LOW-DROPOUT POSITIVE-VOLTAGE REGULATOR (OUTPUT CURRENT: 0.3 A)
Apr 15, 2011
logo
Micro Commercial Compon...
MC78L08F MCC-MC78L08F Datasheet
894Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L06BP MCC-MC78L06BP_10 Datasheet
207Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L08F MCC-MC78L08F_09 Datasheet
159Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
logo
Anpec Electronics Corop...
APL78L12 ANPEC-APL78L12 Datasheet
144Kb / 14P
   Three-Terminal Low Current Positive Voltage Regulator
logo
Micro Commercial Compon...
MC79L05F MCC-MC79L05F Datasheet
82Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC79L06BP MCC-MC79L06BP_11 Datasheet
219Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L06BP MCC-MC78L06BP_11 Datasheet
261Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L08BP MCC-MC78L08BP_11 Datasheet
268Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L06BP MCC-MC78L06BP_13 Datasheet
302Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com