Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD168302 Datasheet(PDF) 7 Page - NEC

Part # UPD168302
Description  MONOLITHIC 2CH H-BRIDGE DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD168302 Datasheet(HTML) 7 Page - NEC

Back Button UPD168302 Datasheet HTML 3Page - NEC UPD168302 Datasheet HTML 4Page - NEC UPD168302 Datasheet HTML 5Page - NEC UPD168302 Datasheet HTML 6Page - NEC UPD168302 Datasheet HTML 7Page - NEC UPD168302 Datasheet HTML 8Page - NEC UPD168302 Datasheet HTML 9Page - NEC UPD168302 Datasheet HTML 10Page - NEC UPD168302 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet S16402EJ1V0DS
7
µµµµPD168302
7. ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS (TA = 25
°°°°C. When mounted on a glass epoxy board (100 mm x 100 mm x 1 mm,
15% copper foil))
Parameter
Symbol
Condition
Rating
Unit
VDD
Logic
−0.5 to +6.0
V
Power Supply
VM
Motor
−0.5 to +4.0
V
VG Voltage
VG
−0.5 to +8.0
V
Input Voltage
VIN
−0.5 to VDD + 0.5
V
Output Voltage
VOUT
Motor
6.2
V
DC Output Current
ID(DC)
DC
± 0.6
A/ch
Peak Output Current
ID(pulse)
PW < 10 ms, Duty
≤ 20%
± 1.0
A/ch
Power consumption
PT
0.7
W
Peak junction temperature
Tch(MAX.)
150
°C
Storage temperature
Tstg
−55 to +150
°C
Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the verge
of suffering physical damage, and therefore the product must be used under conditions that ensure
that the absolute maximum ratings are not exceeded.
RECOMMENDED OPERATING CONDITIONS (TA = 25°C. When mounted on a glass epoxy board (100 mm x 100
mm x 1 mm, 15% copper foil))
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
VDD
Logic
4.0
5.5
V
Power Supply
VM
Motor
0.9
3.6
V
VG Voltage
Note
VG
VM + 3.5
7.5
V
Input Voltage
VIN
0VDD
V
DC Output Current
ID(DC)
DC
−0.3
+0.3
A/ch
Peak Output Current
ID(pulse)
PW < 10 ms, Duty
≤ 20%
−0.7
+0.7
A/ch
Logic input frequency
fIN
100
kHz
Capacitor for charge-pump
C1 to C3
0.008
0.01
0.012
µF
Operating temperature
TA
070
°C
Note When using charge-pump circuit, the voltage occurs internally at VG-pin (VM + 3.5 V (TYP.)).


Similar Part No. - UPD168302

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD168302 RENESAS-UPD168302 Datasheet
222Kb / 14P
   MOS INTEGRATED CIRCUIT
2003
UPD168302MA-6A5 RENESAS-UPD168302MA-6A5 Datasheet
222Kb / 14P
   MOS INTEGRATED CIRCUIT
2003
More results

Similar Description - UPD168302

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD168302 RENESAS-PD168302_15 Datasheet
223Kb / 14P
   MONOLITHIC 2CH H-BRIDGE DRIVER
PD16823 RENESAS-PD16823_15 Datasheet
185Kb / 10P
   MONOLITHIC H BRIDGE DRIVER
logo
NEC
UPD16823 NEC-UPD16823 Datasheet
71Kb / 8P
   MONOLITHIC H BRIDGE DRIVER
logo
Asahi Kasei Microsystem...
AP1040 AKM-AP1040 Datasheet
726Kb / 18P
   32V 2ch H-Bridge Motor Driver IC
AP1010 AKM-AP1010 Datasheet
553Kb / 13P
   18V 2ch H-Bridge Motor Driver IC
logo
NEC
UPD16805 NEC-UPD16805 Datasheet
85Kb / 12P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
logo
Renesas Technology Corp
PD16805 RENESAS-PD16805_15 Datasheet
254Kb / 18P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
logo
NEC
UPD16804 NEC-UPD16804 Datasheet
87Kb / 12P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
UPD16837 NEC-UPD16837 Datasheet
110Kb / 16P
   MONOLITHIC QUAD H BRIDGE DRIVER
UPD16879 NEC-UPD16879 Datasheet
199Kb / 6P
   MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com