Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD168103AK9-5B4-A Datasheet(PDF) 10 Page - NEC

Part # UPD168103AK9-5B4-A
Description  5-CHANNEL OPERATIONAL AMPLIFIER, IRIS DRIVER, AND 4-CHANNEL H-BRIDGE DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD168103AK9-5B4-A Datasheet(HTML) 10 Page - NEC

Back Button UPD168103AK9-5B4-A Datasheet HTML 6Page - NEC UPD168103AK9-5B4-A Datasheet HTML 7Page - NEC UPD168103AK9-5B4-A Datasheet HTML 8Page - NEC UPD168103AK9-5B4-A Datasheet HTML 9Page - NEC UPD168103AK9-5B4-A Datasheet HTML 10Page - NEC UPD168103AK9-5B4-A Datasheet HTML 11Page - NEC UPD168103AK9-5B4-A Datasheet HTML 12Page - NEC UPD168103AK9-5B4-A Datasheet HTML 13Page - NEC UPD168103AK9-5B4-A Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Data Sheet S17655EJ1V0DS
10
µ PD168103A
Electrical Characteristics (Unless otherwise specified, TA = 25
°C, LVDD = 3.0 V, AVDD = 5.0 V, VM = VSHUTTER =
VIRIS = 5.0 V)
Overall and H-bridge block (stepping motor)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
LVDD pin current in standby mode
ILVDD(STB)
RESETB = 0 V
1.0
µA
AVDD pin current in standby mode
IAVDD(STB)
RESETB = 0 V
1.0
µA
VM pin current in standby mode
IVM(STB)
RESETB = 0 V
1.0
µA
LVDD pin current in during operation
IDD(ACT)
RESETB = LVDD
2.0
mA
High-level input current
IIH
VIN = LVDD
60
µA
Low-level input current
IIL
VIN = 0 V
−1.0
µA
Input pull-down resistance
RIND
50
200
k
High-level input voltage
VIH
0.7 x VDD
V
Low-level input voltage
VIL
0.3 x VDD
V
H-bridge on-state resistance
Ron
IM = 0.2 A, sum of upper and lower
stages
2.0
3.0
Output leakage current
Note 1
IM(off)
Per VM pin, All control pins: low level
1.0
µA
Low-voltage detection voltage
Note 2
VDDS1
RESETB = H
1.7
2.5
V
Output turn-on time
ton
RL = 20
0.5
1.0
µs
Output turn-off time
toff
0.1
0.4
µs
Output rise time
tr
0.05
0.2
0.4
µs
Output fall time
tf
50
100
ns
Notes 1.
µ PD168103A has a circuit that prevents current from flowing into the VM pin when LVDD = 0 V.
2. Unlike normal operations, after a reset the detection voltage becomes 0.6 V TYP.
Figure 6
−1. Switching Characteristic Waveform of the Stepping Motor Driving Block
100%
0%
0%
10%
10%
−10%
−10%
50%
50%
−50%
−50%
50%
90%
90%
−90%
−90%
50%
100%
100%
−100%
ton
tf
tr
tf
tr
toff
toff
ton
VIN
IDR


Similar Part No. - UPD168103AK9-5B4-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD168103AK9-5B4-A RENESAS-UPD168103AK9-5B4-A Datasheet
364Kb / 22P
   MOS INTEGRATED CIRCUIT
2005
More results

Similar Description - UPD168103AK9-5B4-A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD168103 NEC-UPD168103 Datasheet
231Kb / 20P
   5-CHANNEL OPERATIONAL AMPLIFIER, IRIS DRIVER, AND 4-CHANNEL H-BRIDGE DRIVER
logo
Renesas Technology Corp
PD168103 RENESAS-PD168103_15 Datasheet
368Kb / 22P
   5-CHANNEL OPERATIONAL AMPLIFIER, IRIS DRIVER, AND 4-CHANNEL H-BRIDGE DRIVER
logo
Sanyo Semicon Device
LV8412GR SANYO-LV8412GR Datasheet
88Kb / 7P
   H-Bridge 횞 4-channel Motor Driver
logo
Rohm
BA6890FP ROHM-BA6890FP Datasheet
175Kb / 8P
   4-channel H-bridge-type BTL driver
logo
ON Semiconductor
LB1973JA-AH ONSEMI-LB1973JA-AH Datasheet
173Kb / 5P
   Two-channel H-Bridge Driver
June, 2013
logo
Shenzhen Huazhimei Semi...
HM117 HMSEMI-HM117 Datasheet
834Kb / 5P
   Single channel H-bridge driver
HM116A HMSEMI-HM116A Datasheet
936Kb / 5P
   Single channel H-bridge driver
logo
Sanyo Semicon Device
LB1973M SANYO-LB1973M Datasheet
367Kb / 5P
   Two-channel H-Bridge Driver
LB1973M SANYO-LB1973M_11 Datasheet
338Kb / 5P
   Two-channel H-Bridge Driver
logo
NEC
UPD168002 NEC-UPD168002 Datasheet
186Kb / 15P
   MONOLITHIC 6-CHANNEL H-BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com