Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T111A105K050BSC Datasheet(PDF) 4 Page - Kemet Corporation

Part # T111A105K050BSC
Description  TANTALUM HERMETICALLY SEALED / AXIAL
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T111A105K050BSC Datasheet(HTML) 4 Page - Kemet Corporation

  T111A105K050BSC Datasheet HTML 1Page - Kemet Corporation T111A105K050BSC Datasheet HTML 2Page - Kemet Corporation T111A105K050BSC Datasheet HTML 3Page - Kemet Corporation T111A105K050BSC Datasheet HTML 4Page - Kemet Corporation T111A105K050BSC Datasheet HTML 5Page - Kemet Corporation T111A105K050BSC Datasheet HTML 6Page - Kemet Corporation T111A105K050BSC Datasheet HTML 7Page - Kemet Corporation T111A105K050BSC Datasheet HTML 8Page - Kemet Corporation T111A105K050BSC Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 84 page
background image
Military specification number
Specification sheet number and trademark
Military dash number and “J” for JAN
Polarity, date code (1st digit indicates year and the next two
digits indicate the week)
Lot symbol
Military specification number
Specification sheet number, Military dash
number, and “J” for JAN
Capacitance value
Capacitance tolerance and voltage rating
Date code, lot code, and source code
®
KEMET
TANTALUM HERMETICALLY SEALED / AXIAL — MIL-C-39003
4
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
ORDERING INFORMATION (OBSOLETE
*)
CSR
XX
B
565
K
M
TYPE
Capacitors, Fixed, Solid Electrolyte, Tantalum
Established Reliability
STYLE
Tubular Case — Always Sleeved
09 — Miniature — T222
13 — Standard — T212
21 — Standard, low ESR — T262
23 — Extended Range — T242
33 — Extended Range, Low Leakage — T252
91 — Non-Polar — T213
VOLTAGE
FAILURE RATE LEVEL
IN % PER 1000 HOURS
GRADED
EXPONENTIAL
A — Not Applicable
M — 1%/k hrs.
B — 0.1%/k hrs.
P — 0.1%/k hrs.
C — 0.01%/k hrs.
R — 0.01%/k hrs.
D — 0.001%/k hrs.
S — 0.001%k hrs.
CAPACITANCE
TOLERANCE
J — ± 5%
K — ± 10%
M — ± 20%
CAPACITANCE
Expressed in picofarads (1 microfarad = 1,000,000
picofarads). First two digits represent significant figures.
Last digit specifies the number of zeros to follow.
Examples
565 — 5,600,000 = 5.60 µF
563 — 56,000 = .056 µF
564 — 560,000 = .56 µF
VDC Working
VDC Surge
Symbol
85°C
125°C
85°C
125°C
B
6485
C10
7
13
9
D
15102012
E
20132616
F
35234628
G
50336540
H
75509864
J
100
67
130
86
* This Military Part Numbering System is obsolete in accordance with the
current specifications. The correct current designation for a CSR part
number is the MIL Specification Number, followed by the Specification
(slash) Sheet Number and Dash Number (i.e. — MIL-C-39003/01-2270).
However, the part number breakdown shown above is still widely used
and is shown for reference.
MILITARY CAPACITOR APPROVED FAILURE RATE LEVELS AND MARKINGS PER
MIL-C-39003 FOR CSR09 (T222 A & B CASE SIZES ONLY), CSR13 (T212),
CSR21 (T262), CSR23 (T242) & CSR33 (T252) CAPACITORS
KEMET APPROVED FAILURE RATE LEVELS — MIL-C-39003/H (EXPONENTIAL)
KEMET
APPROVED FAILURE
STYLE
DESCRIPTION
SERIES
RATE LEVEL
CSR09
Polar-Subminiature
T222
S (0.001%/k hrs.)
CSR13
Polar-Standard
MIL Range
T212
S (0.001%/k hrs.)
CSR21
Polar-Standard Low ESR
MIL Range
T262
S (0.001%/k hrs.)
CSR23
Polar-Extended Range
T242
S (0.001%/k hrs.)
KEMET
APPROVED FAILURE
STYLE
DESCRIPTION
SERIES
RATE LEVEL
CSR33
Polar-Extended Range
Low Leakage
T252
S (0.001%/k hrs.)
CSR91
Non-Polar
T213
S (0.001%/k hrs.)
MILITARY MARKING
39003
01 - K
9002J
+933
XY
A CASE
M39003
01 -
8006J
31433
+933 XY
Military specification number
Specification sheet number
Military dash number and “J” for JAN
Source code
Polarity, date code (1st digit indicates year and the next two
digits indicate the week), lot symbol
B CASE
M39003
01 - 8222J
+6.8 µF
10% 50V
31433
9933 XY K
Military specification number
Specification sheet number, Military
dash number, and “J” for JAN
Positive terminal identifier and capacitance value
Capacitance tolerance and voltage
Source code
Date code, lot code, and trademark
C & D CASES
M39003
04 - 0980J
1 µF
10% 20VNP
9933 XY 31433
CSR91 (T213) CAPACITORS
A, B, C & D CASES
(See page 38 for CSS Marking)


Similar Part No. - T111A105K050BSC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
T111.26K0 INFINEON-T111.26K0 Datasheet
81Kb / 2P
   Gate leads for MP disc devices Zubehör Date
2013-10-01 Revision: 3.1
logo
Pulse A Technitrol Comp...
T1110 PULSE-T1110 Datasheet
154Kb / 8P
   TRANSFORMERS
logo
E-SWITCH
T111000 E-SWITCH-T111000 Datasheet
158Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T111001 E-SWITCH-T111001 Datasheet
42Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T111002 E-SWITCH-T111002 Datasheet
54Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T111A105K050BSC

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
CA33M032 DBLECTRO-CA33M032 Datasheet
232Kb / 2P
   CA Hermetically Sealed Axial Tantalum Capacitor
logo
Kemet Corporation
T110A474K035AT KEMET-T110A474K035AT Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED / AXIAL ??MIL-PRF-39003
logo
Cornell Dubilier Electr...
THF CDE-THF Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TXA825K006P1A CDE-TXA825K006P1A Datasheet
316Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A Datasheet
681Kb / 5P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF157K006P1F CDE-THF157K006P1F Datasheet
233Kb / 2P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A_16 Datasheet
139Kb / 6P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
logo
Kemet Corporation
CSRXXB565KM KEMET-CSRXXB565KM Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
logo
Cornell Dubilier Electr...
CSR13 CDE-CSR13 Datasheet
636Kb / 7P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
CSR21 CDE-CSR21 Datasheet
326Kb / 2P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com