Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD43257B Datasheet(PDF) 7 Page - NEC

Part # UPD43257B
Description  256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD43257B Datasheet(HTML) 7 Page - NEC

Back Button UPD43257B Datasheet HTML 3Page - NEC UPD43257B Datasheet HTML 4Page - NEC UPD43257B Datasheet HTML 5Page - NEC UPD43257B Datasheet HTML 6Page - NEC UPD43257B Datasheet HTML 7Page - NEC UPD43257B Datasheet HTML 8Page - NEC UPD43257B Datasheet HTML 9Page - NEC UPD43257B Datasheet HTML 10Page - NEC UPD43257B Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet M10693EJ7V0DS00
7
µµµµPD43257B
DC Characteristics (Recommended Operating Conditions Unless Otherwise Noted)
Parameter
Symbol
Test condition
µPD43257B-xxL
µPD43257B-xxLL
Unit
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
Input leakage
ILI
VIN = 0 V to VCC
–1.0
+1.0
–1.0
+1.0
µA
current
I/O leakage
ILO
VI/O = 0 V to VCC, /CE1 = VIH or
–1.0
+1.0
–1.0
+1.0
µA
current
CE2 = VIL or /WE = VIL
Operating
ICCA1
/CE1 = VIL, CE2 = VIH,
µPD43257B-70
45
45
mA
supply current
Minimum cycle time, II/O = 0 mA
µPD43257B-85
45
45
ICCA2
/CE1 = VIL, CE2 = VIH, II/O = 0 mA
10
10
ICCA3
/CE1
≤ 0.2 V, CE2 ≥ VCC – 0.2 V, Cycle = 1 MHz,
10
10
II/O = 0 mA, VIL
≤ 0.2 V, VIH ≥ VCC – 0.2 V
Standby
ISB
/CE1 = VIH or CE2 = VIL,3
3
mA
supply current
ISB1
/CE1
≥ VCC − 0.2 V, CE2 ≥ VCC − 0.2 V
1.0
50
0.5
15
µA
ISB2
CE2
≤ 0.2 V
1.0
50
0.5
15
High level
VOH1
IOH = –1.0 mA
2.4
2.4
V
output voltage
VOH2
IOH = –0.1 mA
VCC–0.5
VCC–0.5
Low level
VOL
IOL = 2.1 mA
0.4
0.4
V
output voltage
Remarks 1. VIN : Input voltage
VI/O : Input / Output voltage
2. These DC characteristics are in common regardless of package types and access time.


Similar Part No. - UPD43257B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD43257B RENESAS-UPD43257B Datasheet
676Kb / 22P
   MOS INTEGRATED CIRCUIT
2009
UPD43257B-XXL RENESAS-UPD43257B-XXL Datasheet
676Kb / 22P
   MOS INTEGRATED CIRCUIT
2009
UPD43257B-XXLL RENESAS-UPD43257B-XXLL Datasheet
676Kb / 22P
   MOS INTEGRATED CIRCUIT
2009
logo
NEC
UPD43257BCZ-70L NEC-UPD43257BCZ-70L Datasheet
197Kb / 24P
   MOS INTEGRATED CIRCUIT 256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43257BCZ-70LL NEC-UPD43257BCZ-70LL Datasheet
197Kb / 24P
   MOS INTEGRATED CIRCUIT 256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
More results

Similar Description - UPD43257B

ManufacturerPart #DatasheetDescription
logo
NEC
UPD43256B NEC-UPD43256B_00 Datasheet
231Kb / 24P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B NEC-UPD43256B Datasheet
174Kb / 24P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B NEC-UPD43256B_06 Datasheet
224Kb / 28P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43257B NEC-UPD43257B_06 Datasheet
197Kb / 24P
   MOS INTEGRATED CIRCUIT 256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B-X NEC-UPD43256B-X Datasheet
127Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X_06 Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
logo
Integrated Device Techn...
IDT71256SA IDT-IDT71256SA_14 Datasheet
69Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
5962-8855206XA IDT-5962-8855206XA Datasheet
289Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com