Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD8862 Datasheet(PDF) 6 Page - NEC

Part # UPD8862
Description  (2700 2700) PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD8862 Datasheet(HTML) 6 Page - NEC

Back Button UPD8862 Datasheet HTML 2Page - NEC UPD8862 Datasheet HTML 3Page - NEC UPD8862 Datasheet HTML 4Page - NEC UPD8862 Datasheet HTML 5Page - NEC UPD8862 Datasheet HTML 6Page - NEC UPD8862 Datasheet HTML 7Page - NEC UPD8862 Datasheet HTML 8Page - NEC UPD8862 Datasheet HTML 9Page - NEC UPD8862 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Data Sheet S16033EJ3V0DS
6
µ PD8862
ELECTRICAL CHARACTERISTICS
TA =
+25°C, VOD = 12 V, data rate (fφ RB) = 2 MHz, storage time = 5.5 ms, input signal clock = 5 Vp-p,
light source : 3200 K halogen lamp
+ C-500S (infrared cut filter, t = 1 mm) + HA-50 (heat absorbing filter, t = 3 mm)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Saturation voltage
Vsat
2.0
2.5
V
Red
SER
0.421
lx•s
Green
SEG
0.477
lx•s
Saturation exposure
Blue
SEB
0.740
lx•s
Photo response non-uniformity
PRNU
VOUT = 1.0 V
6
20
%
Average dark signal
ADS
Light shielding
0.2
2.0
mV
Dark signal non-uniformity
DSNU
Light shielding
1.5
5.0
mV
Power consumption
PW
360
540
mW
Output impedance
ZO
0.35
1
k
Red
RR
4.15
5.94
7.73
V/lx•s
Green
RG
3.66
5.24
6.82
V/lx•s
Response
Blue
RB
2.36
3.38
4.39
V/lx•s
Image lag
IL
VOUT = 1.0 V
3.0
7.0
%
Offset level
Note 1
VOS
4.5
6.0
7.5
V
Output fall delay time
Note 2
td
VOUT = 1.0 V, t1’, t2’ = 5 ns
25
ns
Total transfer efficiency
TTE
VOUT = 1.0 V, data rate = 6 MHz
92
98
%
Register imbalance
RI
VOUT = 1.0 V
1.0
4.0
%
Red
630
nm
Green
540
nm
Response peak
Blue
460
nm
DR1
Vsat/DSNU
1666
times
Dynamic range
DR2
Vsat/
σ CDS
2500
times
Reset feed-through noise
Note 1
RFTN
Light shielding
−2000
+300
+1000
mV
Random noise (CDS)
σ CDS
Light shielding
1.0
mV
Notes 1. Refer to TIMING CHART 2, 3.
2. When each fall time of
φ 1L and φ 2L (t1’, t2’) is the Typ. value (refer to TIMING CHART 2, 3).


Similar Part No. - UPD8862

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD8862 RENESAS-UPD8862 Datasheet
326Kb / 26P
   MOS INTEGRATED CIRCUIT
2002
UPD8862CY RENESAS-UPD8862CY Datasheet
326Kb / 26P
   MOS INTEGRATED CIRCUIT
2002
More results

Similar Description - UPD8862

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD8862 RENESAS-PD8862_15 Datasheet
327Kb / 26P
   (2700 2700) PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
logo
NEC
UPD3794 NEC-UPD3794 Datasheet
166Kb / 20P
   2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3720A NEC-UPD3720A Datasheet
154Kb / 20P
   2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
logo
Sony Corporation
ILX547K SONY-ILX547K Datasheet
129Kb / 11P
   2700 X 3 pixel CCD Linear Sensor (Color)
ILX524K SONY-ILX524K Datasheet
164Kb / 11P
   2700 X 3pixel CCD Linear Sensor (Color)
ILX724K SONY-ILX724K Datasheet
182Kb / 12P
   2700 X 3pixel CCD Linear Sensor (Color)
ILX524KA SONY-ILX524KA Datasheet
119Kb / 11P
   2700 pixel X 3 line CCD Linear Sensor (Color)
ILX533K SONY-ILX533K Datasheet
129Kb / 11P
   2700 pixel X 3 line CCD Linear Sensor (Color)
ILX533KB SONY-ILX533KB Datasheet
125Kb / 11P
   2700 pixel X 3 line CCD Linear Sensor (Color)
ILX724KA SONY-ILX724KA Datasheet
133Kb / 12P
   2700-pixel X 3 line CCD Linear Sensor (Color)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com