Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD29F064115F9-DB80X-CD5 Datasheet(PDF) 11 Page - NEC

Part # UPD29F064115F9-DB80X-CD5
Description  64M-BIT CMOS LOW-VOLTAGE DUAL OPERATION FLASH MEMORY 4M-WORD BY 16-BIT (WORD MODE) PAGE MODE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD29F064115F9-DB80X-CD5 Datasheet(HTML) 11 Page - NEC

Back Button UPD29F064115F9-DB80X-CD5 Datasheet HTML 7Page - NEC UPD29F064115F9-DB80X-CD5 Datasheet HTML 8Page - NEC UPD29F064115F9-DB80X-CD5 Datasheet HTML 9Page - NEC UPD29F064115F9-DB80X-CD5 Datasheet HTML 10Page - NEC UPD29F064115F9-DB80X-CD5 Datasheet HTML 11Page - NEC UPD29F064115F9-DB80X-CD5 Datasheet HTML 12Page - NEC UPD29F064115F9-DB80X-CD5 Datasheet HTML 13Page - NEC UPD29F064115F9-DB80X-CD5 Datasheet HTML 14Page - NEC UPD29F064115F9-DB80X-CD5 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet M16062EJ2V0DS
11
µµµµPD29F064115-X
Sector Group Address Table
(1/2)
Sector group
A21
A20
A19
A18
A17
A16
A15
A14
A13
A12
Size
Sector
SGA0
0
0
0
0
0
0
0
0
0
0
4K words (1 Sector)
SA0
SGA1
0
0
0
0
0
0
0
0
0
1
4K words (1 Sector)
SA1
SGA2
0
0
0
0
0
0
0
0
1
0
4K words (1 Sector)
SA2
SGA3
0
0
0
0
0
0
0
0
1
1
4K words (1 Sector)
SA3
SGA4
0
0
0
0
0
0
0
1
0
0
4K words (1 Sector)
SA4
SGA5
0
0
0
0
0
0
0
1
0
1
4K words (1 Sector)
SA5
SGA6
0
0
0
0
0
0
0
1
1
0
4K words (1 Sector)
SA6
SGA7
0
0
0
0
0
0
0
1
1
1
4K words (1 Sector)
SA7
SGA8
0
0
0
0
0
0
1
××
×
96K words (3 Sectors)
SA8 to SA10
10
11
SGA9
0
0
0
0
1
××
×
×
×
128K words (4 Sectors)
SA11 to SA14
SGA10
0
0
0
1
0
××
×
×
×
128K words (4 Sectors)
SA15 to SA18
SGA11
0
0
0
1
1
××
×
×
×
128K words (4 Sectors)
SA19 to SA22
SGA12
0
0
1
0
0
××
×
×
×
128K words (4 Sectors)
SA23 to SA26
SGA13
0
0
1
0
1
××
×
×
×
128K words (4 Sectors)
SA27 to SA30
SGA14
0
0
1
1
0
××
×
×
×
128K words (4 Sectors)
SA31 to SA34
SGA15
0
0
1
1
1
××
×
×
×
128K words (4 Sectors)
SA35 to SA38
SGA16
0
1
0
0
0
××
×
×
×
128K words (4 Sectors)
SA39 to SA42
SGA17
0
1
0
0
1
××
×
×
×
128K words (4 Sectors)
SA43 to SA46
SGA18
0
1
0
1
0
××
×
×
×
128K words (4 Sectors)
SA47 to SA50
SGA19
0
1
0
1
1
××
×
×
×
128K words (4 Sectors)
SA51 to SA54
SGA20
0
1
1
0
0
××
×
×
×
128K words (4 Sectors)
SA55 to SA58
SGA21
0
1
1
0
1
××
×
×
×
128K words (4 Sectors)
SA59 to SA62
SGA22
0
1
1
1
0
××
×
×
×
128K words (4 Sectors)
SA63 to SA66
SGA23
0
1
1
1
1
××
×
×
×
128K words (4 Sectors)
SA67 to SA70
Remark
× : VIH or VIL


Similar Part No. - UPD29F064115F9-DB80X-CD5

ManufacturerPart #DatasheetDescription
logo
NEC
UPD29F032202AL-X NEC-UPD29F032202AL-X Datasheet
272Kb / 48P
   DUAL OPERATION FLASH MEMORY 32M BITS A SERIES
More results

Similar Description - UPD29F064115F9-DB80X-CD5

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29DL324 AMICC-A29DL324 Datasheet
556Kb / 46P
   32M-Bit CMOS Low Voltage Dual Operation Flash Memory 4M-Byte by 8-Bit (Byte Mode) / 2M-Word by 16-Bit (Word Mode)
A29DL323 AMICC-A29DL323 Datasheet
496Kb / 46P
   32M-Bit CMOS Low Voltage Dual Operation Flash Memory 4M-Byte by 8-Bit (Byte Mode) / 2M-Word by 16-Bit (Word Mode)
logo
NEC
UPD23C64040JL NEC-UPD23C64040JL Datasheet
270Kb / 24P
   64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C64340 NEC-UPD23C64340 Datasheet
234Kb / 20P
   64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C64300 NEC-UPD23C64300 Datasheet
221Kb / 16P
   64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE)
UPD23C64000JL NEC-UPD23C64000JL Datasheet
255Kb / 20P
   64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE)
UPD23C32340 NEC-UPD23C32340 Datasheet
288Kb / 20P
   32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C32040AL NEC-UPD23C32040AL Datasheet
313Kb / 24P
   32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD4664312-X NEC-UPD4664312-X Datasheet
299Kb / 36P
   64M-BIT CMOS MOBILE SPECIFIED RAM 4M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD23C32300 NEC-UPD23C32300 Datasheet
241Kb / 16P
   32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com