Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD23C256112A Datasheet(PDF) 1 Page - NEC

Part # UPD23C256112A
Description  NAND INTERFACE 256M-BIT MASK-PROGRAMMABLE ROM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD23C256112A Datasheet(HTML) 1 Page - NEC

  UPD23C256112A Datasheet HTML 1Page - NEC UPD23C256112A Datasheet HTML 2Page - NEC UPD23C256112A Datasheet HTML 3Page - NEC UPD23C256112A Datasheet HTML 4Page - NEC UPD23C256112A Datasheet HTML 5Page - NEC UPD23C256112A Datasheet HTML 6Page - NEC UPD23C256112A Datasheet HTML 7Page - NEC UPD23C256112A Datasheet HTML 8Page - NEC UPD23C256112A Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
2001
MOS INTEGRATED CIRCUIT
µPD23C256112A
NAND INTERFACE
256M-BIT MASK-PROGRAMMABLE ROM
DATA SHEET
Document No. M15902EJ2V0DS00 (2nd edition)
Date Published September 2002 NS CP (K)
Printed in Japan
The mark 5
5
5
5 shows major revised points.
Description
The
µPD23C256112A is a 256 Mbit NAND interface programmable mask read-only memory that operates with a
single power supply. The memory organization consists of (512 + 16 (Redundancy)) bytes x 32 pages x 2,048 blocks.
The
µPD23C256112A is a serial type mask ROM in which addresses and commands are input and data output
serially via the I/O pins.
The
µPD23C256112A is packed in 48-pin PLASTIC TSOP(I).
Features
• Word organization
(33,554,432 + 1,048,576
Note) words by 8 bits
• Page size
(512 + 16
Note) by 8 bits
• Block size
(16,384 + 512
Note) by 8 bits
Note Underlined parts are redundancy.
Caution Redundancy is not programmable parts and is fixed to all FFH.
• Operation mode
READ mode (1), READ mode (2), READ mode (3), RESET, STATUS READ, ID READ
• Operating supply voltage : VCC = 3.3 ± 0.3 V
• Access Time
Memory cell array to starting address
: 7
µs (MAX.)
Read cycle time
: 50 ns (MIN.)
/RE access time
: 35 ns (MAX.)
• Operating supply current
During read
: 30 mA (MAX.) (50 ns cycle operation)
During standby (CMOS) : 100
µA (MAX.)
Ordering Information
Part Number
Package
µPD23C256112AGY-xxx-MJH
48-pin PLASTIC TSOP(I) (12x18) (Normal bent)
µPD23C256112AGY-xxx-MKH
48-pin PLASTIC TSOP(I) (12x18) (Reverse bent)
(xxx : ROM code suffix No.)


Similar Part No. - UPD23C256112A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD23C256E NEC-UPD23C256E Datasheet
100Kb / 3P
   32,368 x 8-BIT MASK-PROGRAMMABLE CMOS ROM
UPD23C256E-1 NEC-UPD23C256E-1 Datasheet
100Kb / 3P
   32,368 x 8-BIT MASK-PROGRAMMABLE CMOS ROM
More results

Similar Description - UPD23C256112A

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23J25640 MCNIX-MX23J25640 Datasheet
279Kb / 20P
   256M-BIT NAND INTERFACE XtraROMTM
logo
NEC
UPD23C256E NEC-UPD23C256E Datasheet
100Kb / 3P
   32,368 x 8-BIT MASK-PROGRAMMABLE CMOS ROM
UPD2364E NEC-UPD2364E Datasheet
128Kb / 2P
   8,192 x 8-BIT MASK-PROGRAMMABLE NMOS ROM
UPD23C1001E NEC-UPD23C1001E Datasheet
169Kb / 4P
   131,072 x 8-Bit Mask-Programmable CMOS ROM
logo
King blillion Electroni...
SF23C4000 KB-SF23C4000 Datasheet
208Kb / 6P
   512K x 8 bit CMOS Mask Programmable ROM
logo
List of Unclassifed Man...
UM23C1024 ETC1-UM23C1024 Datasheet
102Kb / 1P
   131,072 X 8 BIT CMOS MASK - PROGRAMMABLE ROM
logo
UMC Corporation
UM23C1028-A UMC-UM23C1028-A Datasheet
246Kb / 6P
   16,384 X 8-BIT CMOS MASK-PROGRAMMABLE ROM
logo
NEC
UPD2364A NEC-UPD2364A Datasheet
96Kb / 2P
   8,192 x 8-BIT MASK-PROGRAMMABLE NMOS ROM
logo
Macronix International
MX23L6414 MCNIX-MX23L6414 Datasheet
41Kb / 6P
   64M-BIT MASK ROM
logo
SONiX Technology Compan...
SNR008 SONIX-SNR008_05 Datasheet
190Kb / 9P
   8M-bit Mask ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com