Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA88V11B Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MA88V11B
Description  Chip size : 808um x 665um , Pad size : 90um x 90um
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MA88V11B Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  MA88V11B Datasheet HTML 1Page - List of Unclassifed Manufacturers MA88V11B Datasheet HTML 2Page - List of Unclassifed Manufacturers MA88V11B Datasheet HTML 3Page - List of Unclassifed Manufacturers MA88V11B Datasheet HTML 4Page - List of Unclassifed Manufacturers MA88V11B Datasheet HTML 5Page - List of Unclassifed Manufacturers MA88V11B Datasheet HTML 6Page - List of Unclassifed Manufacturers MA88V11B Datasheet HTML 7Page - List of Unclassifed Manufacturers MA88V11B Datasheet HTML 8Page - List of Unclassifed Manufacturers MA88V11B Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MosArt
MosArt Semiconductor Corp. Spec.
8
MA88V11B
EL DRIVER
DC CHARACTERISTICS
Item
Symbol
Condition
Min
Typ
Max
Unit
Oscillation frequency
Fosc
Build-in RC oscillation
1050
KHz
Operating voltage
VDD
1.5
3.0
3.3V
V
Standby current
Istb
VDD=3V
0
0.1
uA
Operating current (3.0V)
Iop
EN=VDD(3V)
889
uA
High level input voltage
Vih
SELF, EN
0.8*Vdd
Vdd
V
Low level input voltage
Vil
SELF, EN
0
0.2*Vdd
V
High level input current (1)
Iih1
SELF
0
0.1
uA
High level input current (2)
Iih2
EN
0.1
uA
Low level input current
Iil
SELV, SELF, EN
0
0.2
uA
Output drive current (3.0V)
Ioh
EL, IND
Voh=2.2V
225
uA
Output sink current (3.0V)
Iol
EL, IND
Vol=0.8V
11.2
mA


Similar Part No. - MA88V11B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MA88101BAN MURATA-MA88101BAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MA88101BBN MURATA-MA88101BBN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MA88101CAN MURATA-MA88101CAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MA88101CBN MURATA-MA88101CBN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MA88101DAN MURATA-MA88101DAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MA88V11B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ARC241 ETC2-ARC241 Datasheet
105Kb / 6P
   Array chip resistors size 4 X 0603
logo
Delta Electronics, Inc.
FL75L07A DELTA-FL75L07A_12 Datasheet
1Mb / 11P
   Small size: 25.4mm x 25.4mm x 12.0mm
logo
Rohm
MNA02 ROHM-MNA02 Datasheet
85Kb / 7P
   (1005 (0402) x 2 size, chip capacitor networks)
logo
EUROQUARTZ limited
MJ2CRYSTALS EUROQUARTZ-MJ2CRYSTALS Datasheet
148Kb / 1P
   Miniature size: 5.0mm x 3.2mm x 0.9mm height
MJCRYSTALS EUROQUARTZ-MJCRYSTALS Datasheet
156Kb / 1P
   Miniature size: 5.0mm x 3.2mm x 1.0mm height
logo
Hirose Electric
DF11-TA2428HCUS-DS HIROSE-DF11-TA2428HCUS-DS Datasheet
104Kb / 1P
   PACKAGING: CARDBOARD BOX, SIZE 203mm X 76mm X 51mm
HRUS-HT-1 HIROSE-HRUS-HT-1 Datasheet
107Kb / 1P
   PACKAGING: CARDBOARD BOX SIZE: 254mm X 76mm X 51mm
DF3-TA2428HC HIROSE-DF3-TA2428HC Datasheet
132Kb / 1P
   PACKAGING: CARDBOARD BOX, SIZE 254mm X 76mm X 51mm
logo
Transko Electronics, In...
TX-EI TRANSKO-TX-EI Datasheet
448Kb / 2P
   TCXO FULL SIZE SMD (18.3 x 11.7 x 4.5mm)
Ver.1: Jan. 2015
logo
FSP TECHNOLOGY INC.
FSP060-1S35-24 FSP-FSP060-1S35-24 Datasheet
132Kb / 1P
   C ompact size 3' x 5" x 0.82"||" "780286
Power saving function
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com